Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QP-320F Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # QP-320F
Description  320W Quad Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

QP-320F Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  QP-320F Datasheet HTML 1Page - RSG Electronic Components GmbH QP-320F Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWERGOOD/POWERFAIL
FUNCTION
POWERFACTOR (Typ.)
PF>0.95/230VACPF>0.98/115VACatfullload
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
PEAKCURRENT
RATEDPOWER
RIPPLE&NOISE(max.) Note.2
OUTPUT
VOLTAGE ADJ.RANGE
VOLTAGETOLERANCE Note.3
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
ENVIRONMENT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
OVERTEMPERATURE
PROTECTION
ACCURRENT (Typ.)
800ms,50msatfullload
16msatfullload
90~264VAC127~370VDC
47~63Hz
83%
25A/115VAC45A/230VAC
<2mA /240VAC
105~150% ratedoutputpower
CH1:5.75~6.75VCH2:13.8~16.2V
CH1:5.75~6.75VCH2:17.25~20.25V
95
5
(TSW1)Detectonheatsinkofpowertransistor
Protectiontype:Foldbackcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
-10~+70
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
10ms/1ms
-20~+85
,10~95%RH
0.03%/
(0~50
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
213.5Khrsmin.MIL-HDBK-217F(25
)
215*115*50mm(L*W*H)
1.2Kg;12pcs/15.4Kg/0.92CUFT
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Every output channel can provide up to the maximum current, but total load can't exceed the rated output power.
5. CH3(24V) peak current 20A,
1ms, repeatable in every 100ms. CH3(24V) output must be above 16V in the period of peak current.
FileName:QP-320-SPEC2006-01-16
5V
5V
12V
15V
CH2
CH2
24V
24V
CH3
CH3
-12V
-15V
CH4
CH4
20A
20A
10A
8A
3A
3A
2A
1.6A
2.5~20A
20A
2.5~20A
20A
0~10A
10A
0~10A
10A
0.2~5A
20A, 1ms(Note5)
20A, 1ms(Note5)
0.2~5A
0.2~2A
2A
0.2~1.6A
1.6A
316W
100mVp-p
100mVp-p
150mVp-p
150mVp-p
150mVp-p
150mVp-p
150mVp-p
150mVp-p
CH1,2:+10,-5%
3.0%
3.0%
3.0%
3.0%
+10,-6%
+10,-6%
10%
10%
1.0%
1.0%
2.0%
2.0%
2.0%
2.0%
3.0%
3.0%
2.0%
2.0%
3.0%
3.0%
6.0%
6.0%
8.0%
8.0%
SAFETY STANDARDS
UL60950-1, TUVEN60950-1 Approved
320WQuadOutputwithPFCFunction
Q P - 3 2 0 series
Universal AC input / Full range
Built-in active PFC function, PF>0.95
Protections:Short circuit/Over load/Over voltage/Over temperature
CH1 & CH2
With power good and fail signal output
Built-in remote sense function for CH1 & CH2
LED indicator for power on
100% full load burn-in test
3 years warranty
can be adjusted from -5% ~ +10%
20A peak load capability for 24V channel
Features:
QP-320D
QP-320F
CH1
CH1
OUTPUTNUMBER
WORKINGTEMP.
WORKINGHUMIDITY
..
HARMONICCURRENT
EMSIMMUNITY
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
Complianceto
EN55024,Lightindustrylevel,criteria A
EN61000-4-2,3,4,5,6,8,11;ENV50204,
EMICONDUCTION&RADIATION
SAFETY &
EMC
(Note4)
4A/115VAC2A/230VAC
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - QP-320F

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
QP-320F MEANWELL-QP-320F Datasheet
247Kb / 2P
   320W Quad Output with PFC Function
QP-320F MEANWELL-QP-320F Datasheet
256Kb / 2P
   320W Quad Output with PFC Function
QP-320F MEANWELL-QP-320F Datasheet
257Kb / 2P
   320W Quad Output with PFC Function
logo
Total Power Internation...
QP-320F TOTAL-POWER-QP-320F Datasheet
256Kb / 2P
   320W Quad Output with PFC Function
More results

Similar Description - QP-320F

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
QP-320 TOTAL-POWER-QP-320 Datasheet
256Kb / 2P
   320W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-320 MEANWELL-QP-320_11 Datasheet
257Kb / 2P
   320W Quad Output with PFC Function
QP-320 MEANWELL-QP-320 Datasheet
247Kb / 2P
   320W Quad Output with PFC Function
QP-320 MEANWELL-QP-320_10 Datasheet
256Kb / 2P
   320W Quad Output with PFC Function
SP-320 MEANWELL-SP-320_11 Datasheet
416Kb / 2P
   320W Single Output with PFC Function
logo
Astrodyne Corporation
SP-320 ASTRODYNE-SP-320 Datasheet
295Kb / 2P
   320W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-320 RSG-SP-320 Datasheet
133Kb / 2P
   320W Single Output with PFC Function
logo
Astrodyne Corporation
SP320 ASTRODYNE-SP320 Datasheet
324Kb / 4P
   320W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-320 MEANWELL-SP-320 Datasheet
412Kb / 2P
   320W Single Output with PFC Function
logo
Total Power Internation...
SP-320 TOTAL-POWER-SP-320 Datasheet
494Kb / 2P
   320W Single Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com