Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLB3036PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRLB3036PBF
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLB3036PBF Datasheet(HTML) 6 Page - International Rectifier

  IRLB3036PBF Datasheet HTML 1Page - International Rectifier IRLB3036PBF Datasheet HTML 2Page - International Rectifier IRLB3036PBF Datasheet HTML 3Page - International Rectifier IRLB3036PBF Datasheet HTML 4Page - International Rectifier IRLB3036PBF Datasheet HTML 5Page - International Rectifier IRLB3036PBF Datasheet HTML 6Page - International Rectifier IRLB3036PBF Datasheet HTML 7Page - International Rectifier IRLB3036PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRLB3036PbF
6
www.irf.com
Fig. 17 - Typical Recovery Current vs. dif/dt
Fig 16. Threshold Voltage vs. Temperature
Fig. 19 - Typical Stored Charge vs. dif/dt
Fig. 18 - Typical Recovery Current vs. dif/dt
Fig. 20 - Typical Stored Charge vs. dif/dt
-75 -50 -25 0 25 50 75 100 125 150 175 200
TJ , Temperature ( °C )
0.5
1.0
1.5
2.0
2.5
3.0
ID = 250µA
ID = 1.0mA
ID = 1.0A
0
100
200
300
400
500
diF /dt (A/µs)
100
200
300
400
500
600
700
800
900
IF = 110A
VR = 51V
TJ = 25°C
TJ = 125°C
0
100
200
300
400
500
diF /dt (A/µs)
200
300
400
500
600
IF = 165A
VR = 51V
TJ = 25°C
TJ = 125°C
0
100
200
300
400
500
diF /dt (A/µs)
2
4
6
8
10
12
14
IF = 110A
VR = 51V
TJ = 25°C
TJ = 125°C
0
100
200
300
400
500
diF /dt (A/µs)
2
4
6
8
10
12
IF = 165A
VR = 51V
TJ = 25°C
TJ = 125°C


Similar Part No. - IRLB3036PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLB3036PBF IRF-IRLB3036PBF Datasheet
290Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRLB3036PBF IRF-IRLB3036PBF_15 Datasheet
290Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results

Similar Description - IRLB3036PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com