Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLB3813PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRLB3813PBF
Description  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLB3813PBF Datasheet(HTML) 6 Page - International Rectifier

  IRLB3813PBF Datasheet HTML 1Page - International Rectifier IRLB3813PBF Datasheet HTML 2Page - International Rectifier IRLB3813PBF Datasheet HTML 3Page - International Rectifier IRLB3813PBF Datasheet HTML 4Page - International Rectifier IRLB3813PBF Datasheet HTML 5Page - International Rectifier IRLB3813PBF Datasheet HTML 6Page - International Rectifier IRLB3813PBF Datasheet HTML 7Page - International Rectifier IRLB3813PBF Datasheet HTML 8Page - International Rectifier IRLB3813PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRLB3813PbF
6
www.irf.com
Fig 13c. Unclamped Inductive Waveforms
Fig 13b. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 13a. Maximum Avalanche Energy
vs. Drain Current
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 14b. Switching Time Waveforms
Fig 12. On-Resistance vs. Gate Voltage
Fig 14a. Switching Time Test Circuit
2
4
6
8
10
VGS, Gate -to -Source Voltage (V)
0
2
4
6
8
10
12
ID = 60A
TJ = 25°C
TJ = 125°C
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
VGS
+
-V
DD
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
ID
TOP
17A
27A
BOTTOM 48A


Similar Part No. - IRLB3813PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLB3813PBF IRF-IRLB3813PBF Datasheet
248Kb / 9P
   Optimized for UPS/Inverter Applications
logo
Infineon Technologies A...
IRLB3813PBF INFINEON-IRLB3813PBF Datasheet
248Kb / 9P
   Optimized for UPS/Inverter Applications
07/03/09
logo
International Rectifier
IRLB3813PBF IRF-IRLB3813PBF_15 Datasheet
248Kb / 9P
   Optimized for UPS/Inverter Applications
More results

Similar Description - IRLB3813PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com