Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS-50-12 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RS-50-12
Description  50W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RS-50-12 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RS-50-12 Datasheet HTML 1Page - RSG Electronic Components GmbH RS-50-12 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
CaseNo.905BUnit:mm
FileName:RS-50-SPEC2006-04-12
AMBIENTTEMPERATURE(
)
-25
-25
0
0
20
10
30
40
20
40
80
60
100
60
50
70
OutputDeratingVSInputVoltage
INPUTVOLTAGE(VAC)60Hz
88
100
95
120
115
160
140
200
180
240
220
264
Ta=25
90
100
80
70
60
50
40
TerminalPin.No Assignment
PinNo.
PinNo.
1
2
4
3
5
Assignment
Assignment
DCOUTPUT -V
DCOUTPUT +V
FG
AC/L
AC/N
5
4
3
2
1
5.5
74
18
6.5
87
99
89
4.5
55
20.5
3.5
3.5
3.5
2-M
3
(VERTICAL)
OutputDerating
50WSingleOutputSwitchingPowerSupply
R S - 5 0 series
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - RS-50-12

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-50-12 ASTRODYNE-RS-50-12 Datasheet
303Kb / 2P
   50W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-50-12 MEANWELL-RS-50-12 Datasheet
225Kb / 2P
   50W Single Output Switching Power Supply
RS-50-12 MEANWELL-RS-50-12 Datasheet
234Kb / 2P
   50W Single Output Switching Power Supply
RS-50-12 MEANWELL-RS-50-12 Datasheet
234Kb / 2P
   50W Single Output Switching Power Supply
logo
Total Power Internation...
RS-50-12 TOTAL-POWER-RS-50-12 Datasheet
305Kb / 2P
   50W Single Output Switching Power Supply
More results

Similar Description - RS-50-12

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
LPS50 ASTRODYNE-LPS50 Datasheet
314Kb / 4P
   50W Single Output Switching Power Supply
logo
Total Power Internation...
NES-50 TOTAL-POWER-NES-50 Datasheet
231Kb / 2P
   50W Single Output Switching Power Supply
logo
RSG Electronic Componen...
LPS-50 RSG-LPS-50 Datasheet
203Kb / 2P
   50W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
LPS-50 MEANWELL-LPS-50 Datasheet
218Kb / 2P
   50W Single Output Switching Power Supply
RS-50 MEANWELL-RS-50_11 Datasheet
234Kb / 2P
   50W Single Output Switching Power Supply
LPS-50 MEANWELL-LPS-50_10 Datasheet
221Kb / 2P
   50W Single Output Switching Power Supply
LPS-50_1108 MEANWELL-LPS-50_1108 Datasheet
220Kb / 2P
   50W Single Output Switching Power Supply
logo
XP Power Limited
LPS-50-3.3 XPPOWER-LPS-50-3.3 Datasheet
675Kb / 4P
   50W Single Output Switching Power Supply
logo
Astrodyne Corporation
RS-50 ASTRODYNE-RS-50 Datasheet
303Kb / 2P
   50W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-50_1108 MEANWELL-RS-50_1108 Datasheet
234Kb / 2P
   50W Single Output Switching Power Supply
S-50 MEANWELL-S-50 Datasheet
416Kb / 2P
   50W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com