Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCP-1K2-09 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # SCP-1K2-09
Description  900~1200W Parallel Type With PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

SCP-1K2-09 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  SCP-1K2-09 Datasheet HTML 1Page - RSG Electronic Components GmbH SCP-1K2-09 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FileName:SCP-1K2-SPEC2006-03-28
MechanicalSpecification
DeratingCurve
ControlterminalPin.No. Assignment(TB1):Dinkle51HDBC-O8P orequivalent
PinNo.
PinNo.
5
1
6
2
7
8
3
4
Assignment
Assignment
PG
VS+
PAR
VS-
GND
INH
VCI
VCO
MatingWith
Dinkle51SDB-O8P
orequivalent
Unit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(VAC)60Hz
1800
1600
1400
800
1000
1200
1100
600
Ta=25
TerminalPin.No. Assignment
PinNo.
1
3
2
Assignment
FG
AC/N
AC/L
90
110
130
150
180
200
220
240
260
160
ACINPUT
1
3
2
M3(NUT)3H-4
M3(NUT)3H-4
#6-32-4
1 2 3 4 5 6 7 8
LED
POS+
NEG-
120
200
200
26.5
290
251
LED
Vadj
TB1
30
Airflow
direction
10
-20
-10
20
30
40
50
60
70
20
40
60
80
100
S C P - 1 K 2 series
900~1200WParallel TypeWithPFCFunction
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - SCP-1K2-09

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SCP-1K2-09 ASTRODYNE-SCP-1K2-09 Datasheet
1Mb / 3P
   900~1200W Parallel Type With PFC Function
logo
Mean Well Enterprises C...
SCP-1K2-09 MEANWELL-SCP-1K2-09 Datasheet
379Kb / 3P
   900~1200W Parallel (N1) With PFC Function
More results

Similar Description - SCP-1K2-09

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SCP-1K2 ASTRODYNE-SCP-1K2 Datasheet
1Mb / 3P
   900~1200W Parallel Type With PFC Function
logo
Mean Well Enterprises C...
SCP-1K2 MEANWELL-SCP-1K2 Datasheet
379Kb / 3P
   900~1200W Parallel (N1) With PFC Function
logo
Astrodyne Corporation
SCN-1K2 ASTRODYNE-SCN-1K2 Datasheet
418Kb / 3P
   1200W With Parallel Function
logo
RSG Electronic Componen...
SCP-2K4 RSG-SCP-2K4 Datasheet
418Kb / 4P
   2400W Parallel Type With PFC Function
logo
Astrodyne Corporation
SCP-2K4 ASTRODYNE-SCP-2K4 Datasheet
1Mb / 3P
   2400W Parallel Type With PFC Function
SCP-800 ASTRODYNE-SCP-800 Datasheet
1Mb / 3P
   800W Parallel Type With PFC Function
logo
RSG Electronic Componen...
SCP-800 RSG-SCP-800 Datasheet
141Kb / 2P
   800W Parallel Type With PFC Function
logo
Mean Well Enterprises C...
SCN-1K2 MEANWELL-SCN-1K2 Datasheet
325Kb / 3P
   1200W Single Output With Parallel Function
logo
RSG Electronic Componen...
SCP-600 RSG-SCP-600 Datasheet
143Kb / 2P
   500~600W Parallel Type With PFC Function
logo
Astrodyne Corporation
SCP-600 ASTRODYNE-SCP-600 Datasheet
1Mb / 3P
   500~600W Parallel Type With PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com