Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLB8743PBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRLB8743PBF
Description  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLB8743PBF Datasheet(HTML) 9 Page - International Rectifier

  IRLB8743PBF Datasheet HTML 1Page - International Rectifier IRLB8743PBF Datasheet HTML 2Page - International Rectifier IRLB8743PBF Datasheet HTML 3Page - International Rectifier IRLB8743PBF Datasheet HTML 4Page - International Rectifier IRLB8743PBF Datasheet HTML 5Page - International Rectifier IRLB8743PBF Datasheet HTML 6Page - International Rectifier IRLB8743PBF Datasheet HTML 7Page - International Rectifier IRLB8743PBF Datasheet HTML 8Page - International Rectifier IRLB8743PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRLB8743PbF
www.irf.com
9
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Starting TJ = 25°C, L = 0.61mH, RG = 25Ω,
IAS = 32A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ Calculated continuous current based on
maximum allowable junction temperature.
Package limitation current is 78A.
Notes:
… When mounted on 1" square PCB (FR-4 or G-10 Material).
For recommended footprint and soldering techniques refer to
application note #AN-994.
† Rθ is measured at TJ approximately 90°C.
‡ This is only applied to TO-220AB pakcage.
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.04/2009
TO-220AB Part Marking Information
DIU@SI6UDPI6G
Q6SUÃIVH7@S
S@8UDAD@S
GPUÃ8P9@
6TT@H7G`
GPBP
`@6SÃÃ2Ã!
96U@Ã8P9@
X@@FÃ (
GDI@Ã8
GPUÃ8P9@Ã &'(
@Y6HQG@) UCDTÃDTÃ6IÃDSA  Ã
I‚‡r)ÃÅQÅÃvÃh††r€iy’Ãyvr†v‡v‚
vqvph‡r†ÃÅGrhqÃÃA…rrÅ
DIÃUC@Ã6TT@H7G`ÃGDI@ÃÅ8Å
6TT@H7G@9ÃPIÃXXÃ (Ã!
Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/


Similar Part No. - IRLB8743PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLB8743PBF IRF-IRLB8743PBF Datasheet
271Kb / 9P
   Optimized for UPS/Inverter Applications
logo
Infineon Technologies A...
IRLB8743PBF INFINEON-IRLB8743PBF Datasheet
280Kb / 10P
   HEXFETPower MOSFET
04/22/09
logo
International Rectifier
IRLB8743PBF IRF-IRLB8743PBF_15 Datasheet
271Kb / 9P
   Optimized for UPS/Inverter Applications
logo
Infineon Technologies A...
IRLB8743PBF INFINEON-IRLB8743PBF_V01 Datasheet
280Kb / 10P
   HEXFETPower MOSFET
04/22/09
More results

Similar Description - IRLB8743PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com