Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USP-350-12 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # USP-350-12
Description  350W Single Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

USP-350-12 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  USP-350-12 Datasheet HTML 1Page - RSG Electronic Components GmbH USP-350-12 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PWM
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
P.F.C.
POWER
SWITCH-
FILTER
&
RECTIFIERS
+V
I/P
FG
ING
CONTROL
O.V.P.
O.C.P.
INRUSH
CURRENT
ACTIVE
LIMITING
-V
Block Diagram
Mechanical Specification
Derating Curve
Static Characteristics (5V)
File Name:USP-350-SPEC 2006-07-24
AC Input Connector (CN1) : JST B5P-VH or equivalent
DC Output Connector (CN2,CN3) :
or equivalent
JST B9P-VH*2
Pin No.
Pin No.
1
1~9
3
10~18
2,4
5
Assignment
Assignment
FG
-V
AC/N
AC/L
+V
No Pin
Mating Housing
Mating Housing
JST VHR
or equivalent
JST VHR
or equivalent
Terminal
Terminal
JST SVH-21T-P1.1
or equivalent
JST SVH-21T-P1.1
or equivalent
Case No. 941A-D
Unit:mm
O.T.P.
AMBIENT TEMPERATURE ( )
INPUT VOLTAGE (V) 60Hz
90
100
110
135
155
230
260
100
90
80
70
60
50
40
Ta=25
-10
010203040 45
5060 65
70
20
40
50
60
80
100
3.3V,5V
Others
350W Single Output with PFC Function
USP-350 series
5
1
3
4
2
CN1
FS1
1
CN3
LED1
2
4
3
6
5
8
7
9
16
18
17
12
11
14
15
13
10
CN2
38
4.85
4.85
235.2
5-M3 L=2
FAN
23.5CFM
direction
Air flow
54.6
81
24.5
1
2
CN4
(HORIZONTAL)
-S
+S
Mating Housing
Molex 5051
or equivalent
Terminal
Molex 4809
or equivalent
Remote Sense(CN4) : Molex 5045-02 or equivalent
Pin No.
1
2
Assignment
RS+
RS-
fosc : 100KHz


Similar Part No. - USP-350-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
USP-350-12 MEANWELL-USP-350-12 Datasheet
135Kb / 2P
   350W Single Output with PFC Function
USP-350-12 MEANWELL-USP-350-12 Datasheet
263Kb / 2P
   350W Single Output with PFC Function
More results

Similar Description - USP-350-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
USP-350 MEANWELL-USP-350 Datasheet
135Kb / 2P
   350W Single Output with PFC Function
USP-350 MEANWELL-USP-350_10 Datasheet
263Kb / 2P
   350W Single Output with PFC Function
logo
Total Power Internation...
USP-350 TOTAL-POWER-USP-350 Datasheet
217Kb / 2P
   350W Single Output with PFC Function
logo
Mean Well Enterprises C...
HRPG-450 MEANWELL-HRPG-450_11 Datasheet
478Kb / 3P
   450W Single Output with PFC Function
ASP-150 MEANWELL-ASP-150_10 Datasheet
282Kb / 2P
   150W Single Output with PFC Function
HRPG-600 MEANWELL-HRPG-600 Datasheet
378Kb / 4P
   600W Single Output with PFC Function
SP-320 MEANWELL-SP-320_11 Datasheet
416Kb / 2P
   320W Single Output with PFC Function
logo
XP Power Limited
PPS-200-5 XPPOWER-PPS-200-5 Datasheet
330Kb / 2P
   200W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-100 RSG-SP-100 Datasheet
138Kb / 2P
   100W Single Output with PFC Function
logo
Mean Well Enterprises C...
PPS-200 MEANWELL-PPS-200 Datasheet
328Kb / 2P
   200W Single Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com