Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1080L Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1080L
Description  Spread-Spectrum Crystal Multiplier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1080L Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1080L Datasheet HTML 1Page - Maxim Integrated Products DS1080L Datasheet HTML 2Page - Maxim Integrated Products DS1080L Datasheet HTML 3Page - Maxim Integrated Products DS1080L Datasheet HTML 4Page - Maxim Integrated Products DS1080L Datasheet HTML 5Page - Maxim Integrated Products DS1080L Datasheet HTML 6Page - Maxim Integrated Products DS1080L Datasheet HTML 7Page - Maxim Integrated Products DS1080L Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Spread-Spectrum Crystal Multiplier
CRYSTAL
OSCILLATOR
1x/2x/4x CLOCK MULTIPLYING
PLL WITH SPREAD SPECTRUM
CONFIGURATION DECODE
AND CONTROL
VCC
VCC
GND
NOTE: SEE INFORMATION ABOUT CL1 AND CL2 IN THE APPLICATIONS INFORMATION SECTION AT THE END OF THE DATA SHEET.
PDN
SSO
CMSEL
SMSEL
X1
X2
16MHz
TO
33.4MHz
fSSO = 16MHz
TO
134MHz
CL1
CL2
fIN
fSSO
DS1080L
Block Diagram
Pin Description
PIN
NAME
FUNCTION
1
X1
Crystal Drive/Clock Input. A crystal with the proper loading capacitors is connected across X1 and X2.
Instead of a crystal, a clock can be applied at the X1 input.
2
GND
Signal Ground
3
CMSEL
Clock Multiplier Select. Tri-level digital input.
0 = 1x
Float = 2x
1 = 4x
4
SMSEL
Spread-Spectrum Magnitude Select. Tri-level digital input.
0 = ±0.5%
Float = ±1.0%
1 = ±1.5%
5
PDN
Power-Down/Spread-Spectrum Disable. Tri-level digital input.
0 = Power-Down/SSO Three-Stated
Float = Power-Up/Spread Spectrum Disabled
1 = Power-Up/Spread Spectrum Enabled
6
SSO
Spread-Spectrum Clock Multiplier Output. Outputs a 1x, 2x, or 4x spread-spectrum version of the crystal
or clock applied at the X1/X2 pins.
7
VCC
Supply Voltage
8
X2
Crystal Drive Output. A crystal with the proper loading capacitors is connected across X1 and X2.
If a clock is connected to X1, then X2 should be left open circuit.
_______________________________________________________________________________________
5


Similar Part No. - DS1080L

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1080L DALLAS-DS1080L Datasheet
178Kb / 8P
   Spread-Spectrum Crystal Multiplier
logo
Maxim Integrated Produc...
DS1080L MAXIM-DS1080L Datasheet
269Kb / 8P
   Spread-Spectrum Crystal Multiplier
Rev 3; 10/11
DS1080L MAXIM-DS1080L Datasheet
155Kb / 8P
   Spread-Spectrum Crystal Multiplier
Rev 4; 5/12
DS1080L MAXIM-DS1080L Datasheet
217Kb / 8P
   Spread-Spectrum Crystal Multiplier
19-4997; Rev 5; 3/13
DS1080LU++ MAXIM-DS1080LU+ Datasheet
155Kb / 8P
   Spread-Spectrum Crystal Multiplier
Rev 4; 5/12
More results

Similar Description - DS1080L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1080CL MAXIM-DS1080CL Datasheet
284Kb / 8P
   Spread-Spectrum Crystal Multiplier
Rev 1; 10/11
DS1080L MAXIM-DS1080L_V01 Datasheet
217Kb / 8P
   Spread-Spectrum Crystal Multiplier
19-4997; Rev 5; 3/13
logo
Dallas Semiconductor
DS1080L DALLAS-DS1080L Datasheet
178Kb / 8P
   Spread-Spectrum Crystal Multiplier
logo
Maxim Integrated Produc...
MAX31180 MAXIM-MAX31180 Datasheet
538Kb / 9P
   Spread-Spectrum Crystal Multiplier
19-6524; Rev 3; 2/19
DS1080L MAXIM-DS1080L_11 Datasheet
269Kb / 8P
   Spread-Spectrum Crystal Multiplier
Rev 3; 10/11
DS1080L MAXIM-DS1080L_12 Datasheet
155Kb / 8P
   Spread-Spectrum Crystal Multiplier
Rev 4; 5/12
logo
Integrated Circuit Syst...
MK1714-02 ICST-MK1714-02 Datasheet
72Kb / 5P
   Spread Spectrum Multiplier Clock
logo
Renesas Technology Corp
MK1714-01 RENESAS-MK1714-01 Datasheet
404Kb / 10P
   SPREAD SPECTRUM MULTIPLIER CLOCK
051310
MK1714-02 RENESAS-MK1714-02 Datasheet
379Kb / 9P
   SPREAD SPECTRUM MULTIPLIER CLOCK
051310
logo
List of Unclassifed Man...
SG-9001LB ETC2-SG-9001LB Datasheet
233Kb / 1P
   CRYSTAL OSCILLATOR SPREAD SPECTRUM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com