Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOFZ3S500G Datasheet(PDF) 1 Page - MMD Components

Part # MOFZ3S500G
Description  Oven Controlled Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MOFZ3S500G Datasheet(HTML) 1 Page - MMD Components

  MOFZ3S500G Datasheet HTML 1Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice
Revision: MOF091009H
MOFH and MOFZ Series / 14 Pin DIP OCXO
Oven Controlled Oscillator
1.0 MHz to 150.0 MHz Available
14-pin DIP Package
-40
°C to 85° Available
±50ppb to ±500ppb
PART NUMBERING GUIDE:
ELECTRICAL SPECIFICATIONS:
Frequency Range
1.0 MHz to 150.0MHz
Frequency Stability
±50ppb to ±500ppb
Operating Temperature
-40
°C to 85°C max*
* All stabilities not available, please consult MMD for
availablity.
Storage Temperature
-40
°C to 95°C
Sinewave
±3 dBm
50Ω
Output
HCMOS
10% Vdd max
90% Vdd min
30pF
Supply Voltage (Vdd)
3.3V
5V
12V
typ
220mA
200mA
80mA
Supply Current
max
550mA
400mA
150mA
Warm-up Time
3min. @ 25
°C
Input Impedance
100K Ohms typical
Crystal
AT or SC Cut options
Phase Noise @ 10MHZ
SC
AT
10 Hz Offset
-100dBc
-92dBc
100 Hz Offset
-127dBc
-118dBc
MOF H 5 S 100 B
Frequency
1000 Hz Offset
-140dBc
-135dBc
Voltage Control 0 to VCC
±3ppm typ
±10ppm typ
*Specific Stabilites/ Temperatures requires an SC Cut Crystal
Aging (after 30 days)
±0.5ppm/yr.
±1.5ppm/yr.
MECHANICAL DETAILS:
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomponents.com
Sales@mmdcomp.com
Pin Connections
Pin 1 = Vc
Pin 7 = Ground
Pin 8 = Output
Pin 14 = Supply Voltage
Operating Temperature
A = 0ºC to 50ºC
B = -10ºC to 60ºC
C = -20ºC to 70ºC
D = -30ºC to 70ºC
E = -30ºC to 80ºC
F = -40ºC to 85ºC
G = 0ºC to 70ºC
Supply
Voltage
3 = 3.3 Volt
5 = 5 Volt
12 = 12 Volt
Frequency Stability
050 = ±50ppb
100 = ±100ppb
250 = ±250ppb
500 = ±500ppb
Output Type
H = HCMOS
Z = Sinewave
Crystal Cut*
Blank = AT Cut
S = SC Cut


Similar Part No. - MOFZ3S500G

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
MOF WILLOW-MOF Datasheet
87Kb / 2P
   METAL OXIDE FILM RESISTORS
logo
Unity Opto Technology
MOF-R3C2 UOT-MOF-R3C2 Datasheet
345Kb / 4P
   Fiber Optic Receiver
MOF-R3C3 UOT-MOF-R3C3 Datasheet
349Kb / 4P
   Fiber Optic Receiver
MOF-R3C4 UOT-MOF-R3C4 Datasheet
339Kb / 4P
   Fiber Optic Receiver
MOF-R3C5 UOT-MOF-R3C5 Datasheet
42Kb / 4P
   Fiber Optic Receiver
More results

Similar Description - MOFZ3S500G

ManufacturerPart #DatasheetDescription
logo
MMD Components
MOBH5 MMD-MOBH5 Datasheet
126Kb / 2P
   Oven Controlled Oscillator
MOAH MMD-MOAH Datasheet
120Kb / 1P
   Oven Controlled Oscillator
MOCH15 MMD-MOCH15 Datasheet
111Kb / 2P
   Oven Controlled Oscillator
MOBH MMD-MOBH Datasheet
118Kb / 1P
   Oven Controlled Oscillator
MOAH3 MMD-MOAH3 Datasheet
108Kb / 2P
   Oven Controlled Oscillator
MODZ12 MMD-MODZ12 Datasheet
126Kb / 2P
   Oven Controlled Oscillator
MOFH12 MMD-MOFH12 Datasheet
122Kb / 2P
   Oven Controlled Oscillator
MODZ MMD-MODZ Datasheet
147Kb / 1P
   Oven Controlled Oscillator
MOEH MMD-MOEH Datasheet
127Kb / 1P
   Oven Controlled Oscillator
MOEH3 MMD-MOEH3 Datasheet
112Kb / 2P
   Oven Controlled Oscillator
MOCH MMD-MOCH Datasheet
130Kb / 1P
   Oven Controlled Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com