Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2490S+TR Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS2490S+TR
Description  USB to 1-Wire Bridge Chip
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2490S+TR Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS2490S+TR Datasheet HTML 1Page - Maxim Integrated Products DS2490S+TR Datasheet HTML 2Page - Maxim Integrated Products DS2490S+TR Datasheet HTML 3Page - Maxim Integrated Products DS2490S+TR Datasheet HTML 4Page - Maxim Integrated Products DS2490S+TR Datasheet HTML 5Page - Maxim Integrated Products DS2490S+TR Datasheet HTML 6Page - Maxim Integrated Products DS2490S+TR Datasheet HTML 7Page - Maxim Integrated Products DS2490S+TR Datasheet HTML 8Page - Maxim Integrated Products DS2490S+TR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
DS2490
2 of 50
SIGNAL SUMMARY Table 1
SIGNAL NAME
TYPE
FUNCTION
VD
PWR
Power supply input for digital and 1-Wire functions. Range: 5.0
 10%
VD2
PWR
Second VD supply, must be tied to VD externally to the IC (the two pins
are not tied together inside the package).
VB
PWR
Power supply input for USB functions. Range: 3.3V
 10% supply
regulated from USB supplied VBUS.
D+
I/O
USB data—non-inverted of differential data pair.
D-
I/O
USB data—inverted signal of differential data pair.
1-Wire
I/O
1-Wire input/output.
PMOD
I
Reserved for future use. Must be tied to GND.
SUSO
O
Suspend Output—buffered USB suspend-state output from USB device
controller. When HIGH the USB is in an active non-suspended state,
when LOW the USB has entered a suspended state. This is an open drain
output and requires an external pullup.
XI
I
Crystal input. Use a 12.0 MHz, fundamental-mode, parallel-resonant
crystal. A 12.0MHz CMOS clock source may also be used.
XO
O
Crystal output. Connect to other side of crystal 1 if used.
GND
PWR
Ground reference and ground return for 1-Wire bus.
NC
No connect. For factory use or reserved, do not connect to these pins.
RELATED DOCUMENTS
This specification uses terms from and references or complies with the Universal Serial Bus Specification
v1.1, which may be obtained from the USB Implementers Forum website: www.usb.org. The USB
specification is considered to be part of the DS2490 specification.
DOCUMENT ORGANIZATION
The remainder of this document is organized into the following major sections:
SECTION
SUMMARY
OVERVIEW
Device functional summary and application examples
1-WIRE I/F CONTROLLER
Edge control and timing diagrams of 1-Wire signals
USB COMMUNICATION
Configuration model, core and vendor-specific command
summaries
MODE COMMANDS
Commands used to configure 1-Wire interface operational
characteristics
CONTROL COMMANDS
Commands used to control 1-Wire communication
command processing
COMMUNICATION COMMANDS
Commands used to communicate with an attached 1-Wire
device
DEVICE FEEDBACK
Technique to obtain device status information
USB TRANSCEIVER
Transceiver connection requirements
OSCILLATOR
Oscillator connection requirements
SUSPEND OUTPUT
SUSO signal operation and purpose


Similar Part No. - DS2490S+TR

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2490S DALLAS-DS2490S Datasheet
530Kb / 50P
   USB to 1-Wire Bridge Chip
More results

Similar Description - DS2490S+TR

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2490 DALLAS-DS2490 Datasheet
530Kb / 50P
   USB to 1-Wire Bridge Chip
logo
Silicon Laboratories
CP2101-GMR SILABS-CP2101-GMR Datasheet
445Kb / 20P
   Single-Chip USB to UART Bridge
CP2130 SILABS-CP2130 Datasheet
364Kb / 27P
   SINGLE-CHIP USB-TO-SPI BRIDGE
logo
Dallas Semiconductor
DS9490B DALLAS-DS9490B Datasheet
216Kb / 5P
   USB to 1-Wire/iButton Adapter
logo
Maxim Integrated Produc...
DS9490R MAXIM-DS9490R Datasheet
556Kb / 6P
   USB to 1-Wire/iButton Adapter
Rev 8/09
logo
Silicon Laboratories
CP2103 SILABS-CP2103 Datasheet
417Kb / 20P
   SINGLE-CHIP USB TO UART BRIDGE
CP2102 SILABS-CP2102_V01 Datasheet
2Mb / 26P
   SINGLE-CHIP USB-TO-UART BRIDGE
Rev. 1.8 1/17
logo
List of Unclassifed Man...
CP2101 ETC-CP2101 Datasheet
348Kb / 14P
   Single-Chip USB to UART Bridge
CP2103 ETC1-CP2103 Datasheet
399Kb / 18P
   SINGLE-CHIP USB TO UART BRIDGE
logo
Silicon Laboratories
CP2102 SILABS-CP2102 Datasheet
408Kb / 18P
   SINGLE-CHIP USB TO UART BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com