Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2032ETP+T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2032ETP+T
Description  High-Linearity, 650MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2032ETP+T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2032ETP+T Datasheet HTML 1Page - Maxim Integrated Products MAX2032ETP+T Datasheet HTML 2Page - Maxim Integrated Products MAX2032ETP+T Datasheet HTML 3Page - Maxim Integrated Products MAX2032ETP+T Datasheet HTML 4Page - Maxim Integrated Products MAX2032ETP+T Datasheet HTML 5Page - Maxim Integrated Products MAX2032ETP+T Datasheet HTML 6Page - Maxim Integrated Products MAX2032ETP+T Datasheet HTML 7Page - Maxim Integrated Products MAX2032ETP+T Datasheet HTML 8Page - Maxim Integrated Products MAX2032ETP+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
General Description
The MAX2032 high-linearity passive upconverter or
downconverter mixer is designed to provide +33dBm
IIP3, 7dB NF, and 7dB conversion loss for a 650MHz to
1000MHz RF frequency range to support a multitude of
base-station applications. With a 650MHz to 1250MHz
LO frequency range, this particular mixer is ideal for
high-side LO injection architectures. For a pin-to-pin-
compatible mixer meant for low-side LO injection, refer
to the MAX2029.
In addition to offering excellent linearity and noise per-
formance, the MAX2032 also yields a high level of com-
ponent integration. This device includes a double-
balanced passive mixer core, a dual-input LO selec-
table switch, and an LO buffer. On-chip baluns are also
integrated to allow for a single-ended RF input for
downconversion (or RF output for upconversion) and
single-ended LO inputs. The MAX2032 requires a nomi-
nal LO drive of 0dBm, and supply current is guaranteed
to be below 100mA.
The MAX2032 is pin compatible with the MAX2039/
MAX2041 1700MHz to 2200MHz mixers, making this
family of passive upconverters and downconverters
ideal for applications where a common PCB layout is
used for both frequency bands.
The MAX2032 is available in a compact 20-pin thin
QFN package (5mm x 5mm) with an exposed pad.
Electrical performance is guaranteed over the extended
-40°C to +85°C temperature range.
Applications
Features
♦ 650MHz to 1000MHz RF Frequency Range
♦ 650MHz to 1250MHz LO Frequency Range
♦ 570MHz to 900MHz LO Frequency Range
(Refer to the MAX2029 Data Sheet)
♦ DC to 250MHz IF Frequency Range
♦ 7dB Conversion Loss
♦ +33dBm Input IP3
♦ +24dBm Input 1dB Compression Point
♦ 7dB Noise Figure
♦ Integrated LO Buffer
♦ Integrated RF and LO Baluns
♦ Low -3dBm to +3dBm LO Drive
♦ Built-In SPDT LO Switch with 49dB LO1 to LO2
Isolation and 50ns Switching Time
♦ Pin Compatible with the MAX2039/MAX2041
1700MHz to 2200MHz Mixers
♦ External Current-Setting Resistor Provides Option
for Operating Mixer in Reduced-Power/Reduced-
Performance Mode
High-Linearity, 650MHz to 1000MHz Upconversion/
Downconversion Mixer with LO Buffer/Switch
________________________________________________________________
Maxim Integrated Products
1
19-4965; Rev 0; 9/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
cdma2000 is a registered trademark of Telecommunications
Industry Association.
iDEN is a registered trademark of Motorola, Inc.
WiMAX is a trademark of WiMAX Forum.
WCDMA/LTE and
cdma2000® Base
Stations
GSM 850/GSM 900 2G
and 2.5G EDGE Base
Stations
Integrated Digital
Enhanced Network
(iDEN®) Base Stations
WiMAXTM Base Stations
and Customer Premise
Equipment
Predistortion Receivers
Microwave and Fixed
Broadband Wireless
Access
Wireless Local Loop
Digital and Spread-
Spectrum Communication
Systems
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX2032ETP+
-40°C to +85°C
20 Thin QFN-EP*
MAX2032ETP+T-40°C to +85°C
20 Thin QFN-EP*
+
Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
*
EP = Exposed pad.
MAX2032
TOP VIEW
4
5
3
2
12
11
13
14
67
TAP
910
20
19
17
16
GND
GND
VCC
GND
GND
LO1
8
18
RF
+
1
15
LO2
VCC
EP
Pin Configuration/
Functional Diagram


Similar Part No. - MAX2032ETP+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20320 MAXIM-MAX20320 Datasheet
676Kb / 2P
   Provides Robust Bidirectional Power Path
Rev 1; 7/16
MAX20320EWP+T MAXIM-MAX20320EWP+T Datasheet
676Kb / 2P
   Provides Robust Bidirectional Power Path
Rev 1; 7/16
MAX20323A MAXIM-MAX20323A Datasheet
603Kb / 13P
   USB Type-C CC-Pin Overvoltage Protector
19-100074; Rev 3; 1/19
MAX20323AENC+T*+T* MAXIM-MAX20323AENC+T* Datasheet
603Kb / 13P
   USB Type-C CC-Pin Overvoltage Protector
19-100074; Rev 3; 1/19
MAX20323BENC+T*+T* MAXIM-MAX20323BENC+T* Datasheet
603Kb / 13P
   USB Type-C CC-Pin Overvoltage Protector
19-100074; Rev 3; 1/19
More results

Similar Description - MAX2032ETP+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2031 MAXIM-MAX2031_09 Datasheet
1Mb / 20P
   High-Linearity, 650MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch
Rev 1; 6/09
MAX2029ETP-T MAXIM-MAX2029ETP-T Datasheet
417Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
MAX2029 MAXIM-MAX2029 Datasheet
411Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
MAX2031 MAXIM-MAX2031 Datasheet
634Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 7/05
MAX2039 MAXIM-MAX2039 Datasheet
363Kb / 16P
   High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX2041 MAXIM-MAX2041 Datasheet
395Kb / 16P
   High-Linearity, 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch
Rev 0; 1/06
MAX9984 MAXIM-MAX9984 Datasheet
493Kb / 15P
   SiGe High-Linearity, 400MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 4/05
MAX9986A MAXIM-MAX9986A Datasheet
348Kb / 12P
   SiGe High-Linearity, 815MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/06
MAX2042 MAXIM-MAX2042 Datasheet
4Mb / 27P
   SiGe High-Linearity, 2000MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 8/09
MAX2044 MAXIM-MAX2044 Datasheet
6Mb / 39P
   SiGe, High-Linearity, 2300MHz to 4000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com