Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2657EWT+T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2657EWT+T
Description  GPS/GNSS Low-Noise Amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2657EWT+T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2657EWT+T Datasheet HTML 1Page - Maxim Integrated Products MAX2657EWT+T Datasheet HTML 2Page - Maxim Integrated Products MAX2657EWT+T Datasheet HTML 3Page - Maxim Integrated Products MAX2657EWT+T Datasheet HTML 4Page - Maxim Integrated Products MAX2657EWT+T Datasheet HTML 5Page - Maxim Integrated Products MAX2657EWT+T Datasheet HTML 6Page - Maxim Integrated Products MAX2657EWT+T Datasheet HTML 7Page - Maxim Integrated Products MAX2657EWT+T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
GPS/GNSS Low-Noise Amplifiers
4
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(MAX2657/MAX2658 EV kit. Typical values are at VCC = 2.85V, TA = +25°C, and fRFIN = 1575.42MHz, unless otherwise noted.)
OUTPUT RETURN LOSS vs. FREQUENCY
FREQUENCY (MHz)
2000
1500
1000
-20
-15
-10
-5
0
-25
500
2500
MAX2658
MAX2657
MAX2657 IN-BAND IIP3 vs.
SUPPLY VOLTAGE AND TEMPERATURE
(TWO TONES LOCATED AT 1MHz AND
2MHz OFFSET WITH -35dBm/TONE)
SUPPLY VOLTAGE (V)
3.0
2.8
2.6
2.4
2.2
2.0
1.8
-4
-3
-2
-1
0
-5
1.6
3.2
-40˚C
+85˚C
+25˚C
MAX2658 IN-BAND IIP3 vs.
SUPPLY VOLTAGE AND TEMPERATURE
(TWO TONES LOCATED AT 1MHz AND
2MHz OFFSET WITH -30dBm/TONE)
SUPPLY VOLTAGE (V)
3.0
2.8
2.6
2.4
2.2
2.0
1.8
2
4
6
8
0
1.6
-40˚C
+85˚C
+25˚C
3.2
SUPPLY VOLTAGE (V)
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
3.2
MAX2658 OUT-OF-BAND IIP3 vs.
SUPPLY VOLTAGE AND TEMPERATURE
(TONE 1 AT 1713MHz, -25dBm;
TONE 2 AT 1851MHz, -49dBm)
5
6
7
8
9
10
4
-40˚C
+85˚C
+25˚C
MAX2657 OUT-OF-BAND IIP3 vs.
SUPPLY VOLTAGE AND TEMPERATURE
(TONE 1 AT 1713MHz, -25dBm;
TONE 2 AT 1851MHz, -49dBm)
SUPPLY VOLTAGE (V)
3.0
2.8
2.6
2.4
2.2
2.0
1.8
0
1
2
3
-1
1.6
-40˚C
+85˚C
+25˚C
3.2


Similar Part No. - MAX2657EWT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX265 MAXIM-MAX265 Datasheet
795Kb / 20P
   Pin and Resistor Programmed Universal Active Filters
19-0953; Rev 0; 12/88
MAX265-MAX266 MAXIM-MAX265-MAX266 Datasheet
795Kb / 20P
   Pin and Resistor Programmed Universal Active Filters
19-0953; Rev 0; 12/88
MAX2650 MAXIM-MAX2650 Datasheet
53Kb / 6P
   DC-to-Microwave, 5V Low-Noise Amplifier
19-1135; Rev 1; 8/03
MAX2650EUS-T MAXIM-MAX2650EUS-T Datasheet
53Kb / 6P
   DC-to-Microwave, 5V Low-Noise Amplifier
19-1135; Rev 1; 8/03
MAX2651 MAXIM-MAX2651 Datasheet
466Kb / 16P
   GSM900 and DCS1800/PCS1900 Dual-Band, Low-Noise Amplifiers
19-1506; Rev 1; 10/99
More results

Similar Description - MAX2657EWT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2687 MAXIM-MAX2687 Datasheet
1Mb / 11P
   GPS/GNSS Low-Noise Amplifiers
Rev 1; 5/12
MAX2686 MAXIM-MAX2686 Datasheet
905Kb / 8P
   GPS/GNSS Low-Noise Amplifiers
Rev 0; 8/10
MAX2686L MAXIM-MAX2686L Datasheet
1Mb / 10P
   GPS/GNSS Low-Noise Amplifiers with Integrated LDO
Rev 0; 3/12
MAX2659 MAXIM-MAX2659_09 Datasheet
241Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 2; 9/09
MAX2659_1108 MAXIM-MAX2659_1108 Datasheet
126Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 4; 8/11
MAX2659 MAXIM-MAX2659_V01 Datasheet
675Kb / 9P
   GPS/GNSS Low-Noise Amplifier
2021
MAX2659 MAXIM-MAX2659_11 Datasheet
125Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 3; 1/11
MAX2659 MAXIM-MAX2659 Datasheet
179Kb / 7P
   GPS/GNSS Low-Noise Amplifier
Rev 0; 4/07
logo
Skyworks Solutions Inc.
SKY65605-21 SKYWORKS-SKY65605-21 Datasheet
393Kb / 7P
   BDS/GPS/GNSS Low-Noise Amplifier
SKY65605 SKYWORKS-SKY65605_21 Datasheet
190Kb / 2P
   BDS-GPS-GNSS Low-Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com