Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3625B Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3625B
Description  Low-Jitter, Precision Clock Generator with Three Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3625B Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3625B Datasheet HTML 2Page - Maxim Integrated Products MAX3625B Datasheet HTML 3Page - Maxim Integrated Products MAX3625B Datasheet HTML 4Page - Maxim Integrated Products MAX3625B Datasheet HTML 5Page - Maxim Integrated Products MAX3625B Datasheet HTML 6Page - Maxim Integrated Products MAX3625B Datasheet HTML 7Page - Maxim Integrated Products MAX3625B Datasheet HTML 8Page - Maxim Integrated Products MAX3625B Datasheet HTML 9Page - Maxim Integrated Products MAX3625B Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Low-Jitter, Precision Clock
Generator with Three Outputs
_______________________________________________________________________________________
7
Table 1. Output Frequency Determination
CRYSTAL OR
CMOS INPUT
FREQUENCY
(MHz)
FEEDBACK
DIVIDER, M
VCO
FREQUENCY
(MHz)
OUTPUT
DIVIDER,
NA AND NB
OUTPUT
FREQUENCY
(MHz)
APPLICATIONS
2
312.5
4
156.25
5
125
25
25
625
10
62.5
Ethernet
25.78125
25
644.53125
4
161.132812
10Gbps Ethernet
2
312.5
4
156.25
5
125
26.04166
24
625
10
62.5
Ethernet
2
318.75
26.5625
24
637.5
4
159.375
10G Fibre Channel
LVPECL Drivers
The high-frequency outputs—QA, QB0, and QB1—are
differential PECL buffers designed to drive transmission
lines terminated with 50
Ω to VCC - 2.0V. The maximum
operating frequency is specified up to 320MHz. The
outputs can be disabled, if not used. The outputs go to
a logic 0 when disabled.
Reset Logic/POR
During power-on, a power-on reset (POR) signal is gen-
erated to synchronize all dividers. An external master
reset (MR) signal is not required.
Applications Information
Power-Supply Filtering
The MAX3625B is a mixed analog/digital IC. The PLL
contains analog circuitry susceptible to random noise.
In addition to excellent on-chip power-supply noise
rejection, the MAX3625B provides a separate power-
supply pin, VCCA, for the VCO circuitry. Figure 1 illus-
trates the recommended power-supply filter network for
VCCA. The purpose of this design technique is to
ensure a clean power supply to the VCO circuitry and
to improve the overall immunity to power-supply noise.
This network requires that the power supply is +3.3V
±5%. Decoupling capacitors should be used on all
supply pins for best performance.
Output Divider Configuration
Table 2 shows the input settings required to set the out-
put dividers. Note that when the MAX3625B is in
bypass mode (BYPASS set low), the output dividers are
automatically set to divide by 1.
PLL Divider Configuration
Table 3 shows the input settings required to set the PLL
feedback divider.
Table 2. Output Divider Configuration
INPUT
SELA1/SELB1
SELA0/SELB0
NA/NB DIVIDER
0
0
÷10
0
1
÷2
1
0
÷4
1
1
÷5
Table 3. PLL Divider Configuration
FB_SEL INPUT
M DIVIDER
0
÷25
1
÷24


Similar Part No. - MAX3625B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3625 MAXIM-MAX3625 Datasheet
290Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/07
MAX3625A MAXIM-MAX3625A Datasheet
311Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 5/09
MAX3625ACUG++ MAXIM-MAX3625ACUG+ Datasheet
311Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 5/09
MAX3625CUG++ MAXIM-MAX3625CUG+ Datasheet
290Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/07
More results

Similar Description - MAX3625B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3625 MAXIM-MAX3625 Datasheet
290Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/07
MAX3625A MAXIM-MAX3625A Datasheet
311Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 5/09
MAX3622 MAXIM-MAX3622 Datasheet
196Kb / 9P
   Low-Jitter, Precision Clock Generator with Two Outputs
Rev 0; 11/07
MAX3624 MAXIM-MAX3624 Datasheet
293Kb / 12P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 8/07
MAX3624_0711 MAXIM-MAX3624_0711 Datasheet
418Kb / 13P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 1; 11/07
MAX3624A MAXIM-MAX3624A Datasheet
396Kb / 12P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 10/09
MAX3627 MAXIM-MAX3627 Datasheet
619Kb / 11P
   3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs
Rev 0; 4/09
MAX3629 MAXIM-MAX3629 Datasheet
541Kb / 12P
   3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs
Rev 0; 2/09
logo
Analog Devices
AD9525 AD-AD9525 Datasheet
1Mb / 48P
   Low Jitter Clock Generator with Eight LVPECL Outputs
REV. 0
AD9525 AD-AD9525_13 Datasheet
852Kb / 48P
   Low Jitter Clock Generator with Eight LVPECL Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com