Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6948B Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6948B
Description  High-Efficiency PWM LED Driver with Boost Converter and Five Constant-Current GPIO Ports
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6948B Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6948B Datasheet HTML 1Page - Maxim Integrated Products MAX6948B Datasheet HTML 2Page - Maxim Integrated Products MAX6948B Datasheet HTML 3Page - Maxim Integrated Products MAX6948B Datasheet HTML 4Page - Maxim Integrated Products MAX6948B Datasheet HTML 5Page - Maxim Integrated Products MAX6948B Datasheet HTML 6Page - Maxim Integrated Products MAX6948B Datasheet HTML 7Page - Maxim Integrated Products MAX6948B Datasheet HTML 8Page - Maxim Integrated Products MAX6948B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
High-Efficiency PWM LED Driver with Boost
Converter and Five Constant-Current GPIO Ports
General Description
The MAX6948B general-purpose input/output (GPIO)
peripheral drives a series string of white LEDs (WLEDs),
and contains up to five general-purpose input/output
(GPIO) ports to drive additional LEDs.
The integrated 2MHz boost converter minimizes the size
and cost of external components and supplies 30mA of
load current at up to 28V. The converter is stable under
all load conditions from 5V up to 28V and includes
open-circuit detection to prevent damage to the IC. An
I2C-programmable 10-bit pulse-width modulation (PWM)
signal enables 1024 levels of WLED intensity.
The five GPIO ports function as logic inputs, open-
drain logic outputs, or constant-current sinks in any
combination. Ports withstand 5.5V independent of the
MAX6948B’s supply voltage. Two of the ports drive addi-
tional LEDs up to 30mA/port, while the other three ports
drive LEDs at up to 10mA/port. The MAX6948B features
shutdown and standby modes for low-power dissipa-
tion. The constant-current drivers contain programmable
PWM outputs and allow staggering to reduce the input
peak-current requirements. The I/O ports also feature
ramp-up and ramp-down controls.
The MAX6948B features a single input to select from four
I2C slave addresses. Programming and functionality for
the five GPIO ports is identical to the MAX6946/MAX6947
I/O expanders.
The MAX6948B is available in a 25-bump (2.31mm x
2.31mm) WLP package for cell phones, PDAs, and
other portable consumer electronic applications. The
MAX6948B operates over the -40NC to +105NC tempera-
ture range.
Applications
LED Backlighting for LCDs
Cell Phones
PDAs
Handheld Games
Portable Consumer Electronics
Features
S
28V Step-Up DC-DC Converter with Integrated
nMOS Power Switch
S
Built-In 10-Bit PWM Control for Improved Efficiency
S
No Discharge Path During PWM Off Period for
Increased Battery Life
S
Fixed 2MHz Switching for Smaller Components
Drives up to 6 Series WLEDs
S
±8kV Human Body Model (HBM) ESD Protection
for GPIOs and Boost-Converter Output
S
Five Open-Drain GPIOs Capable of Constant-
Current LED Drive with Individual 8-Bit PWM
Intensity Control
S
2.7V to 5V Power-Supply Operation
S
400kbps, 5.5V Tolerant I2C Interface
S
Four I2C Slave Address Choices
S
RST Input Clears Serial Interface and Exits
Shutdown (Reset-Run Option)
S
Small (2.31mm x 2.31mm) WLP Package
19-4935; Rev 0; 9/09
Ordering Information
+Denotes a lead(Pb)-free/RoHS-compliant package.
Typical Operating Circuit
EVALUATION
KIT
AVAILABLE
NOTE: RB = 0.2V/ILED = 0.2V/0.03A = 6.7I.
2.7V TO 5.0V
1.7V TO V+
LX
V+
SCL
SDA
RST
SCL
SDA
RST
VDD
COMP
AD0
GND
OUT
PGND
FB
LEDSW
B
G
R
P0
P1
P2
P3
P4
0.22FF
RB
10
µH
0.1FF
47nF
VEXT
MAX6948B
2.2FF
PART
TEMP RANGE
PIN-PACKAGE
MAX6948BGWA+
-40NC to +105NC
25 WLP


Similar Part No. - MAX6948B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6948 MAXIM-MAX6948 Datasheet
730Kb / 17P
   MAX6948 Evaluation Kit
Rev 0; 9/09
MAX6948EVKIT MAXIM-MAX6948EVKIT Datasheet
730Kb / 17P
   MAX6948 Evaluation Kit
Rev 0; 9/09
More results

Similar Description - MAX6948B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM3344 HMSEMI-HM3344 Datasheet
581Kb / 9P
   Precision, high efficiency buck-boost LED constant current driver
HM3341 HMSEMI-HM3341 Datasheet
679Kb / 9P
   High-precision, high-efficiency buck-boost LED constant current driver
logo
Kingbor Technology Co
KB4314 KINGBOR-KB4314 Datasheet
150Kb / 9P
   High Efficiency, Constant Current 1 Watt Boost White-LED Driver
KB4313 KINGBOR-KB4313 Datasheet
210Kb / 10P
   High Efficiency, Constant Current 12 Watt Boost White-LED Driver
KB4317 KINGBOR-KB4317 Datasheet
146Kb / 9P
   High Efficiency, Constant Current 2 Watt Boost White-LED Driver
logo
Shenzhen Huazhimei Semi...
HM5305 HMSEMI-HM5305 Datasheet
423Kb / 9P
   Boost high-power LED constant current driver
logo
New Japan Radio
NJW4615 NJRC-NJW4615 Datasheet
62Kb / 3P
   Constant Current LED Driver with PWM Control
NJW4617 NJRC-NJW4617 Datasheet
155Kb / 4P
   Constant Current LED Driver with PWM Control
NJU6080 NJRC-NJU6080 Datasheet
154Kb / 8P
   CONSTANT CURRENT LED DRIVER with PWM CONTROL
NJW4616 NJRC-NJW4616 Datasheet
223Kb / 4P
   Constant Current LED Driver with PWM Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com