Electronic Components Datasheet Search |
|
MAX14770E Datasheet(PDF) 11 Page - Maxim Integrated Products |
|
MAX14770E Datasheet(HTML) 11 Page - Maxim Integrated Products |
11 / 15 page High-ESD Profibus RS-485 Transceiver ______________________________________________________________________________________ 11 Pin Configurations Pin Description PIN NAME FUNCTION 1 RO Receiver Output. When RE is low and (A - B) R -50mV, RO is high; if (A - B) P -200mV, RO is low. 2 RE Receiver Enable. Drive RE low to enable RO; RO is high impedance when RE is high. Drive RE high and DE low to enter low-power shutdown mode. 3 DE Driver Enable. Drive DE high to enable driver output. The driver outputs are high impedance when DE is low. Drive RE high and DE low to enter low-power shutdown mode. 4 DI Driver Input. With DE high, a low on DI forces the noninverting output, A, low and the inverting out- put, B, high. Similarly, a high on DI forces the noninverting output, A, high and the inverting output, B, low. 5 GND Ground 6 A Noninverting Receiver Input and Noninverting Driver Output 7 B Inverting Receiver Input and Inverting Driver Output 8 VCC Positive Supply. Bypass VCC to GND with a 0.1FF ceramic capacitor as close as possible to the device. — EP Exposed Pad (TDFN Only). Connect EP to GND. MAX14770E + TOP VIEW A GND 8 7 VCC B SO 6 5 DE DI 1 2 RO 3 4 RE 1 + 4 3 8 6 5 VCC MAX14770E 2 7 B A GND DE RO DI TDFN (3mm × 3mm) *CONNECT EXPOSED PAD TO GND. *EP RE |
Similar Part No. - MAX14770E |
|
Similar Description - MAX14770E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |