Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15054AUT+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX15054AUT+
Description  High-Side MOSFET Driver for HB LED Drivers and DC-DC Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15054AUT+ Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX15054AUT+ Datasheet HTML 1Page - Maxim Integrated Products MAX15054AUT+ Datasheet HTML 2Page - Maxim Integrated Products MAX15054AUT+ Datasheet HTML 3Page - Maxim Integrated Products MAX15054AUT+ Datasheet HTML 4Page - Maxim Integrated Products MAX15054AUT+ Datasheet HTML 5Page - Maxim Integrated Products MAX15054AUT+ Datasheet HTML 6Page - Maxim Integrated Products MAX15054AUT+ Datasheet HTML 7Page - Maxim Integrated Products MAX15054AUT+ Datasheet HTML 8Page - Maxim Integrated Products MAX15054AUT+ Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
High-Side MOSFET Driver for HB LED Drivers
and DC-DC Applications
8 ______________________________________________________________________________________
Typical Operating Circuits (continued)
MAX16814
Q1
Q2
VCC
VIN
D1
D2
D3
L
CBST
VDD
IN
EN
VCC
VDRV
FLAG
DIM
RSDT
COMP
SGND
PGND
LEDGND
R9
R5
C5
R3
R2
R1
C3
VCC
C2
C4
R6
CC
RC
R8
R7
ISET
OUT4
OUT1
OVP
NDRV
CS
RT
GND
HI
BST
HDRV
LX
C1
C6
C7
R11
R12
R10
R9
COUT
MAX15054


Similar Part No. - MAX15054AUT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15050 MAXIM-MAX15050 Datasheet
676Kb / 6P
   Operates from 2.9V to 5.5V Input Supply
Rev 0; 5/10
MAX15050 MAXIM-MAX15050 Datasheet
1Mb / 15P
   High-Efficiency, 4A, 1MHz, Step-Down Regulators with Integrated Switches in 2mm x 2mm Package
2010
MAX15050EVKIT MAXIM-MAX15050EVKIT Datasheet
676Kb / 6P
   Operates from 2.9V to 5.5V Input Supply
Rev 0; 5/10
MAX15050EWE++ MAXIM-MAX15050EWE+ Datasheet
1Mb / 15P
   High-Efficiency, 4A, 1MHz, Step-Down Regulators with Integrated Switches in 2mm x 2mm Package
2010
MAX15051EWE++ MAXIM-MAX15051EWE+ Datasheet
1Mb / 15P
   High-Efficiency, 4A, 1MHz, Step-Down Regulators with Integrated Switches in 2mm x 2mm Package
2010
More results

Similar Description - MAX15054AUT+

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5994 GMT-G5994 Datasheet
42Kb / 1P
   4-Channels HB-LED Driver with High Voltage DC-DC Controller
logo
Maxim Integrated Produc...
MAX16801A MAXIM-MAX16801A_10 Datasheet
209Kb / 16P
   Offline and DC-DC PWM Controllers for High-Brightness LED Drivers
Rev 2; 1/10
MAX16801A MAXIM-MAX16801A Datasheet
356Kb / 15P
   Off-Line and DC-DC PWM Controllers for High-Brightness LED Drivers
Rev 0; 10/05
MAX16833 MAXIM-MAX16833_V01 Datasheet
923Kb / 25P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
2017
MAX16833 MAXIM-MAX16833 Datasheet
1Mb / 22P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Rev 0; 6/10
MAX16833 MAXIM-MAX16833_11 Datasheet
1Mb / 22P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Rev 3; 7/11
logo
Maxic Technology Corpor...
MT7955 MAXIC-MT7955 Datasheet
183Kb / 1P
   High Accuracy, Primary-side AC-DC LED Driver
MT7952 MAXIC-MT7952 Datasheet
182Kb / 1P
   High Accuracy, Primary-side AC-DC LED Driver
MT7958 MAXIC-MT7958 Datasheet
183Kb / 1P
   High Accuracy, Primary-side AC-DC LED Driver
MT7950H MAXIC-MT7950H Datasheet
182Kb / 1P
   High Accuracy, Primary-side AC-DC LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com