Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16913GEE+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX16913GEE+
Description  Remote Antenna Current-Sense Amplifier and Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16913GEE+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX16913GEE+ Datasheet HTML 1Page - Maxim Integrated Products MAX16913GEE+ Datasheet HTML 2Page - Maxim Integrated Products MAX16913GEE+ Datasheet HTML 3Page - Maxim Integrated Products MAX16913GEE+ Datasheet HTML 4Page - Maxim Integrated Products MAX16913GEE+ Datasheet HTML 5Page - Maxim Integrated Products MAX16913GEE+ Datasheet HTML 6Page - Maxim Integrated Products MAX16913GEE+ Datasheet HTML 7Page - Maxim Integrated Products MAX16913GEE+ Datasheet HTML 8Page - Maxim Integrated Products MAX16913GEE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Remote Antenna Current-Sense
Amplifier and Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = +9V to +18V, TA = TJ = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND ............................................….…………-0.3V to +42V
OUT to GND ...........................................................-0.3V to +42V
SENS to IN.............................................................-0.3V to +0.3V
SC, OL, SHDN, OLT, AOUT to GND..................…-0.3V to +6.0V
Current into Any Pin Except OUT and SENS....................±20mA
Current into SENS and OUT ...........................................±340mA
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 18.2mW/°C above +70°C)....1454.5mW
Junction-to-Case Thermal Resistance (
θJC) (Note 1) ......25°C/W
Junction-to-Ambient Thermal Resistance (
θJA) (Note 1).....55°C/W
Operating Temperature Range .........................-40°C to +105°C
Junction Temperature........................................-40°C to +150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
Operating Input Voltage Range
VIN
518
V
Quiescent Supply Current
ICC
VSHDN < 0.4V
0.6
1.2
mA
Shutdown Supply Current
ISD
VSHDN > 1.7V, TA = +25°C
5
µA
(VIN - VSENS) to VAOUT Gain
Av
VAOUT/(VIN - VSENS)
13
V/V
AOUT Maximum Voltage
(VIN - VSENS) > 300mV
4.3
V
AOUT Zero-Current Output Voltage
(VIN - VSENS) = 0
340
400
460
mV
ILOAD = ISC, (VIN - VSENS) = 100mV
1.5
1.7
1.9
AOUT Voltage
ILOAD = 2 x ISC, (VIN - VSENS) = 200mV
2.7
3
3.3
V
AOUT Output Impedance
ZAOUT
5k
Ω
Switch Dropout Voltage
VD
Measured between SENS and OUT while
sourcing 100mA
0.6
V
Thermal Shutdown Threshold
TSHDN
Temperature rising
+150
+164
°C
Thermal Shutdown Hysteresis
THYST
15
°C
Reference Output Voltage
VREF
2.7
3
3.3
V
Reference Output Impedance
ZREF
5k
Ω
THRESHOLDS
Open-Load Current Threshold
IOL
RSENSE = 1
Ω (VOLT = 0.66V for the
MAX16913 only)
10
20
30
mA
Nominal Open-Load Threshold
Setting Range
VOLR
(MAX16913A only)
10
50
mV
Short-Circuit Voltage Threshold
VSC
RSENSE = 1
Ω
87
100
110
mV
Voltage between IN and SENS
VLIM
At current limit, VIN = 14V
173
200
225
mV
Overvoltage Shutdown Threshold
VOVLO
VIN rising
18
21
24
V
Overcurrent Blanking Time
tBLANK
100
200
ms
Retry Time
tRETRY
1500
3000
ms
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.


Similar Part No. - MAX16913GEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16913GEE++ MAXIM-MAX16913GEE+ Datasheet
1Mb / 12P
   Remote Antenna Current-Sense Amplifier and Switches
2015
More results

Similar Description - MAX16913GEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16913 MAXIM-MAX16913_V01 Datasheet
1Mb / 12P
   Remote Antenna Current-Sense Amplifier and Switches
2015
MAX16946 MAXIM-MAX16946_V01 Datasheet
1Mb / 20P
   Remote Antenna, Current-Sense and LDO/Switches
2014
MAX16946 MAXIM-MAX16946 Datasheet
2Mb / 21P
   Remote Antenna, Current-Sense and LDO/Switches
Rev 1 6/13
logo
Vicor Corporation
VI-J00-CY VICOR-VI-J00-CY Datasheet
189Kb / 5P
   Remote sense and current limit
VI-211-CY VICOR-VI-211-CY Datasheet
311Kb / 6P
   Remote sense and current limit
VI-213-EU VICOR-VI-213-EU Datasheet
203Kb / 5P
   Remote sense and current limit
logo
Maxim Integrated Produc...
MAX16948 MAXIM-MAX16948_13 Datasheet
698Kb / 15P
   Automotive Dual Remote Antenna Current-Sense LDO/Switch
Rev 2; 5/13
MAX16948 MAXIM-MAX16948 Datasheet
2Mb / 15P
   Automotive Dual Remote Antenna Current-Sense LDO/Switch
Rev 1; 4/12
logo
Silicon Supplies
SISA4080 SS-SISA4080 Datasheet
494Kb / 5P
   Current Sense Amplifier
logo
Rohm
BD14215FVJ-LA ROHM-BD14215FVJ-LA Datasheet
1Mb / 19P
   Current Sense Amplifier
06.Sep.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com