Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16913GEE+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX16913GEE+
Description  Remote Antenna Current-Sense Amplifier and Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16913GEE+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX16913GEE+ Datasheet HTML 2Page - Maxim Integrated Products MAX16913GEE+ Datasheet HTML 3Page - Maxim Integrated Products MAX16913GEE+ Datasheet HTML 4Page - Maxim Integrated Products MAX16913GEE+ Datasheet HTML 5Page - Maxim Integrated Products MAX16913GEE+ Datasheet HTML 6Page - Maxim Integrated Products MAX16913GEE+ Datasheet HTML 7Page - Maxim Integrated Products MAX16913GEE+ Datasheet HTML 8Page - Maxim Integrated Products MAX16913GEE+ Datasheet HTML 9Page - Maxim Integrated Products MAX16913GEE+ Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Remote Antenna Current-Sense
Amplifier and Switches
6
_______________________________________________________________________________________
Detailed Description
The MAX16913/MAX16913A high-voltage, high-side,
current-sense switches feature internal current limiting
to prevent system damage due to fault conditions. The
MAX16913/MAX16913A input voltage range extends
from 5V to 18V, making them ideal for providing phan-
tom power to remote radio-frequency low-noise ampli-
fiers (LNAs) in automotive applications. High-side
current monitoring does not interfere with the ground
path of the load being measured, making these
devices particularly useful in a wide range of high-volt-
age battery-powered systems.
The MAX16913/MAX16913A monitor the load current
by means of a high-side current-sense amplifier and
provide an analog output voltage proportional to that
current at AOUT.
The devices combine a high-side current-sense amplifi-
er, an internal switch, a +3V bandgap reference, and
two open-drain fault indicator outputs. These features
enable the design of remote power circuits with short-
circuit, short-to-battery, and thermal protection. For the
MAX16913A, the open-load threshold is externally
adjustable using a resistive divider.
A fault-blanking feature enables the circuit to ignore
momentary faults, such as those caused by initial
charging of a capacitive load at turn-on, preventing
false alarms to the system.
The MAX16913/MAX16913A provide an active-high
control input (SHDN) to put the devices in low-power
shutdown mode.
Current-Sense Amplifier
The integrated current-sense amplifier is a differential
amplifier that amplifies the voltage between VIN and
VSENS. A sense resistor (0.65Ωmin, 4.7Ωmax), RSENSE,
is connected across VIN and VSENS. When the load
current passes through the sense resistor, a voltage
drop develops across it. The current-sense amplifier
amplifies this voltage.
The current-sense amplifier features an internally fixed
gain of 13V/V (typ). The following equations show the
relationship between the current-sense amplifier output
voltage (AOUT) and load current:
AOUT is the output of an internal buffer with a 5kΩ out-
put impedance.
The AOUT voltage is clamped to typically 4.3V in order
to avoid damage to external circuitry.
Load Protection
The MAX16913/MAX16913A monitor the load current
through an external sense resistor and perform the fol-
lowing actions:
If the monitored current is lower than the open-load
current, the device signals open load (see the
Open Load section).
If the monitored current is higher than the short-cir-
cuit current (ISC), the device enters the short-circuit
mode (see the
Short Circuit section).
The devices also perform a short-to-battery detection
every time the internal switch turns on (see the
Short-to-
Battery Detection section). In addition, thermal shut-
down protects the MAX16913/MAX16913A from
overheating (see the
Thermal Shutdown section). Two
open-drain outputs (
OL and SC) indicate the device
status (see Table 1).
Open Load
If the load current drops below the open-load current
threshold, the
OL output asserts low. An open-load
condition does not turn off the internal switch. The
MAX16913 provides an internally fixed open-load
threshold, while the MAX16913A features an adjustable
open-load threshold.
For the MAX16913, when (VIN - VSENS) drops below
20mV (typ), the device signals open load.
For the MAX16913A, using a resistive divider between
REF, the open-load threshold adjustment pin (OLT),
and GND sets the open-load threshold (see the
Open-
Load Threshold Selection section).
Short Circuit
If the load current reaches the short-circuit current
threshold (ISC), the tBLANK timer begins counting.
During this period, the load current is limited to a value
of twice the short-circuit current threshold (2 x ISC). If
the short-circuit condition is present for tBLANK, SC
asserts low and the internal switch turns off. The timer
resets if the short-circuit condition disappears before
the blanking time (tBLANK) has elapsed. If the switch is
turned off at the end of tBLANK, a retry timer (tRETRY)
starts immediately after the blanking time has elapsed.
During that time, the switch stays off. At the end of
tRETRY, the switch turns on again. If the fault still exists,
the cycle repeats. If the fault has been removed, the
switch stays on. During this cycle,
SC stays low. During
retry when the switch is off, the current through the
I
A
(V
- V
)(V)
R
V
V
A (V/V) (V
- V
)(V) + 0.4V
LOAD
IN
SENS
SENSE
AOUT
V
IN
SENS
()
()
()
=
[]
Ω


Similar Part No. - MAX16913GEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16913GEE++ MAXIM-MAX16913GEE+ Datasheet
1Mb / 12P
   Remote Antenna Current-Sense Amplifier and Switches
2015
More results

Similar Description - MAX16913GEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16913 MAXIM-MAX16913_V01 Datasheet
1Mb / 12P
   Remote Antenna Current-Sense Amplifier and Switches
2015
MAX16946 MAXIM-MAX16946_V01 Datasheet
1Mb / 20P
   Remote Antenna, Current-Sense and LDO/Switches
2014
MAX16946 MAXIM-MAX16946 Datasheet
2Mb / 21P
   Remote Antenna, Current-Sense and LDO/Switches
Rev 1 6/13
logo
Vicor Corporation
VI-J00-CY VICOR-VI-J00-CY Datasheet
189Kb / 5P
   Remote sense and current limit
VI-211-CY VICOR-VI-211-CY Datasheet
311Kb / 6P
   Remote sense and current limit
VI-213-EU VICOR-VI-213-EU Datasheet
203Kb / 5P
   Remote sense and current limit
logo
Maxim Integrated Produc...
MAX16948 MAXIM-MAX16948_13 Datasheet
698Kb / 15P
   Automotive Dual Remote Antenna Current-Sense LDO/Switch
Rev 2; 5/13
MAX16948 MAXIM-MAX16948 Datasheet
2Mb / 15P
   Automotive Dual Remote Antenna Current-Sense LDO/Switch
Rev 1; 4/12
logo
Silicon Supplies
SISA4080 SS-SISA4080 Datasheet
494Kb / 5P
   Current Sense Amplifier
logo
Rohm
BD14215FVJ-LA ROHM-BD14215FVJ-LA Datasheet
1Mb / 19P
   Current Sense Amplifier
06.Sep.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com