Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9934TAUA+T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9934TAUA+T
Description  High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9934TAUA+T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9934TAUA+T Datasheet HTML 1Page - Maxim Integrated Products MAX9934TAUA+T Datasheet HTML 2Page - Maxim Integrated Products MAX9934TAUA+T Datasheet HTML 3Page - Maxim Integrated Products MAX9934TAUA+T Datasheet HTML 4Page - Maxim Integrated Products MAX9934TAUA+T Datasheet HTML 5Page - Maxim Integrated Products MAX9934TAUA+T Datasheet HTML 6Page - Maxim Integrated Products MAX9934TAUA+T Datasheet HTML 7Page - Maxim Integrated Products MAX9934TAUA+T Datasheet HTML 8Page - Maxim Integrated Products MAX9934TAUA+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
High-Precision, Low-Voltage, Current-Sense Amplifier
with Current Output and Chip Select for Multiplexing
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 3.3V, VRS+ = VRS- = 3.0V, VSENSE = 0, VCM = (VRS+ + VRS-)/2, VCS = 3.3V, ROUT = 10kΩ to GND for unidirectional operation,
ROUT = 10kΩ to VCC/2 for bidirectional operation. TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
RS+, RS- to GND......................................................-0.3V to +6V
VCC to GND ..............................................................-0.3V to +4V
CS, OUT to GND (VCC = 0, or CS < VIL)..................-0.3V to +4V
OUT to GND (CS > VIH)................................-0.3V to VCC + 0.3V
Differential Input Voltage (RS+ - RS-) ....................................±6V
Output Short-Circuit Current Duration
OUT to GND or VCC ...............................................Continuous
Continuous Input Current into Any Terminal.....................±20mA
Continuous Power Dissipation (TA = +70°C)
8-Pin µMAX (derate multilayer 4.8mW/°C
above +70°C).............................................................388mW
Junction-to-Ambient Thermal Resistance (
θJA)
(Note 1) ....................................................................206°C/W
Junction-to-Case Thermal Resistance (
θJC)
(Note 1) ......................................................................42°C/W
6-Pin µDFN (derate multilayer 4.5mW/°C
above +70°C)..........................................................357.8mW
Junction-to-Ambient Thermal Resistance (
θJA)
(Note 1 ) ................................................................223.6°C/W
Junction-to-Case Thermal Resistance (
θJA)
(Note 1) ....................................................................122°C/W
6-Bump UCSP (derate multilayer 3.9mW/°C
above +70°C).............................................................308mW
Junction-to-Ambient Thermal Resistance (
θJA)
(Note 1) ....................................................................260°C/W
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
Reflow Soldering Temperature (UCSP, µDFN, and
µMAX) ..........................................................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
TA = +25°C
±10
MAX9934T
-40°C
≤ TA ≤ +125°C
±14
TA = +25°C
±10
Input Offset Voltage (Note 3)
VOS
MAX9934F
-40°C
≤ TA ≤ +125°C
±20
µV
MAX9934T
±60
Input Offset Voltage Drift (Note 3)
VOS/dT
MAX9934F
±90
nV/°C
Common-Mode Input Voltage
Range (Average of VRS+ and
VRS-) (Note 3)
CMVR
Guaranteed by CMRR2
-0.1
+5.5
V
TA = +25°C
128
134
0
≤ VCM ≤ VCC -
0.2V (MAX9934F)
-40°C
≤ TA ≤ +125°C
112
TA = +25°C
128
135
CMRR1
0
≤ VCM ≤ VCC -
0.2V (MAX9934T)
-40°C
≤ TA ≤ +125°C
109
TA = +25°C
119
125
-0.1
≤ VCM ≤ 5.5V
(MAX9934F)
-40°C
≤ TA ≤ +125°C
104
TA = +25°C
98
113
Common-Mode Rejection Ratio
(Note 3)
CMRR2
-0.1
≤ VCM ≤ 5.5V
(MAX9934T)
-40°C
≤ TA ≤ +125°C
98
dB
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.


Similar Part No. - MAX9934TAUA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9934TAUA+T MAXIM-MAX9934TAUA+T Datasheet
861Kb / 19P
   High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
2012
More results

Similar Description - MAX9934TAUA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9934 MAXIM-MAX9934_V01 Datasheet
861Kb / 19P
   High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
2012
logo
National Semiconductor ...
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
INA180 TI1-INA180 Datasheet
1Mb / 30P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifier
LMP8645 TI1-LMP8645 Datasheet
1Mb / 30P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
LMP8640MK-T TI1-LMP8640MK-T Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
logo
National Semiconductor ...
LMP8645 NSC-LMP8645 Datasheet
416Kb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640HV TI1-LMP8640HV Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
INA180 TI1-INA180_17 Datasheet
1Mb / 32P
[Old version datasheet]   INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181 TI1-INA181 Datasheet
1Mb / 32P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
logo
Semtech Corporation
SC310 SEMTECH-SC310 Datasheet
850Kb / 12P
   High-Side Current-Sense Amplifier with Low Impedance Voltage Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com