Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17082GTL+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX17082GTL+
Description  Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17082GTL+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX17082GTL+ Datasheet HTML 6Page - Maxim Integrated Products MAX17082GTL+ Datasheet HTML 7Page - Maxim Integrated Products MAX17082GTL+ Datasheet HTML 8Page - Maxim Integrated Products MAX17082GTL+ Datasheet HTML 9Page - Maxim Integrated Products MAX17082GTL+ Datasheet HTML 10Page - Maxim Integrated Products MAX17082GTL+ Datasheet HTML 11Page - Maxim Integrated Products MAX17082GTL+ Datasheet HTML 12Page - Maxim Integrated Products MAX17082GTL+ Datasheet HTML 13Page - Maxim Integrated Products MAX17082GTL+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Dual-Phase, Quick-PWM Controllers for
IMVP-6+/IMVP-6.5 CPU Core Power Supplies
10
______________________________________________________________________________________
Note 2: When pulse skipping, the output rises by approximately 1.5% when transitioning from continuous conduction to no load.
Note 3: On-time and minimum off-time specifications are measured from 50% to 50% at the DH_ and DL_ pins, with LX_ forced to
GND, BST_ forced to 5V, and a 500pF capacitor from DH_ to LX_ to simulate external MOSFET gate capacitance. Actual in-
circuit times might be different due to MOSFET switching speeds.
Note 4: Specifications to TA = -40°C and +105°C are guaranteed by design and are not production tested.
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VIN = 10V, VCC = VDD = VSHDN = VPGDIN = VPSI = VILIM = 5V, V3P3 = 3.3V, DPRSLPVR = GNDS = GND, VCSP1
= VCSN1 = VCSP2 = VCSN2 = 1.0000V, FB = FBAC, RFBAC = 3.57kΩ from FBAC to CSN1, D6–D0 = [0101000]; MAX17082/MAX17482:
VSLOW = 5V; MAX17021: DPRSTP = GND; TA = -40°C to +105°C, unless otherwise noted.) (Note 4)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VALLEY CURRENT LIMIT, DROOP, AND CURRENT BALANCE
VTIME - VILIM = 100mV
7
13
VTIME - VILIM = 500mV
40
60
Current-Limit Threshold
Voltage (Positive)
VLIMIT
VCSP_ - VCSN_
ILIM = VCC
19
26
mV
CSP_, CSN_ Common-Mode
Input Range
0
2
V
Droop Amplifier
Transconductance
Gm(FBAC)
IFBAC/ [ (VCSP_ - VCSN_)],
indicates summation over all phases from 1 to
N, N = 2, VFBAC = VCSN- = 0.45V to 2V
585
610
μS
Current-Balance Amplifier
Offset
(VCSP1 - VCSN1) - (VCSP2 - VCSN2) at ICCI = 0
-1.25
+1.25
mV
CURRENT MONITOR (MAX17082/MAX17482 Only)
Current-Monitor
Transconductance
Gm(IMON)
IIMON/ [ (VCSP_ - VCSN_)],
indicates summation over all phases from 1 to
N, N = 2, VCSN_ = 0.45V to 2V
2.2
2.6
mS
IMON Clamp Voltage
VIMON,max
ISINK = 10mA
1.05
1.15
V
GATE DRIVERS
High state (pullup)
2.5
DH_ Gate Driver
On-Resistance
RON(DH_)
BST_ - LX_ forced to 5V
Low state (pulldown)
2.0
High state (pullup)
2.0
DL_ Gate Driver
On-Resistance
RON(DL_)
Low state (pulldown)
0.7
LOGIC AND I/O
Logic Input High Voltage
VIH
SHDN, PGDIN:
MAX17021: DPRSLPVR
2.3
V
Logic Input Low Voltage
VIL
SHDN, PGDIN:
MAX17021: DPRSLPVR
1.0
V
Low-Voltage Logic Input
High Voltage
VIHLV
PSI, D0–D6:
MAX17082/MAX17482: DPRSLPVR,
SLOW
MAX17021:
DPRSTP
0.67
V
Low-Voltage Logic Input
Low Voltage
VILLV
PSI, D0–D6:
MAX17082/MAX17482: DPRSLPVR,
SLOW
MAX17021:
DPRSTP
0.33
V


Similar Part No. - MAX17082GTL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1708 MAXIM-MAX1708 Datasheet
332Kb / 13P
   High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
Rev 0; 7/01
MAX1708 MAXIM-MAX1708 Datasheet
350Kb / 14P
   High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
Rev 1; 11/10
MAX17080 MAXIM-MAX17080 Datasheet
983Kb / 48P
   AMD 2-/3-Output Mobile Serial VID Controller
Rev 1; 5/09
MAX17080GTL++ MAXIM-MAX17080GTL+ Datasheet
983Kb / 48P
   AMD 2-/3-Output Mobile Serial VID Controller
Rev 1; 5/09
MAX17083 MAXIM-MAX17083 Datasheet
392Kb / 15P
   Low-Voltage, Internal Switch, Step-Down Regulator
Rev 0; 2/09
More results

Similar Description - MAX17082GTL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17582 MAXIM-MAX17582 Datasheet
755Kb / 42P
   Dual-Phase, Quick-PWM Controller for IMVP-6.5 CPU Core Power Supplies
Rev 0; 7/09
MAX8770 MAXIM-MAX8770 Datasheet
1,023Kb / 47P
   MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
MAX1907A MAXIM-MAX1907A Datasheet
21Kb / 1P
   Quick-PWM Master Controllers for Voltage-Positioned CPU Core Power Supplies (IMVP-IV)
Rev 0; 9/02
MAX17528 MAXIM-MAX17528 Datasheet
899Kb / 41P
   1-Phase Quick-PWM Intel IMVP-6.5/GMCH Controllers
Rev 0; 7/09
MAX17030 MAXIM-MAX17030 Datasheet
649Kb / 38P
   1/2/3-Phase Quick-PWM IMVP-6.5 VID Controllers
Rev 0; 4/09
MAX8796 MAXIM-MAX8796 Datasheet
75Kb / 4P
   1-Phase, Quick-PWM Intel IMVP-6/GMCH Controllers
2012
MAX8796EVKIT MAXIM-MAX8796EVKIT Datasheet
75Kb / 4P
   1-Phase, Quick-PWM Intel IMVP-6/GMCH Controllers
19-2452 Rev 2
MAX1519 MAXIM-MAX1519 Datasheet
826Kb / 43P
   Dual-Phase, Quick-PWM Controllers for Programmable CPU Core Power Supplies
Rev 1; 9/03
logo
Renesas Technology Corp
ISL6266 RENESAS-ISL6266 Datasheet
1Mb / 31P
   Two-phase Core Controllers (Montevina, IMVP-6)
logo
Intersil Corporation
ISL6266AHRZ INTERSIL-ISL6266AHRZ Datasheet
657Kb / 30P
   Two-phase Core Controllers (Montevina, IMVP-6)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com