Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ314 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAXQ314
Description  Single-Phase Power-Measurement IC with I2C Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ314 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAXQ314 Datasheet HTML 1Page - Maxim Integrated Products MAXQ314 Datasheet HTML 2Page - Maxim Integrated Products MAXQ314 Datasheet HTML 3Page - Maxim Integrated Products MAXQ314 Datasheet HTML 4Page - Maxim Integrated Products MAXQ314 Datasheet HTML 5Page - Maxim Integrated Products MAXQ314 Datasheet HTML 6Page - Maxim Integrated Products MAXQ314 Datasheet HTML 7Page - Maxim Integrated Products MAXQ314 Datasheet HTML 8Page - Maxim Integrated Products MAXQ314 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Single-Phase Power-Measurement
IC with I2C Interface
_______________________________________________________________________________________ 5
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = VDVDD = 3.0V to 3.6V, TA = +25NC, unless otherwise noted.) (Note 2)
I2C ELECTRICAL CHARACTERISTICS
(VAVDD = VDVDD = 3.0V to 3.6V, TA = -40NC to +85NC.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Low Voltage (AUX)
VOL
IOL = 6mA
0.4
V
Input Leakage (A0, A1, A2)
IL
-12
+12
F
A
Input Capacitance (RST, A0,
A1, A2)
CIN
10
pF
RST Pullup Resistance
RRST
50
150
200
kI
INTERNAL OSCILLATOR
Oscillator Frequency
fSCLK
7.2
8
8.8
MHz
AFE AND ANALOG-TO-DIGITAL CONVERTER
Voltage Range (VP)
0
1.5
V
Voltage Range (VN)
0
1.5
V
Slow Current Channel (IL)
0
1.5
V
Input Capacitance Single-Ended
10
pF
ADC Sampling Rate
Per channel
5
ksps
INTERNAL VOLTAGE REFERENCE
Reference Accuracy
TA = -40NC to +85NC
1.8
2.07
2.3
V
TEMPERATURE SENSOR
Temperature Accuracy
TEP = -40NC to +85NC
3
N
C
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Input Low Voltage
VIL_I2C
0.3 x VDVDD
V
Input High Voltage
VIH_I2C
0.7 x VDVDD
V
Input Hysteresis (Schmitt)
VIHYS_I2C VDVDD > 2V (Note 1)
0.05 x VDVDD
V
Output Logic-Low (Open Drain
or Open Collector)
VOL_I2C
VDVDD > 2V, 6mA sink current
0
0.4
V
Input Current on I/O
IIN_I2C
Input voltage from 0.1 x VDVDD to 0.9 x
VDVDD
-10
+10
F
A
I/O Capacitance
CIO_I2C
(Note 1)
10
pF


Similar Part No. - MAXQ314

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ3100 MAXIM-MAXQ3100 Datasheet
328Kb / 30P
   Mixed-Signal Microcontroller with Analog Comparators, LCD, and RTC
Rev 0; 6/07
MAXQ3100-EMN++ MAXIM-MAXQ3100-EMN+ Datasheet
328Kb / 30P
   Mixed-Signal Microcontroller with Analog Comparators, LCD, and RTC
Rev 0; 6/07
MAXQ3108 MAXIM-MAXQ3108 Datasheet
3Mb / 64P
   Low-Power, Dual-Core Microcontroller
Rev 0; 1/09
MAXQ3108-FFN++ MAXIM-MAXQ3108-FFN+ Datasheet
3Mb / 64P
   Low-Power, Dual-Core Microcontroller
Rev 0; 1/09
logo
Dallas Semiconductor
MAXQ3120 DALLAS-MAXQ3120 Datasheet
508Kb / 33P
   High-Precision ADC Mixed-Signal Microcontroller
More results

Similar Description - MAXQ314

ManufacturerPart #DatasheetDescription
logo
Silergy Corp.
78M6613 SILERGY-78M6613 Datasheet
813Kb / 33P
   Single-Phase AC Power Measurement IC
logo
Maxim Integrated Produc...
78M6613 MAXIM-78M6613_12 Datasheet
908Kb / 33P
   Single-Phase AC Power Measurement IC
Rev 2; 1/12
logo
Teridian Semiconductor ...
78M6613 TERIDIAN-78M6613 Datasheet
963Kb / 33P
   Single-Phase AC Power Measurement IC
logo
Sames
SA9903B SAMES-SA9903B Datasheet
120Kb / 12P
   Single Phase Power / Energy IC with SPI Interface
logo
Maxim Integrated Produc...
78M6631 MAXIM-78M6631 Datasheet
600Kb / 30P
   3-Phase Power-Measurement IC
Rev 1; 1/12
logo
Silergy Corp.
78M6631 SILERGY-78M6631 Datasheet
567Kb / 30P
   3-Phase Power-Measurement IC
logo
Maxim Integrated Produc...
78M6631_1204 MAXIM-78M6631_1204 Datasheet
475Kb / 30P
   3-Phase Power-Measurement IC
Rev 2; 4/12
logo
Analog Devices
ADE7953 AD-ADE7953 Datasheet
804Kb / 68P
   Single Phase, Multifunction Metering IC with Neutral Current Measurement
REV. A
logo
Teridian Semiconductor ...
78M6612 TERIDIAN-78M6612 Datasheet
1Mb / 111P
   Single-Phase, Dual-Outlet Power and Energy Measurement IC
logo
Maxim Integrated Produc...
78M6612 MAXIM-78M6612 Datasheet
1Mb / 46P
   Single-Phase, Dual-Outlet Power and Energy Measurement IC
Rev 2; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com