Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2609DSPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRS2609DSPBF
Description  HALF-BRIDGE DRIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2609DSPBF Datasheet(HTML) 4 Page - International Rectifier

  IRS2609DSPBF Datasheet HTML 1Page - International Rectifier IRS2609DSPBF Datasheet HTML 2Page - International Rectifier IRS2609DSPBF Datasheet HTML 3Page - International Rectifier IRS2609DSPBF Datasheet HTML 4Page - International Rectifier IRS2609DSPBF Datasheet HTML 5Page - International Rectifier IRS2609DSPBF Datasheet HTML 6Page - International Rectifier IRS2609DSPBF Datasheet HTML 7Page - International Rectifier IRS2609DSPBF Datasheet HTML 8Page - International Rectifier IRS2609DSPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
www.irf.com
4
IRS2609DSPbF
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15 V, COM = VCC, CL = 1000 pF, TA = 25 °C, DT = VSS unless otherwise specified.
Symbol
Definition
Min Typ Max Units Test Conditions
ton
Turn-on propagation delay
750
1100
VS = 0 V or 600 V
toff
Turn-off propagation delay
250
400
VS = 0 V or 600 V
tsd
Shut-down propagation delay
250
400
MT
Delay matching, HS & LS turn-on/off
60
t r
Turn-on rise time
150
220
VS = 0 V
tf
Turn-off fall time
50
80
VS = 0 V
DT
Deadtime: LO turn-off to HO turn-on(DTLO-HO) &
HO turn-off to LO turn-on (DTHO-LO)
350
530
800
MT
Delay matching time (t ON , t OFF)
60
MDT
Deadtime matching = DTLO-HO - DTHO-LO
60
ns
V
IN = 0 V & 5 V
Without external
deadtime
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15 V, VCC = COM, DT = VCC and TA = 25 °C unless otherwise specified. The VIL, VIH and IIN
parameters are referenced to VCC/COM and are applicable to the respective input leads: IN and SD. The VO, IO and
Ron parameters are referenced to COM and are applicable to the respective output leads: HO and LO.
Symbol
Definition
Min Typ Max Units Test Conditions
VIH
logic “1” input voltage for HO & logic “0” for LO
2.2
VIL
logic “0” input voltage for HO & logic “1” for LO
0.8
VOH
High level output voltage, VBIAS - VO
0.8
1.4
IO = 20 mA
VOL
Low level output voltage, VO
0.3
0.6
V
IO = 20 mA
ILK
Offset supply leakage current
50
VB = VS = 600 V
IQBS
Quiescent VBS supply current
45
70
VIN = 0 V or 4 V
IQCC
Quiescent VCC supply current
1000 2000 3000
VIN = 0 V or 4 V
IIN+
Logic “1” input bias current
5
20
VIN = 4 V
IIN-
Logic “0” input bias current
2
VIN = 0 V
ISD, TH+
SD input positive going threshold
15
30
ISD, TH-
SD input negative going threshold
10
20
µA
VCCUV+
VBSUV+
VCC and VBS supply undervoltage positive going
Threshold
8.0
8.9
9.8
VCCUV-
VBSUV-
VCC and VBS supply undervoltage negative going
Threshold
7.4
8.2
9.0
VCCUVH
VBSUVH
Hysteresis
0.7
V
IO+
Output high short circuit pulsed current
120
200
VO = 0 V,
PW ≤ 10 us
IO-
Output low short circuit pulsed current
250
350
mA
VO = 15 V,
PW ≤ 10 us
Rbs
Bootstrap resistance
200
Ohm


Similar Part No. - IRS2609DSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2609DSPBF IRF-IRS2609DSPBF Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF Datasheet
820Kb / 25P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_15 Datasheet
820Kb / 25P
   HALF-BRIDGE DRIVER
More results

Similar Description - IRS2609DSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com