Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8557I Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS8557I
Description  16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8557I Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS8557I Datasheet HTML 2Page - Texas Instruments ADS8557I Datasheet HTML 3Page - Texas Instruments ADS8557I Datasheet HTML 4Page - Texas Instruments ADS8557I Datasheet HTML 5Page - Texas Instruments ADS8557I Datasheet HTML 6Page - Texas Instruments ADS8557I Datasheet HTML 7Page - Texas Instruments ADS8557I Datasheet HTML 8Page - Texas Instruments ADS8557I Datasheet HTML 9Page - Texas Instruments ADS8557I Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
ELECTRICAL CHARACTERISTICS: ADS8558
ADS8556
ADS8557
ADS8558
SBAS404A – OCTOBER 2006 – REVISED AUGUST 2009 ............................................................................................................................................... www.ti.com
Over recommended operating free-air temperature range of –40°C to +125°C, AVDD = 4.5V to 5V, BVDD = 2.7V to 5.5V,
HVDD = 10V to 15V, HVSS = –15V to –10V, VREF = 2.5V (internal), and fDATA = 730kSPS in parallel mode or 500kSPS in
serial mode, unless otherwise noted.
ADS8558
PARAMETER
CONDITIONS
MIN
TYP(1)
MAX
UNIT
DC ACCURACY
Resolution
12
Bits
No missing codes
12
Bits
Integral linearity error
INL
–0.75
±0.2
0.75
LSB
Differential linearity error
DNL
–0.5
±0.2
0.5
LSB
Offset error
–4
±0.8
4
mV
Offset error drift
±3.5
µV/°C
Gain error
Referenced to voltage at REFIO
–0.75
±0.25
0.75
%FSR
Gain error drift
Referenced to voltage at REFIO
±6
ppm/°C
Power-supply rejection ratio
PSRR At output code FFFFh, related to AVDD
60
dB
SAMPLING DYNAMICS
Acquisition time
tACQ
280
ns
Conversion time per ADC
tCONV
1.09
µs
18.5
tCCLK
Internal conversion clock period
tCCLK
58.8
ns
Parallel interface,
730
kSPS
internal clock and reference
Throughput rate
fDATA
Serial interface,
500
kSPS
internal clock and reference
AC ACCURACY
Signal-to-noise ratio
SNR At fIN = 10kHz
73
73.9
dB
Signal-to-noise ratio + distortion
SINAD At fIN = 10kHz
73
73.8
dB
Total harmonic distortion(2)
THD At fIN = 10kHz
–89
–84
dB
Spurious-free dynamic range
SFDR At fIN = 10kHz
84
92
dB
Channel-to-channel isolation
At fIN = 10kHz
100
dB
In 4 × VREF mode
48
MHz
–3dB small-signal bandwidth
In 2 × VREF mode
24
MHz
(1)
All values are at TA = +25°C.
(2)
Calculated on the first nine harmonics of the input frequency.
6
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS8556 ADS8557 ADS8558


Similar Part No. - ADS8557I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8557IPM TI1-ADS8557IPM Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
ADS8557IPMR TI1-ADS8557IPMR Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
More results

Similar Description - ADS8557I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
ADS8528 TI1-ADS8528 Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8528 TI1-ADS8528_14 Datasheet
1Mb / 52P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8555 TI1-ADS8555_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8555 TI1-ADS8555_16 Datasheet
1Mb / 43P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8555 TI1-ADS8555 Datasheet
817Kb / 36P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI1-ADS8364_16 Datasheet
959Kb / 27P
[Old version datasheet]   250kSPS, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI-ADS8364 Datasheet
393Kb / 22P
[Old version datasheet]   250kHz, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com