Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ76PL102RGTT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL102RGTT
Description  PowerLAN Dual-Cell Li-Ion Battery Monitor With PowerPump Cell Balancing
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ76PL102RGTT Datasheet(HTML) 4 Page - Texas Instruments

  BQ76PL102RGTT Datasheet HTML 1Page - Texas Instruments BQ76PL102RGTT Datasheet HTML 2Page - Texas Instruments BQ76PL102RGTT Datasheet HTML 3Page - Texas Instruments BQ76PL102RGTT Datasheet HTML 4Page - Texas Instruments BQ76PL102RGTT Datasheet HTML 5Page - Texas Instruments BQ76PL102RGTT Datasheet HTML 6Page - Texas Instruments BQ76PL102RGTT Datasheet HTML 7Page - Texas Instruments BQ76PL102RGTT Datasheet HTML 8Page - Texas Instruments BQ76PL102RGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
1
2
3
4
VSS
VLDO
TDI
SDI
12
11
10
9
16
V2
TMD
TCK
SDO
15
14
13
5
6
7
8
P0019-06
Thermal
Pad
RGTPackage
(TopView)
bq76PL102
SLUS887A – DECEMBER 2008 – REVISED OCTOBER 2009 .......................................................................................................................................... www.ti.com
Figure 3. bq76PL102 Pinout (Top View)
CAUTION:
This device is subject to damage from Electrostatic Discharge (ESD). The
device should be stored and handled using appropriate ESD precautions to
prevent damage to the internal circuitry.
PIN FUNCTIONS
PIN
I/O(1)
DESCRIPTION(2)
NAME
NO.
PUMP1N
6
O
Charge-balance gate drive for cell 1 north
PUMP1S
5
O
Charge-balance gate drive for cell 1 south
PUMP2N
8
O
Charge-balance gate drive cell 2 north
PUMP2S
7
O
Charge-balance gate drive cell 2 south
SDI
4
I
PowerLAN serial data input from lower south, downstream part
SDO
9
O
PowerLAN serial data output to north, upstream part
XT1
14
IA
External temperature sensor 1 input (calibrated 50
µA)
XT2
13
IA
External temperature sensor 2 input (calibrated 50
µA)
TCK
10
NC
Do not connect
TDI
3
NC
Do not connect
TMD
11
NC
Do not connect
V1
15
IA
Midpoint cell connection (cell 1 positive and cell 2 negative)
V2
12
P, IA
Connect to most-positive cell voltage (cell 2 positive)(3)
VLDO
2
P
Low-dropout regulator output – connect to VPP (bypass with 4.7
µF capacitor)
VPP
16
P
Connect to VLDO
VSS
1
P
Connect to most-negative cell voltage (cell 1 negative)
P
Thermal pad – connect to VSS
(1)
I - input, IA - analog input, O - output, P - power, NC - no connect
(2)
Cell numbering convention is from more-negative (cell 1) to more-positive (cell 2) and is locally referenced.
(3)
When there is an odd number of series cells in a battery pack, connect pin V2 of the topmost bq76PL102 to pin V1 of the same
bq76PL102.
4
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s) :bq76PL102


Similar Part No. - BQ76PL102RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76PL455A TI1-BQ76PL455A Datasheet
2Mb / 125P
[Old version datasheet]   16-Cell Industrial Integrated Battery Monitor
BQ76PL455A-Q1 TI1-BQ76PL455A-Q1 Datasheet
2Mb / 130P
[Old version datasheet]   16-Cell EV/HEV Integrated Battery Monitor and Protector
BQ76PL455APFCR TI1-BQ76PL455APFCR Datasheet
2Mb / 125P
[Old version datasheet]   16-Cell Industrial Integrated Battery Monitor
BQ76PL455APFCT TI1-BQ76PL455APFCT Datasheet
2Mb / 125P
[Old version datasheet]   16-Cell Industrial Integrated Battery Monitor
BQ76PL455ATPFCRQ1 TI1-BQ76PL455ATPFCRQ1 Datasheet
2Mb / 130P
[Old version datasheet]   16-Cell EV/HEV Integrated Battery Monitor and Protector
More results

Similar Description - BQ76PL102RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78PL114 TI-BQ78PL114_09 Datasheet
592Kb / 31P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller With PowerPump??Cell Balancing Technology
BQ6400 TI-BQ6400 Datasheet
282Kb / 17P
[Old version datasheet]   Single Chip 3 or 4 Cell Li-Ion Battery Management Controller With PowerPump??Cell Balancing Technology
logo
Intersil Corporation
X3102 INTERSIL-X3102 Datasheet
579Kb / 32P
   3 Cell Li-Ion Battery Protection and Monitor IC
logo
Renesas Technology Corp
ISL94203 RENESAS-ISL94203 Datasheet
2Mb / 64P
   3-to-8 Cell Li-ion Battery Pack Monitor
logo
Intersil Corporation
ISL94203 INTERSIL-ISL94203 Datasheet
1Mb / 64P
   3-to-8 Cell Li-ion Battery Pack Monitor
ISL94203IRTZ INTERSIL-ISL94203IRTZ Datasheet
1Mb / 63P
   3-to-8 Cell Li-ion Battery Pack Monitor
August 17, 2015
logo
Renesas Technology Corp
X3102 RENESAS-X3102 Datasheet
1Mb / 32P
   3 Cell Li-Ion Battery Protection and Monitor IC
December 22, 2004
logo
Maxim Integrated Produc...
DS2726 MAXIM-DS2726_09 Datasheet
290Kb / 16P
   5-Cell to 10-Cell Li Protector with Cell Balancing
Rev 2; 1/09
DS2726 MAXIM-DS2726_V01 Datasheet
288Kb / 16P
   5-Cell to 10-Cell Li Protector with Cell Balancing
2010
logo
Shenzhen Huazhimei Semi...
HM5423 HMSEMI-HM5423 Datasheet
375Kb / 13P
   Dual-cell Li-ion/Li-polymer battery protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com