Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24050DSQT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24050DSQT
Description  800mA Single Cell Li-Ion Battery Charger With Automatic Adaptor/USB Detection
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24050DSQT Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ24050DSQT Datasheet HTML 5Page - Texas Instruments BQ24050DSQT Datasheet HTML 6Page - Texas Instruments BQ24050DSQT Datasheet HTML 7Page - Texas Instruments BQ24050DSQT Datasheet HTML 8Page - Texas Instruments BQ24050DSQT Datasheet HTML 9Page - Texas Instruments BQ24050DSQT Datasheet HTML 10Page - Texas Instruments BQ24050DSQT Datasheet HTML 11Page - Texas Instruments BQ24050DSQT Datasheet HTML 12Page - Texas Instruments BQ24050DSQT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
BatteryPack
VBUS
GND
D+
D-
USBPort
DC+
GND
Adaptor
VDD
D-
D+
GND
TTDM
Host
SystemLoad
DisconnectedafterDetection
OR
ISET/100/500mA
1
2
3
4
5
10
9
8
7
6
IN
ISET
VSS
PRETERM
D+
D-
ISET 2
CHG
TS
OUT
bq24050/2
1 F
m
1 F
m
1kW
1.5kW
2kW
+
BatteryPack
VBUS
GND
D+
D-
USBPort
DC+
GND
Adaptor
VDD
D-
D+
GND
TTDM
SystemLoad
DisconnectedafterDetection
OR
ISET/100/500 mA
1
2
3
4
5
12
11
10
9
8
IN
PRETERM
ISET
VSS
D+
D-
ISET2
CHG
TS
OUT
bq 24055
6
7
PG
NC
Host
1 F
m
1 F
m
1kW
1.5kW
2kW
+
bq24050
bq24052
bq24055
www.ti.com.................................................................................................................................... SLUS940A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009
Typical Application Circuit: bq24050/2
IOUT_FAST_CHG = 540mA; IOUT_PRE_CHG = 108mA; IOUT_TERM = 54mA
Typical Application Circuit: bq24055
IOUT_FAST_CHG = 540mA; IOUT_PRE_CHG = 108mA; IOUT_TERM = 54mA
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): bq24050 bq24052 bq24055


Similar Part No. - BQ24050DSQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24001 TI-BQ24001 Datasheet
189Kb / 23P
[Old version datasheet]   SINGLE-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
BQ24001 TI1-BQ24001 Datasheet
881Kb / 31P
[Old version datasheet]   SINGLE-CELL LI-ION CHARGE MANAGEMENT ICFOR PDAS
BQ24001PWP TI-BQ24001PWP Datasheet
189Kb / 23P
[Old version datasheet]   SINGLE-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
BQ24001PWP TI1-BQ24001PWP Datasheet
881Kb / 31P
[Old version datasheet]   SINGLE-CELL LI-ION CHARGE MANAGEMENT ICFOR PDAS
BQ24001PWPG4 TI1-BQ24001PWPG4 Datasheet
881Kb / 31P
[Old version datasheet]   SINGLE-CELL LI-ION CHARGE MANAGEMENT ICFOR PDAS
More results

Similar Description - BQ24050DSQT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3947 NSC-LP3947 Datasheet
649Kb / 14P
   USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
logo
Torex Semiconductor
XC6802-12 TOREX-XC6802-12 Datasheet
465Kb / 21P
   800mA Single Cell Li-ion Battery Linear Charger IC
XC6802 TOREX-XC6802_12 Datasheet
465Kb / 21P
   800mA Single Cell Li-ion Battery Linear Charger IC
XC6802 TOREX-XC6802_15 Datasheet
465Kb / 21P
   800mA Single Cell Li-ion Battery Linear Charger IC
logo
Texas Instruments
LP3947ISD-51 TI1-LP3947ISD-51 Datasheet
836Kb / 20P
[Old version datasheet]   LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
BQ24212 TI1-BQ24212 Datasheet
254Kb / 8P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
BQ24210 TI1-BQ24210 Datasheet
679Kb / 26P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
BQ24040 TI-BQ24040 Datasheet
1Mb / 31P
[Old version datasheet]   800mA Single-Input Single Cell Li-Ion Battery Charger With Auto Start
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com