Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24050DSQT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24050DSQT
Description  800mA Single Cell Li-Ion Battery Charger With Automatic Adaptor/USB Detection
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24050DSQT Datasheet(HTML) 3 Page - Texas Instruments

  BQ24050DSQT Datasheet HTML 1Page - Texas Instruments BQ24050DSQT Datasheet HTML 2Page - Texas Instruments BQ24050DSQT Datasheet HTML 3Page - Texas Instruments BQ24050DSQT Datasheet HTML 4Page - Texas Instruments BQ24050DSQT Datasheet HTML 5Page - Texas Instruments BQ24050DSQT Datasheet HTML 6Page - Texas Instruments BQ24050DSQT Datasheet HTML 7Page - Texas Instruments BQ24050DSQT Datasheet HTML 8Page - Texas Instruments BQ24050DSQT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
bq24050
bq24052
bq24055
www.ti.com.................................................................................................................................... SLUS940A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009
RECOMMENDED OPERATING CONDITIONS
(1)
MIN
NOM
UNIT
IN voltage range
3.5
28
V
VIN
IN operating voltage range, Restricted by VDPM and VOVP
4.45
6.45
V
IIN
Input current, IN pin
0.8
A
IOUT
Current, OUT pin
0.8
A
TJ
Junction temperature
0
125
°C
RPRE-TERM
Programs precharge and termination current thresholds
1
10
k
RISET
Fast-charge current programming resistor
0.675
49.9
k
10k NTC thermistor range without entering TTDM, bq24050/55
1.66
258
k
RTS
100k NTC thermistor range without entering TTDM, bq24052
24
885
k
(1)
Operation with VIN less than 4.5V or in drop-out may result in reduced performance.
ELECTRICAL CHARACTERISTICS
Over junction temperature range 0°C
≤ TJ ≤ 125°C and recommended supply voltage (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
UVLO
Undervoltage lock-out Exit
VIN: 0V → 4V Update based on sim/char
3.15
3.3
3.45
V
VIN: 4V→0V,
VHYS_UVLO
Hysteresis on VUVLO_RISE falling
175
230
280
mV
VUVLO_FALL = VUVLO_RISE –VHYS-UVLO
Input power good detection threshold
(Input power good if VIN > VOUT + VIN-DT); VOUT =
VIN-DT
30
80
145
mV
is VOUT + VIN-DT
3.6V, VIN: 3.5V → 4V
VHYS-INDT
Hysteresis on VIN-DT falling
VOUT = 3.6V, VIN: 4V → 3.5V
31
mV
Time measured from VIN: 0V → 5V 1μs rise-time to
tDGL(PG_PWR)
Deglitch time on exiting sleep.
45
μs
PG = low, VOUT = 3.6V
tDGL(PG_NO-
Deglitch time on VHYS-INDT power
Time measured from VIN: 5V → 3.2V 1μs fall-time
29
ms
PWR)
down. Same as entering sleep.
to PG = High Z, VOUT = 3.6V
VOVP
Input over-voltage protection threshold VIN: 5V → 7V (50/52/55)
6.5
6.65
6.8
V
tDGL(OVP-SET)
Input over-voltage blanking time
VIN: 5V → 12V
113
μs
VHYS-OVP
Hysteresis on OVP
VIN: 11V → 5V
95
mV
Time measured from VIN: 12V → 5V 1μs fall-time
tDGL(OVP-REC)
Deglitch time exiting OVP
30
μs
to PG = LO
Feature active in USB mode; Limit Input Source
4.34
4.4
4.46
Current to 50mA; VOUT=3.5V; RISET = 825Ω
USB/Adaptor low input voltage
VIN-DPM
V
protection. Restricts lout at VIN-DPM
Feature active in Adaptor mode; Limit Input Source
4.24
4.3
4.36
Current to 50mA; VOUT=3.5V; RISET = 825Ω
USB input I-Limit 100mA
ISET2 = Float; RISET = 825Ω
85
92
100
IIN-USB-CL
mA
USB input I-Limit 500mA
ISET2 = High; RISET = 825Ω
430
462
500
ISET SHORT CIRCUIT TEST
Highest Resistor value considered a
Riset: 600
Ω → 250Ω, Iout latches off. Cycle power
RISET_SHORT
280
500
fault (short). Monitored for Iout>90mA
to Reset. USB100 mode.
Deglitch time transition from ISET
tDGL_SHORT
Clear fault by cycling IN or TS
1
ms
short to Iout disable
Maximum OUT current limit
VIN = 5V, VOUT = 3.6V, VISET2 =Low, Riset: 600Ω →
IOUT_CL
1.05
1.4
A
Regulation (Clamp)
250
Ω, Iout latches off after tDGL-SHORT
BATTERY SHORT PROTECTION
OUT pin short-circuit detection
VOUT(SC)
VOUT:3V → 0.5V, no deglitch
0.75
0.8
0.85
V
threshold/ precharge threshold
Recovery
≥ VOUT(SC) + VOUT(SC-HYS); Rising, no
VOUT(SC-HYS)
OUT pin Short hysteresis
77
mV
Deglitch
Source current to OUT pin during
IOUT(SC)
10
15
20
mA
short-circuit detection
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): bq24050 bq24052 bq24055


Similar Part No. - BQ24050DSQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24001 TI-BQ24001 Datasheet
189Kb / 23P
[Old version datasheet]   SINGLE-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
BQ24001 TI1-BQ24001 Datasheet
881Kb / 31P
[Old version datasheet]   SINGLE-CELL LI-ION CHARGE MANAGEMENT ICFOR PDAS
BQ24001PWP TI-BQ24001PWP Datasheet
189Kb / 23P
[Old version datasheet]   SINGLE-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
BQ24001PWP TI1-BQ24001PWP Datasheet
881Kb / 31P
[Old version datasheet]   SINGLE-CELL LI-ION CHARGE MANAGEMENT ICFOR PDAS
BQ24001PWPG4 TI1-BQ24001PWPG4 Datasheet
881Kb / 31P
[Old version datasheet]   SINGLE-CELL LI-ION CHARGE MANAGEMENT ICFOR PDAS
More results

Similar Description - BQ24050DSQT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3947 NSC-LP3947 Datasheet
649Kb / 14P
   USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
logo
Torex Semiconductor
XC6802-12 TOREX-XC6802-12 Datasheet
465Kb / 21P
   800mA Single Cell Li-ion Battery Linear Charger IC
XC6802 TOREX-XC6802_12 Datasheet
465Kb / 21P
   800mA Single Cell Li-ion Battery Linear Charger IC
XC6802 TOREX-XC6802_15 Datasheet
465Kb / 21P
   800mA Single Cell Li-ion Battery Linear Charger IC
logo
Texas Instruments
LP3947ISD-51 TI1-LP3947ISD-51 Datasheet
836Kb / 20P
[Old version datasheet]   LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
BQ24212 TI1-BQ24212 Datasheet
254Kb / 8P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
BQ24210 TI1-BQ24210 Datasheet
679Kb / 26P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
BQ24040 TI-BQ24040 Datasheet
1Mb / 31P
[Old version datasheet]   800mA Single-Input Single Cell Li-Ion Battery Charger With Auto Start
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com