Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq24747RHDT Datasheet(PDF) 4 Page - Texas Instruments

Part # bq24747RHDT
Description  SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator and Charge Enable Pin
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq24747RHDT Datasheet(HTML) 4 Page - Texas Instruments

  bq24747RHDT Datasheet HTML 1Page - Texas Instruments bq24747RHDT Datasheet HTML 2Page - Texas Instruments bq24747RHDT Datasheet HTML 3Page - Texas Instruments bq24747RHDT Datasheet HTML 4Page - Texas Instruments bq24747RHDT Datasheet HTML 5Page - Texas Instruments bq24747RHDT Datasheet HTML 6Page - Texas Instruments bq24747RHDT Datasheet HTML 7Page - Texas Instruments bq24747RHDT Datasheet HTML 8Page - Texas Instruments bq24747RHDT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
bq24747
SLUS988 – OCTOBER 2009 ............................................................................................................................................................................................. www.ti.com
Table 1. TERMINAL FUNCTIONS – 28-PIN QFN
TERMINAL
FUNCTION
NO.
1
ICREF
Input current comparator voltage reference input. Connect a resistor-divider from VREF to ICREF, and GND to
program the reference for the ICOUT comparator. The ICREF pin voltage is compared to the VICM pin voltage and
the logic output is given on the ICOUT open-drain pin. Connecting a positive feedback resistor from the ICREF pin to
the ICOUT pin programs the hysteresis.
2
ACIN
Adapter detected voltage set input. Program the adapter detect threshold by connecting a resistor divider from adapter
input to ACIN pin to GND pin. Adapter voltage is detected if ACIN pin voltage is greater than 2.4 V. VICM current
sense amplifier, ICOUT comparator, ICREF input, and ACOK output are active when ACIN pin voltage is greater than
0.6 V.
3
VREF
3.3 V regulated voltage output. Place a 1
μF ceramic capacitor from VREF to GND pin close to the IC. This voltage
could be used for ratio metric programming of voltage and current regulation and for programming the ICREF
threshold.
4
EAO
Error Amplifier Output for compensation. Connect the feedback-compensation components from EAO to EAI.
Typically, a capacitor in parallel with a series resistor and capacitor. This node is internally compared to the PWM
saw-tooth oscillator signal.
5
EAI
Error Amplifier Input for compensation. Connect the feedback compensation components from EAI to EAO. Connect
the input compensation from FBO to EAI.
6
FBO
Feedback Output for compensation. Connect the input compensation from FBO to EAI. Typically, a resistor in parallel
with a series resistor and capacitor.
7
CE
Charge enable active-high logic input. HI enables charge. LO disables charge.
8
VICM
Adapter current sense amplifier output. VICM voltage is 20 times the differential voltage across CSSP-CSSN. Place a
100pF (max) or less ceramic decoupling capacitor from VICM to GND.
9
SDA
SMBus Data input. Connect to SMBus data line from the host controller. A 10-k
Ω pull-up resistor to the host controller
power rail is needed.
10
SCL
SMBus Clock input. Connect to SMBus clock line from the host controller. A 10-k
Ω pull-up resistor to the host
controller power rail is needed.
11
VDDSMB
Input voltage for SMBus logic. Connect a 3.3 V always supply rail, or 5 V always rail to VDDSMB pin. Connect a 0.1
μF
ceramic capacitor from VDDSMB to GND for decoupling.
12
GND
Analog Ground. On PCB layout, connect to the analog ground plane, and only connect to PGND through the
power-pad underneath the IC.
13
ACOK
Valid adapter active-high detect logic open-drain output. Pulled HI when Input voltage is above ACIN programmed
threshold. Connect a 10-k
Ω pull-up resistor from ACOK pin to pull-up supply rail.
14
NC
No Connect. Pin floating internally.
15
VFB
Battery-voltage remote sense. Directly connect a Kelvin sense trace from the battery-pack positive terminal to the VFB
pin to accurately sense the battery pack voltage. Place a 0.1-
μF capacitor from VFB to GND close to the IC to filter
high-frequency noise.
16
NC
No Connect. Pin floating internally.
17
CSON
Charge-current sense resistor, negative input. An optional 0.1-
μF ceramic capacitor is placed from CSON pin to GND
for common-mode filtering. An optional 0.1-
μF ceramic capacitor is placed from CSON to CSOP to provide
differential-mode filtering.
18
CSOP
Charge-current sense resistor, positive input. An optional 0.1-
μF ceramic capacitor is placed from CSOP pin to GND
for common mode filtering. An optional 0.1-
μF ceramic capacitor is placed from CSON to CSOP to provide
differential-mode filtering.
19
PGND
Power ground. On PCB layout, connect directly to source of low-side power MOSFET, to ground connection of input
and output capacitors of the charger. Only connect to GND through the power-pad underneath the IC.
20
LGATE
PWM low-side driver output. Connect to the gate of the low-side power MOSFET with a short trace.
21
VDDP
PWM low-side driver positive 6-V supply output. Connect a 1-
μF ceramic capacitor from VDDP to PGND pin, close to
the IC. Use for high-side driver bootstrap voltage by connecting a small signal Schottky diode from VDDP to BOOT.
22
DCIN
IC-power positive supply. Connect to the common-source (diode-OR) point: source of high-side P-channel MOSFET
and source of reverse blocking power P-channel MOSFET. Place a 1
μF ceramic capacitor from DCIN to PGND pin
close to the IC.
23
PHASE
PWM high-side driver negative supply. Connect to the phase switching node (junction of the low-side power MOSFET
drain, high-side power MOSFET source, and output inductor). Connect the 0.1
μF bootstrap capacitor from PHASE to
BOOT.
24
UGATE
PWM high-side driver output. Connect to the gate of the high-side power MOSFET with a short trace.
25
BOOT
PWM high-side driver positive supply. Connect a 0.1
μF bootstrap ceramic capacitor from BOOT to PHASE. Connect a
small bootstrap Schottky diode from VDDP to BOOT.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :bq24747


Similar Part No. - bq24747RHDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24740 TI-BQ24740 Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740 TI-BQ24740 Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740 TI1-BQ24740 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24740RHDR TI-BQ24740RHDR Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740RHDR TI-BQ24740RHDR Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
More results

Similar Description - bq24747RHDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24745 TI-BQ24745 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator
BQ24765 TI1-BQ24765_15 Datasheet
1Mb / 43P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger
BQ24740 TI-BQ24740 Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740 TI-BQ24740_07 Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24705 TI-BQ24705 Datasheet
1Mb / 30P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger With Low Input Power Detect
BQ24745 TI1-BQ24745_14 Datasheet
1Mb / 39P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery
BQ24765 TI1-BQ24765 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger With Integrated Power MOSFETs
BQ24765 TI-BQ24765_15 Datasheet
1Mb / 37P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger With Integrated Power MOSFETs
logo
Maxim Integrated Produc...
MAX1644 MAXIM-MAX1644 Datasheet
183Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
19-1566; Rev 0a; 10/99
MAX1645B MAXIM-MAX1645B Datasheet
357Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
Rev 0; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com