Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2531 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CC2531
Description  A USB Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2531 Datasheet(HTML) 1 Page - Texas Instruments

  CC2531 Datasheet HTML 1Page - Texas Instruments CC2531 Datasheet HTML 2Page - Texas Instruments CC2531 Datasheet HTML 3Page - Texas Instruments CC2531 Datasheet HTML 4Page - Texas Instruments CC2531 Datasheet HTML 5Page - Texas Instruments CC2531 Datasheet HTML 6Page - Texas Instruments CC2531 Datasheet HTML 7Page - Texas Instruments CC2531 Datasheet HTML 8Page - Texas Instruments CC2531 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
FEATURES
APPLICATIONS
CC2531
www.ti.com ........................................................................................................................................................................................ SWRS086 – SEPTEMBER 2009
A USB Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee
Applications
• Peripherals
234
• RF/Layout
Powerful Five-Channel DMA
2.4-GHz IEEE 802.15.4 Compliant RF
IEEE 802.15.4 MAC Timer, General-Purpose
Transceiver
Timers (One 16-Bit, Two 8-Bit)
Excellent Receiver Sensitivity and
IR Generation Circuitry
Robustness to Interference
32-kHz Sleep Timer With Capture
Programmable Output Power Up to 4.5 dBm
CSMA/CA Hardware Support
Few External Components
Accurate Digital RSSI/LQI Support
Only a Single Crystal Needed for Mesh
Battery Monitor and Temperature Sensor
Network Systems
12-Bit ADC With Eight Channels and
6-mm × 6-mm QFN40 Package
Configurable Resolution
Suitable for Systems Targeting Compliance
AES Security Coprocessor
With Worldwide Radio-Frequency
Two Powerful USARTs With Support for
Regulations: ETSI EN 300 328 and EN 300
Several Serial Protocols
440 (Europe), FCC CFR47 Part 15 (US) and
21 General-Purpose I/O Pins
ARIB STD-T-66 (Japan)
(19 × 4 mA, 2 × 20 mA)
• USB
Watchdog Timer
USB 2.0 Certified Full Speed Device (12
• Development Tools
Mbps)
CC2531 Development Kit
5 Highly Flexible Endpoints
Certified CC2531 USB Dongle Reference
1-KB dedicated FIFO
Design
DMA access to FIFO
SmartRF™ Software
No 48-MHz Crystal Required
Packet Sniffer
• Low Power
IAR Embedded Workbench™ Available
Active Mode RX (CPU Idle): 24 mA
Active Mode TX at 1 dBm (CPU Idle): 29 mA
Power Mode 1 (4
µs Wake-Up): 0.2 mA
• USB Upgradable 2.4-GHz IEEE 802.15.4
Systems
Power Mode 2 (Sleep Timer Running): 1
µA
• RF4CE Remote Control Target for TV or STB
Power Mode 3 (External Interrupts): 0.4
µA
• PC Peripherals
Wide Supply-Voltage Range (2 V–3.6 V)
• ZigBee Systems
• Microcontroller
• Home/Building Automation
High-Performance and Low-Power 8051
• Lighting Systems
Microcontroller Core With Code Prefetch
• Industrial Control and Monitoring
256-KB In-System-Programmable Flash
• Low-Power Wireless Sensor Networks
8-KB RAM With Retention in All Power
• Consumer Electronics
Modes
• Health Care
Hardware Debug Support
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SmartRF, Z-Stack, RemoTI are trademarks of Texas Instruments.
3
IAR Embedded Workbench is a trademark of IAR Systems AB.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CC2531

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2531-RF4CE TI-CC2531-RF4CE Datasheet
893Kb / 36P
[Old version datasheet]   A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2531F128 TI-CC2531F128 Datasheet
619Kb / 35P
[Old version datasheet]   A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2531F128 TI-CC2531F128 Datasheet
743Kb / 35P
[Old version datasheet]   A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee
CC2531F128 TI-CC2531F128 Datasheet
893Kb / 36P
[Old version datasheet]   A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2531F128RHAR TI-CC2531F128RHAR Datasheet
619Kb / 35P
[Old version datasheet]   A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results

Similar Description - CC2531

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2531F128 TI-CC2531F128 Datasheet
619Kb / 35P
[Old version datasheet]   A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2531F128 TI-CC2531F128_15 Datasheet
893Kb / 36P
[Old version datasheet]   A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2531F128 TI-CC2531F128_12 Datasheet
743Kb / 35P
[Old version datasheet]   A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F3 TI-CC2530F3_12 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530ZDK TI1-CC2530ZDK Datasheet
440Kb / 34P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_2 Datasheet
740Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530 TI1-CC2530 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com