Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUF08821BIPWPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BUF08821BIPWPR
Description  Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF08821BIPWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button BUF08821BIPWPR Datasheet HTML 3Page - Texas Instruments BUF08821BIPWPR Datasheet HTML 4Page - Texas Instruments BUF08821BIPWPR Datasheet HTML 5Page - Texas Instruments BUF08821BIPWPR Datasheet HTML 6Page - Texas Instruments BUF08821BIPWPR Datasheet HTML 7Page - Texas Instruments BUF08821BIPWPR Datasheet HTML 8Page - Texas Instruments BUF08821BIPWPR Datasheet HTML 9Page - Texas Instruments BUF08821BIPWPR Datasheet HTML 10Page - Texas Instruments BUF08821BIPWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
V
COM
OUT1
OUT2
OUT3
OUT4
V
S
(3)
GND
A
(2)
V
SD
SDA
NC
OUT8
OUT7
OUT6
GND
A
(2)
V
S
(3)
OUT5
GND
D
(2)
BKSEL
A0
BUF08821
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
10
V
COM
V
S
(1)
(1)
(1)
Timing
Controller
3.3V
100nF
1 F
m
(1)
100nF
10 F
m
Source
Driver
Source
Driver
(1)
(1)
(1)
(1)
(1)
V
S
Source
Driver
SCL
www.ti.com ................................................................................................................................................. SBOS438C – AUGUST 2008 – REVISED AUGUST 2009
APPLICATION INFORMATION
At power-on, the BUF08821 first updates all channels
to midscale (code 1000000000) and then reads the
GENERAL
data for both memory banks into the two sets of
The BUF08821 programmable voltage reference
storage
registers.
This
read
process
requires
allows
fast
and
easy
adjustment
of
eight
approximately 560
μs. After this read is complete, the
programmable gamma reference outputs and one
BUF08821 updates the DACs simultaneously with
VCOM output, each with 10-bit resolution. The
data for the bank selected by the BKSEL pin.
BUF08821 is programmed through a high-speed, I2C
The BUF08821 can be powered using an analog
interface. The final gamma and VCOM values can be
supply voltage from 9V to 20V, and a digital supply
stored in the on-chip, nonvolatile memory. To allow
from 2V to 5.5V. The digital supply must be applied
for programming errors or liquid crystal display (LCD)
before the analog supply to avoid excessive current
panel rework, the BUF08821 supports up to 16 write
and power consumption, or possibly even damage to
operations to each word in the on-chip memory. The
the device if left connected only to the analog supply
BUF08821 has two separate memory banks, allowing
for extended periods of time. Figure 10 shows a
simultaneous storage of two different gamma curves
typical configuration of the BUF08821.
to facilitate dynamic switching between gamma
curves. The BUF08821 also has two storage registers
for each digital-to-analog converter (DAC) channel to
allow fast switching (less than 10
μs) between gamma
curves.
(1) RC combination optional; see the Output Pins ESD Protection Current-Steering Diodes section.
(2) GNDA and GNDD must be connected together.
(3) Pins 6 and 15 are VS. The one set of capacitors shown on pin 15 are common to both pins.
Figure 10. Typical Application Configuration
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): BUF08821


Similar Part No. - BUF08821BIPWPR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
BUF08800 BURR-BROWN-BUF08800 Datasheet
617Kb / 23P
   Programmable Reference Generator and 400mA VCOM Driver
BUF08800AIPWPR BURR-BROWN-BUF08800AIPWPR Datasheet
617Kb / 23P
   Programmable Reference Generator and 400mA VCOM Driver
logo
Texas Instruments
BUF08832 TI-BUF08832 Datasheet
800Kb / 30P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF08832 TI1-BUF08832 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF08832AIPWPR TI-BUF08832AIPWPR Datasheet
800Kb / 30P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
More results

Similar Description - BUF08821BIPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF16821 TI-BUF16821_1 Datasheet
813Kb / 30P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
EPCOS
BUF16821 EPCOS-BUF16821 Datasheet
826Kb / 29P
   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
Texas Instruments
BUF22821 TI-BUF22821 Datasheet
751Kb / 25P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF16821 TI-BUF16821 Datasheet
826Kb / 29P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF08832 TI-BUF08832 Datasheet
800Kb / 30P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF08832 TI1-BUF08832_14 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF12840 TI-BUF12840_12 Datasheet
395Kb / 26P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF12840 TI1-BUF12840_14 Datasheet
1Mb / 32P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
logo
Burr-Brown (TI)
BUF20800 BURR-BROWN-BUF20800 Datasheet
752Kb / 27P
   18-Channel GAMMA VOLTAGE GENERATOR with Two Programmable VCOM Channels
logo
Texas Instruments
BUF20800-Q1 TI1-BUF20800-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   18-CHANNEL GAMMA VOLTAGE GENERATOR WITH TWO PROGRAMMABLE VCOM CHANNELS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com