Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5689 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5689
Description  16-BIT 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5689 Datasheet(HTML) 4 Page - Texas Instruments

  DAC5689 Datasheet HTML 1Page - Texas Instruments DAC5689 Datasheet HTML 2Page - Texas Instruments DAC5689 Datasheet HTML 3Page - Texas Instruments DAC5689 Datasheet HTML 4Page - Texas Instruments DAC5689 Datasheet HTML 5Page - Texas Instruments DAC5689 Datasheet HTML 6Page - Texas Instruments DAC5689 Datasheet HTML 7Page - Texas Instruments DAC5689 Datasheet HTML 8Page - Texas Instruments DAC5689 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
ABSOLUTE MAXIMUM RATINGS
THERMAL CHARACTERISTICS
DAC5689
SLLS989 – SEPTEMBER 2009 .......................................................................................................................................................................................... www.ti.com
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Transmit enable input. Internal pull-down. TXENABLE must be high for the DATA to the DAC to be
TXENABLE
6
I
enabled. When TXENABLE is low, the digital logic section is forced to all 0, and any input data is
ignored.
Digital supply voltage. (1.8V) This supply pin is also used for factory fuse programming. Connect to
VFUSE
44
I
DVDD pins for normal operation.
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Supply voltage range
DVDD(2)
–0.5 to 2.3
V
VFUSE(2)
–0.5 to 2.3
V
CLKVDD(2)
–0.5 to 2.3
V
AVDD(2)
–0.5 to 4
V
IOVDD(2)
–0.5 to 4
V
Supply voltage range
AVDD to DVDD
–2 to 2.6
V
CLKVDD to DVDD
–0.5 to 0.5
V
IOVDD to AVDD
–0.5 to 0.5
V
CLK2, CLK2C(2)
–0.5 to CLKVDD + 0.5
V
CLKO_CLK1, CLK1C, SLEEP, TXENABLE(2)
–0.5 to IOVDD + 0.5
V
DA[15..0] ,DB[15..0] (2)
–0.5 to IOVDD + 0.5
V
SDO, SDIO, SCLK, SDENB, RESETB (2)
–0.5 to IOVDD + 0.5
V
IOUTA1/B1, IOUTA2/B2 (2)
–0.5 to AVDD + 0.5
V
EXTIO, EXTLO, BIASJ (2)
–0.5 to AVDD + 0.5
V
Peak input current (any input)
20 mA
mA
Peak total input current (all inputs)
–30 mA
mA
Operating free-air temperature range, TA: DAC5689I
–40 to 85
°C
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of these or any other conditions beyond those indicated under recommended operating conditions is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Measured with respect to GND.
over operating free-air temperature range (unless otherwise noted)
THERMAL CONDUCTIVITY
64ld QFN
UNIT
TJ
Maximum junction temperature(1)(2)
125
°C
Theta junction-to-ambient (still air)
22
θ
JA
°C/W
Theta junction-to-ambient (150 lfm)
15
ψ
JT
Psi junction-to-top of package
0.2
°C/W
θ
JB
Theta junction-to-board
3.5
°C/W
(1)
Air flow or heat sinking reduces
θ
JA and may be required for sustained operation at 85°C under maximum operating conditions.
(2)
It is strongly recommended to solder the device thermal pad to the board ground plane.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DAC5689


Similar Part No. - DAC5689

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5689 TI-DAC5689_15 Datasheet
1Mb / 50P
[Old version datasheet]   16-BIT, 800 MSPS 2x??x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
More results

Similar Description - DAC5689

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5688 TI-DAC5688_10 Datasheet
1Mb / 55P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687 TI-DAC5687 Datasheet
2Mb / 72P
[Old version datasheet]   16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689_15 Datasheet
1Mb / 50P
[Old version datasheet]   16-BIT, 800 MSPS 2x??x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI1-DAC5688_14 Datasheet
1Mb / 57P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688_15 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_15 Datasheet
1Mb / 65P
[Old version datasheet]   DAC3282 16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com