Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7716SPFBR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7716SPFBR
Description  Quad 12-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7716SPFBR Datasheet(HTML) 4 Page - Texas Instruments

  DAC7716SPFBR Datasheet HTML 1Page - Texas Instruments DAC7716SPFBR Datasheet HTML 2Page - Texas Instruments DAC7716SPFBR Datasheet HTML 3Page - Texas Instruments DAC7716SPFBR Datasheet HTML 4Page - Texas Instruments DAC7716SPFBR Datasheet HTML 5Page - Texas Instruments DAC7716SPFBR Datasheet HTML 6Page - Texas Instruments DAC7716SPFBR Datasheet HTML 7Page - Texas Instruments DAC7716SPFBR Datasheet HTML 8Page - Texas Instruments DAC7716SPFBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
DAC7716
SBAS463A – AUGUST 2009 – REVISED SEPTEMBER 2009 ........................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = TMIN to TMAX, AVDD = +11V to +18V, AVSS = –11V to –18V, VREF = REF-A = REF-B = +5V,
DVDD = +5V, IOVDD = +1.8V to DVDD, AGND = DGND = REFGND-A = REFGND-B = SGND-x = 0V, and DAC gain = 4, unless
otherwise noted.
DAC7716
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE(6)
To 0.1% of FS, CL = 200pF, RL= 10kΩ, output changes
6
µs
from –10V to +10V or +10V to –10V
To 1 LSB, CL = 200pF, RL = 10kΩ, output changes from
Settling time
7
µs
–10V to +10V or +10V to –10V
To 1 LSB, CL = 200pF, RL = 10kΩ, code changes 512
3
µs
LSBs
Slew rate(7)
CL = 200pF, RL = 10kΩ
5
V/
µs
Recovery time from
Delay from clearing bit PD-x to when DAC returns to
50
µs
power-down mode
normal operation
Digital-to-analog glitch(8)
1 LSB code change around midscale
8
nV-s
Glitch impulse peak amplitude
1 LSB code change around midscale
15
mV
Channel-to-channel isolation(9)
–80
dB
DAC-to-DAC crosstalk(10)
2
nV-s
Digital crosstalk(11)
2
nV-s
Digital feedthrough(12)
2
nV-s
0.1Hz to 10Hz, ±10V output range, gain = 4, midscale code
1
µV
RMS
Output noise
0.1Hz to 100kHz, ±10V output range, gain = 4, midscale
40
µV
RMS
code
1/f corner frequency
500
Hz
TA = +25°C, at 10kHz, ±10V output range, gain = 4,
60
nV/
√Hz
midscale code
Output noise spectral density
TA = +25°C, at 10kHz, 0V to +10V output range, gain = 2,
45
nV/
√Hz
midscale code
MONITOR PIN (VMON)
(6)
Output impedance
2200
High-impedance leakage
100
nA
current
Continuous current limit
0.5
mA
REFERENCE INPUT
Reference input voltage range
1
8
V
Reference input dc impedance
10
100
M
Reference input capacitance(6)
20
pF
(6)
Specified by design and characterization.
(7)
Slew rate is measured from 10% to 90% of the transition when the output changes from negative full-scale to positive full-scale.
(8)
Digital-to-analog glitch is defined as the amount of energy injected into the analog output at the major code transition. It is specified as
the area of the glitch in nV-s. It is measured by toggling the DAC register data between 000h and FFFh in twos complement format.
(9)
Channel-to-channel isolation refers to the ratio of the signal amplitude at the output of one DAC channel to the amplitude of the
sinusoidal signal on the reference input of another DAC channel. It is expressed in dB and measured at midscale.
(10) DAC-to-DAC crosstalk is the glitch impulse that appears at the output of one DAC as a result of both the full-scale digital code and
subsequent analog output change at another DAC. It is measured with LDAC tied low and expressed in nV-s.
(11) Digital crosstalk is the glitch impulse transferred to the output of one converter as a result of a full-scale code change in the DAC input
register of another converter. It is measured when the DAC output is not updated, and is expressed in nV-s.
(12) Digital feedthrough is the glitch impulse injected to the output of a DAC as a result of a digital code change in the DAC input register of
the same DAC. It is measured with the full-scale digital code change without updating the DAC output, and is expressed in nV-s.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DAC7716


Similar Part No. - DAC7716SPFBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714 TI1-DAC7714 Datasheet
786Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714U TI-DAC7714U Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714U TI1-DAC7714U Datasheet
786Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714U/1K TI-DAC7714U/1K Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7716SPFBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8234 TI-DAC8234 Datasheet
1Mb / 41P
[Old version datasheet]   Quad 14-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8734 TI-DAC8734 Datasheet
1Mb / 41P
[Old version datasheet]   Quad 16-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8734_091 TI-DAC8734_091 Datasheet
1Mb / 41P
[Old version datasheet]   Quad, 16-Bit, High-Accuracy, 짹16V Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615 BURR-BROWN-DAC7615 Datasheet
485Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7616 BURR-BROWN-DAC7616 Datasheet
292Kb / 13P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com