Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8234 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8234
Description  Quad 14-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8234 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC8234 Datasheet HTML 3Page - Texas Instruments DAC8234 Datasheet HTML 4Page - Texas Instruments DAC8234 Datasheet HTML 5Page - Texas Instruments DAC8234 Datasheet HTML 6Page - Texas Instruments DAC8234 Datasheet HTML 7Page - Texas Instruments DAC8234 Datasheet HTML 8Page - Texas Instruments DAC8234 Datasheet HTML 9Page - Texas Instruments DAC8234 Datasheet HTML 10Page - Texas Instruments DAC8234 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
PIN CONFIGURATIONS
CS
SCLK
SDI
SDO
LDAC
RST
GPIO-0
GPIO-1
UNI/BIP-A
DGND
AV
DD
V
MON
AV
SS
REFGND-B
REF-B
REF-A
REFGND-A
AV
SS
AGND
AV
DD
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
DAC8234
NC
AV
DD
V
MON
AV
SS
REFGND-B
REF-B
REF-A
REFGND-A
AV
SS
AGND
AV
DD
NC
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
NC
CS
SCLK
SDI
SDO
LDAC
RST
GPIO-0
GPIO-1
UNI/BIP-A
DGND
NC
DAC8234
DAC8234
www.ti.com ........................................................................................................................................... SBAS464A – AUGUST 2009 – REVISED SEPTEMBER 2009
RHA PACKAGE(1)
PFB PACKAGE
QFN-40
TQFP-48
(TOP VIEW)
(TOP VIEW)
(1)
The thermal pad is internally connected to
the substrate. This pad can be connected
to AVSS or left floating.
PIN DESCRIPTIONS
PIN NO.
PIN
NAME
QFN-40
TQFP-48
I/O
DESCRIPTION
SPI bus chip select input (active low). Data are not clocked into the SPI shift register unless CS is
CS
1
2
I
low. When CS is high, SDO is in a high-impedance state.
SCLK
2
3
I
SPI bus clock
SDI
3
4
I
SPI bus input data
SDO
4
5
O
SPI output data
Load DAC latch control input (active low). When LDAC is low, the DAC latch is transparent and the
LDAC
5
6
I
contents of the Input Data Register are transferred to it. The DAC output changes to the
corresponding level simultaneously when the DAC latch is updated.
Reset input (active low). Logic low on this pin resets the input registers and DACs to the values
RST
6
7
I
defined by the UNI/BIP pins, and sets the Gain Register and Zero Register to default values.
General-purpose digital input/output 0. This pin is a bidirectional, digital input/output, and has an
GPIO-0
7
8
I/O
open-drain output. A 10k
Ω pull-up resistor to IOVDD is needed when this pin is used as an output.
See the GPIO Pins section for details.
General-purpose digital input/output 1. This pin is a bidirectional, digital input/output, and has an
GPIO-1
8
9
I/O
open-drain output. A 10k
Ω pull-up resistor to IOVDD is needed when this pin is used as an output.
See the GPIO Pins section for details.
Output mode selection of group A (DAC-0 and DAC-1). When UNI/BIP-A is tied to IOVDD, group A
is in unipolar output mode; when tied to DGND, group A is in bipolar output mode. The input data
UNI/BIP-A
9
10
I
written to the DAC are straight binary for unipolar output mode and twos complement for bipolar
output mode.
DGND
10
11
I
Digital ground
IOVDD
11
13
I
Interface power
DVDD
12
14
I
Digital power
VOUT-0
13
15
O
DAC-0 output
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DAC8234


Similar Part No. - DAC8234

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC82001 TI-DAC82001 Datasheet
1Mb / 21P
[Old version datasheet]   DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
SEPTEMBER 2022
DAC82001 TI-DAC82001 Datasheet
1Mb / 30P
[Old version datasheet]   DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
REVISED NOVEMBER 2022
DAC82001DRXR TI-DAC82001DRXR Datasheet
1Mb / 30P
[Old version datasheet]   DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
REVISED NOVEMBER 2022
DAC82001 TI-DAC82001_V01 Datasheet
1Mb / 30P
[Old version datasheet]   DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
REVISED NOVEMBER 2022
DAC82002 TI-DAC82002 Datasheet
1Mb / 22P
[Old version datasheet]   DAC82002 16-Bit, Low-Glitch-Energy, Dual-Channel Voltage-Output, Unbuffered DAC
AUGUST 2022
More results

Similar Description - DAC8234

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8734 TI-DAC8734 Datasheet
1Mb / 41P
[Old version datasheet]   Quad 16-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8734_091 TI-DAC8734_091 Datasheet
1Mb / 41P
[Old version datasheet]   Quad, 16-Bit, High-Accuracy, 짹16V Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7716 TI-DAC7716 Datasheet
1Mb / 41P
[Old version datasheet]   Quad 12-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8803 TI-DAC8803 Datasheet
261Kb / 30P
[Old version datasheet]   Quad, Current Output, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803_15 Datasheet
2Mb / 26P
[Old version datasheet]   Quad, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615 BURR-BROWN-DAC7615 Datasheet
485Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com