Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8734 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8734
Description  Quad 16-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8734 Datasheet(HTML) 5 Page - Texas Instruments

  DAC8734 Datasheet HTML 1Page - Texas Instruments DAC8734 Datasheet HTML 2Page - Texas Instruments DAC8734 Datasheet HTML 3Page - Texas Instruments DAC8734 Datasheet HTML 4Page - Texas Instruments DAC8734 Datasheet HTML 5Page - Texas Instruments DAC8734 Datasheet HTML 6Page - Texas Instruments DAC8734 Datasheet HTML 7Page - Texas Instruments DAC8734 Datasheet HTML 8Page - Texas Instruments DAC8734 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
DAC8734
www.ti.com .................................................................................................................................................. SBAS465A – MAY 2009 – REVISED SEPTEMBER 2009
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = TMIN to TMAX, AVDD = +11V to +18V, AVSS = –11V to –18V, VREF = REF-A = REF-B = +5V,
DVDD = +5V, IOVDD = +1.8V to DVDD, AGND = DGND = REFGND-A = REFGND-B = SGND-x = 0V, and DAC gain = 4, unless
otherwise noted.
DAC8734
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS(13) (SDI, CS, SCLK, RST, UNI/BIP-A, UNI/BIP-B, LDAC, GPIO-x)
IOVDD = 4.5V to 5.5V
2.5
IOVDD + 0.3
V
High-level input voltage, VIH
IOVDD = 2.7V to 3.3V
2.1
IOVDD + 0.3
V
IOVDD = +1.8V
1.6
IOVDD + 0.3
V
IOVDD = 4.5V to 5.5V
–0.3
0.8
V
Low-level input voltage, VIL
IOVDD = 2.7V to 3.3V
–0.3
0.6
V
IOVDD = +1.8V
–0.3
0.2
V
Input current
1
µA
Input capacitance
5
pF
DIGITAL OUTPUTS(13) (SDO, GPIO-x)
IOVDD = 2.7V to 5.5V, sourcing 1mA
IOVDD – 0.4
V
SDO high-level output voltage,
VOH
IOVDD = +1.8V, sourcing 200µA
1.6
V
IOVDD = 2.7V to 5.5V, sinking 1mA
0.4
V
SDO low-level output voltage,
VOL
IOVDD = +1.8V, sinking 200µA
0.2
V
SDO high-impedance leakage
1
µA
SDO high-impedance output
10
pF
capacitance
IOVDD = 2.7V to 5.5V, sinking 1mA
0
0.4
V
GPIO low-level output voltage,
VOL
IOVDD = +1.8V, sinking 1mA
0
0.4
V
GPIO open-drain high-level
GPIO in Hi-Z and configured as output
1
µA
output leakage current
POWER SUPPLY
AVDD
(14)
+4.75
+24
V
AVSS
(15)
–18
–4.75
V
DVDD
+2.7
+5.5
V
IOVDD
+1.7
DVDD
V
AIDD (normal operation)
±10V output range, no loading current, VOUT = 0V
2.7
3.4
mA/Channel
AIDD (power-down)
100
µA
AISS (normal operation)
±10V output range, no loading current, VOUT = 0V
3.3
4.0
mA/Channel
AISS (power-down)
100
µA
Static current through the DVDD pin with VIH = IOVDD and
DIDD
25
50
µA
VIL = DGND
IOIDD
VIH = IOVDD, VIL = DGND
±1
±10
µA
Power dissipation (normal
±12V power, no loading current, VOUT = 0V
290
mW
operation)
TEMPERATURE RANGE
Specified performance
–40
+105
°C
(13) Specified by design and characterization.
(14) AVDD should not be greater than +24V or less than +4.75V. Also, AVDD should not be less than ( 2 × VREF + 1V) for bipolar output mode
and should not be less than (Gain × VREF + 1V) for unipolar output mode. In any case, (AVDD – AVSS) ≤ +36V.
(15) AVSS should not be greater than –4.75V or less than –18V. Also, AVSS should not be greater than (–2 × VREF – 1V). In any case, (AVDD
– AVSS) ≤ +36V.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DAC8734


Similar Part No. - DAC8734

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8734 TI-DAC8734 Datasheet
1Mb / 41P
[Old version datasheet]   Quad, 16-Bit, High-Accuracy, 짹16V Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8734SPFB TI-DAC8734SPFB Datasheet
1Mb / 41P
[Old version datasheet]   Quad, 16-Bit, High-Accuracy, 짹16V Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8734SPFBR TI-DAC8734SPFBR Datasheet
1Mb / 41P
[Old version datasheet]   Quad, 16-Bit, High-Accuracy, 짹16V Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8734SRHAR TI-DAC8734SRHAR Datasheet
1Mb / 41P
[Old version datasheet]   Quad, 16-Bit, High-Accuracy, 짹16V Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8734SRHAT TI-DAC8734SRHAT Datasheet
1Mb / 41P
[Old version datasheet]   Quad, 16-Bit, High-Accuracy, 짹16V Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8734

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8734_091 TI-DAC8734_091 Datasheet
1Mb / 41P
[Old version datasheet]   Quad, 16-Bit, High-Accuracy, 짹16V Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8234 TI-DAC8234 Datasheet
1Mb / 41P
[Old version datasheet]   Quad 14-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7716 TI-DAC7716 Datasheet
1Mb / 41P
[Old version datasheet]   Quad 12-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7734 TI1-DAC7734_14 Datasheet
1Mb / 31P
[Old version datasheet]   16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7734 BURR-BROWN-DAC7734 Datasheet
1Mb / 24P
   16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7631 BURR-BROWN-DAC7631 Datasheet
428Kb / 18P
   Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7731 BURR-BROWN-DAC7731 Datasheet
360Kb / 17P
   16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7631 TI1-DAC7631_09 Datasheet
606Kb / 22P
[Old version datasheet]   Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com