Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8734SPFBR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8734SPFBR
Description  Quad 16-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8734SPFBR Datasheet(HTML) 1 Page - Texas Instruments

  DAC8734SPFBR Datasheet HTML 1Page - Texas Instruments DAC8734SPFBR Datasheet HTML 2Page - Texas Instruments DAC8734SPFBR Datasheet HTML 3Page - Texas Instruments DAC8734SPFBR Datasheet HTML 4Page - Texas Instruments DAC8734SPFBR Datasheet HTML 5Page - Texas Instruments DAC8734SPFBR Datasheet HTML 6Page - Texas Instruments DAC8734SPFBR Datasheet HTML 7Page - Texas Instruments DAC8734SPFBR Datasheet HTML 8Page - Texas Instruments DAC8734SPFBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
DAC8734
DAC8734
1
FEATURES
DESCRIPTION
APPLICATIONS
Power-Down
ControlLogic
CS
SCLK
SDI
SDO
IOV
DD
RST
UNI/BIP-A
UNI/BIP-B
LDAC
GPIO-0
GPIO-1
AIN
DAC8734
ReferenceBufferA
V
MON
R
-0
FB1
R
-0
FB2
V
-0
OUT
SGND-0
16-BitDAC
SPI
Shift
Register
Input
Control
Logic
Control
Logic
DGND
DV
DD
DACRegister0
ZeroRegister0
GainRegister0
AGND
AV
DD
AV
SS
REF-A
REFGND-A
Analog
Monitor
ReferenceBufferB
REF-B
REFGND-B
R
-1
FB1
R
-1
FB2
V
-1
OUT
SGND-1
16-BitDAC
DACRegister1
ZeroRegister1
GainRegister1
R
-2
FB1
R
-2
FB2
V
-2
OUT
SGND-2
16-BitDAC
DACRegister2
ZeroRegister2
GainRegister2
R
-3
FB1
R
-3
FB2
V
-3
OUT
SGND-3
16-BitDAC
DACRegister3
ZeroRegister3
GainRegister3
CommandRegister
DAC8734
www.ti.com .................................................................................................................................................. SBAS465A – MAY 2009 – REVISED SEPTEMBER 2009
Quad, 16-Bit, High-Accuracy, ±16V Output, Serial Input
DIGITAL-TO-ANALOG CONVERTER
2345
• Bipolar Output: Up to ±16V
The DAC8734 is a high-accuracy, quad-channel,
16-bit digital-to-analog converter (DAC) that operates
• Unipolar Output: 0V to +20V
from supply voltages of ±5V to ±18V in bipolar output
• 16-Bit Monotonic
mode, and from ±5V to +24V/–12V in unipolar mode.
• Relative Accuracy: 1 LSB Max
With a 5V reference, the DAC8734 can be configured
• Low Zero and Gain Errors
to output ±10V, ±5V, 0V to 20V, or 0V to 10V. The
DAC8734 provides 16-bit monotonicity, excellent
Before User Calibration: 4 LSB
integral nonlinearity (INL) error of ±1 LSB, low glitch,
After User Calibration:
and low noise over the operating temperature range
0.125 LSB Zero Error, 1 LSB Gain Error
of –40°C to +105°C. This device is trimmed in
production for very low zero and gain errors. In
• Low Noise: 60nV/√Hz
addition,
the
DAC8734
implements
a
• Settling Time: 6µs
user-programmable system-level calibration function
• Configurable Gain: x2/x4
to achieve ±0.125 LSB zero error and ±1 LSB gain
• Analog Output Monitor
error.
• Power-Down Mode
The DAC8734 has integrated reference buffers and
output buffers. It features a standard high-speed
• SPI™: Up to 50MHz, 1.8V/3V/5V Logic
1.8V, 3V, or 5V serial peripheral interface (SPI) that
• Daisy-Chain Mode
operates
at
clock
rates
of
up
to
50MHz
to
• Operating Temperature: –40°C to +105°C
communicate with a DSP or microprocessor. The four
• Packages: QFN-40 (6x6mm), TQFP-48 (7x7mm)
DAC
channels
and
the
auxiliary
registers
are
addressed with four address bits. The device features
double-buffered
interface
logic
for
simultaneous
updates of all DACs. An asynchronous load input
• Automatic Test Equipment
(LDAC) transfers data from the input data register to
• Instrumentation
the DAC latch, and the contents of the DAC latch set
• Industrial Process Control
the output voltage. The asynchronous RST input sets
• Communications
the output of all four DACs to 0V. The VMON pin is an
analog monitor output that multiplexes the individual
DAC outputs or the AIN pin.
The DAC8734 is pin-compatible with the DAC8234
(14-bit) and the DAC7716 (12-bit).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DSP is a trademark of Texas Instruments.
3
SPI, QSPI are trademarks of Motorola Inc.
4
Microwire is a trademark of National Semiconductor.
5
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC8734SPFBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8734SPFBR TI-DAC8734SPFBR Datasheet
1Mb / 41P
[Old version datasheet]   Quad, 16-Bit, High-Accuracy, 짹16V Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8734SPFBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8734_091 TI-DAC8734_091 Datasheet
1Mb / 41P
[Old version datasheet]   Quad, 16-Bit, High-Accuracy, 짹16V Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8234 TI-DAC8234 Datasheet
1Mb / 41P
[Old version datasheet]   Quad 14-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7716 TI-DAC7716 Datasheet
1Mb / 41P
[Old version datasheet]   Quad 12-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7734 TI1-DAC7734_14 Datasheet
1Mb / 31P
[Old version datasheet]   16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7734 BURR-BROWN-DAC7734 Datasheet
1Mb / 24P
   16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7631 BURR-BROWN-DAC7631 Datasheet
428Kb / 18P
   Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7731 BURR-BROWN-DAC7731 Datasheet
360Kb / 17P
   16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7631 TI1-DAC7631_09 Datasheet
606Kb / 22P
[Old version datasheet]   Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com