Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1611 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1611
Description  High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1611 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA1611 Datasheet HTML 4Page - Texas Instruments OPA1611 Datasheet HTML 5Page - Texas Instruments OPA1611 Datasheet HTML 6Page - Texas Instruments OPA1611 Datasheet HTML 7Page - Texas Instruments OPA1611 Datasheet HTML 8Page - Texas Instruments OPA1611 Datasheet HTML 9Page - Texas Instruments OPA1611 Datasheet HTML 10Page - Texas Instruments OPA1611 Datasheet HTML 11Page - Texas Instruments OPA1611 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
25
20
15
10
5
0
0
100
200
300
400
500
600
700
800
900 1000
Capacitive Load (pF)
G = 1
-
R = 0W
S
R = 50W
S
R = 25W
S
OPA1611
R =
I
2kW
R
S
C
L
C
F = 5.6pF
R
F = 2kW
+15V
-15V
50
40
30
20
10
0
0
100
200
300
400
500
600
Capacitive Load (pF)
G = +1
R = 0W
S
R = 50W
S
R = 25W
S
+15V
-15V
R
S
C
L
OPA1611
R
L
120
100
80
60
40
20
0
-40
-15
10
35
50
85
Temperature( C)
°
-IB
+I
B
I
OS
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1.0
-
-
-
-
-
-40
-15
10
35
60
85
Temperature ( C)
°
2kW
10kW
80
70
60
50
40
30
20
10
0
10
20
-
-
-18
-12
-6
0
6
12
18
Common-Mode Voltage (V)
-IB
+I
B
I
OS
V = 18V
S
±
Common-Mode Range
5.0
4.5
4.0
3.5
3.0
2.5
2.0
-40
-15
10
35
60
85
Temperature ( C)
°
OPA1611
OPA1612
SBOS450A – JULY 2009 – REVISED AUGUST 2009........................................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±15V, and RL = 2kΩ, unless otherwise noted.
SMALL-SIGNAL OVERSHOOT
SMALL-SIGNAL OVERSHOOT
vs CAPACITIVE LOAD (100mV Output Step)
vs CAPACITIVE LOAD (100mV Output Step)
Figure 19.
Figure 20.
OPEN-LOOP GAIN vs TEMPERATURE
IB AND IOS vs TEMPERATURE
Figure 21.
Figure 22.
IB AND IOS vs COMMON-MODE VOLTAGE
QUIESCENT CURRENT vs TEMPERATURE
Figure 23.
Figure 24.
8
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): OPA1611 OPA1612


Similar Part No. - OPA1611

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1611 TI-OPA1611 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
OPA1611AID TI-OPA1611AID Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
OPA1611AIDR TI-OPA1611AIDR Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
OPA1611 TI-OPA1611_15 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
More results

Similar Description - OPA1611

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1602 TI1-OPA1602 Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1602_1111 TI1-OPA1602_1111 Datasheet
1Mb / 28P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
NOVEMBER2011
OPA1602 TI-OPA1602_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1611 TI-OPA1611_15 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1612-Q1 TI1-OPA1612-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
logo
Burr-Brown (TI)
OPA134_071 BURR-BROWN-OPA134_071 Datasheet
403Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134 BURR-BROWN-OPA134_08 Datasheet
432Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com