Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA8418 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TCA8418
Description  I2C CONTROLLED KEYPAD SCAN IC WITH INTEGRATED ESD PROTECTION
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA8418 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TCA8418 Datasheet HTML 2Page - Texas Instruments TCA8418 Datasheet HTML 3Page - Texas Instruments TCA8418 Datasheet HTML 4Page - Texas Instruments TCA8418 Datasheet HTML 5Page - Texas Instruments TCA8418 Datasheet HTML 6Page - Texas Instruments TCA8418 Datasheet HTML 7Page - Texas Instruments TCA8418 Datasheet HTML 8Page - Texas Instruments TCA8418 Datasheet HTML 9Page - Texas Instruments TCA8418 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
I
2C INTERFACE TIMING REQUIREMENTS
RESET TIMING REQUIREMENTS
TCA8418
SCPS215 – SEPTEMBER 2009 ......................................................................................................................................................................................... www.ti.com
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 13)
STANDARD MODE
FAST MODE
FAST MODE PLUS (FM+)
I2C BUS
I2C BUS
I2C BUS
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
fscl
I2C clock frequency
0
100
0
400
0
1000
kHz
tsch
I2C clock high time
4
0.6
0.26
µs
tscl
I2C clock low time
4.7
1.3
0.5
µs
tsp
I2C spike time
50
50
50
ns
tsds
I2C serial data setup time
250
100
50
ns
tsdh
I2C serial data hold time
0
0
0
ns
ticr
I2C input rise time
1000
20 + 0.1Cb
(1)
300
120
ns
ticf
I2C input fall time
300
20 + 0.1Cb
(1)
300
120
ns
tocf
I2C output fall time; 10 pF to 400 pF bus
300
20 + 0.1Cb
(1)
300
120
µs
I2C bus free time between Stop and
tbuf
4.7
1.3
0.5
µs
Start
I2C Start or repeater Start condition
tsts
4.7
0.6
0.26
µs
setup time
I2C Start or repeater Start condition hold
tsth
4
0.6
0.26
µs
time
tsps
I2C Stop condition setup time
4
0.6
0.26
µs
Valid data time; SCL low to SDA output
tvd(data)
1
0.9
0.45
µs
valid
Valid data time of ACK condition; ACK
tvd(ack)
1
0.9
0.45
µs
signal from SCL low to SDA (out) low
(1)
Cb = total capacitance of one bus line in pF
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 16)
STANDARD MODE, FAST
MODE, FAST MODE PLUS
(FM+)
UNIT
I2C BUS
MIN
MAX
tW
Reset pulse duration
120(1)
µs
tREC
Reset recovery time
120(1)
µs
tRESET
Time to reset
120(1)
µs
(1)
The GPIO debounce circuit uses each GPIO input which passes through a two-stage register circuit. Both registers are clocked by the
same clock signal, presumably free-running, with a nominal period of 50uS. When an input changes state, the new state is clocked into
the first stage on one clock transition. On the next same-direction transition, if the input state is still the same as the previously clocked
state, the signal is clocked into the second stage, and then on to the remaining circuits. Since the inputs are asynchronous to the clock,
it will take anywhere from zero to 50
µsec after the input transition to clock the signal into the first stage. Therefore, the total debounce
time may be as long as 100
µsec. Finally, to account for a slow clock, the spec further guard-banded at 120 µsec.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TCA8418


Similar Part No. - TCA8418

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA8418E TI-TCA8418E Datasheet
657Kb / 35P
[Old version datasheet]   I2C CONTROLLED KEYPAD SCAN IC WITH INTEGRATED ESD PROTECTION
TCA8418EYFPR TI1-TCA8418EYFPR Datasheet
1Mb / 54P
[Old version datasheet]   I2C Controlled Keypad Scan IC
TCA8418EYFPR TI1-TCA8418EYFPR Datasheet
1Mb / 50P
[Old version datasheet]   I2C Controlled Keypad Scan IC With Integrated ESD Protection
TCA8418E TI1-TCA8418E_15 Datasheet
1Mb / 50P
[Old version datasheet]   I2C Controlled Keypad Scan IC With Integrated ESD Protection
TCA8418RTWR TI1-TCA8418RTWR Datasheet
1Mb / 54P
[Old version datasheet]   I2C Controlled Keypad Scan IC
More results

Similar Description - TCA8418

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA8418E TI-TCA8418E Datasheet
657Kb / 35P
[Old version datasheet]   I2C CONTROLLED KEYPAD SCAN IC WITH INTEGRATED ESD PROTECTION
TCA8418E TI1-TCA8418E_15 Datasheet
1Mb / 50P
[Old version datasheet]   I2C Controlled Keypad Scan IC With Integrated ESD Protection
TCA8418 TI1-TCA8418_15 Datasheet
1Mb / 54P
[Old version datasheet]   I2C Controlled Keypad Scan IC
logo
Integrated Device Techn...
LDS6023 IDT-LDS6023 Datasheet
344Kb / 2P
   PureTouch??Capacitance Touch IC with Integrated Keypad LED Drivers
LDS6028 IDT-LDS6028 Datasheet
348Kb / 2P
   PureTouch??Capacitance Touch IC with Integrated Keypad LED Drivers
LDS6020 IDT-LDS6020 Datasheet
346Kb / 2P
   PureTouch??Capacitance Touch IC with Integrated Keypad LED Drivers
LDS6025 IDT-LDS6025 Datasheet
346Kb / 2P
   PureTouch??Capacitance Touch IC with Integrated Keypad LED Drivers
logo
ON Semiconductor
NUF2441FC ONSEMI-NUF2441FC Datasheet
51Kb / 4P
   Integrated Passive Filter with ESD Protection
May, 2005 ??Rev. 4
NUC2401MN ONSEMI-NUC2401MN_10 Datasheet
145Kb / 4P
   Integrated Common Mode Choke with Integrated ESD Protection
January, 2010 ??Rev. 2
NUC2401MN ONSEMI-NUC2401MN Datasheet
175Kb / 4P
   Integrated Common Mode Choke with Integrated ESD Protection
May, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com