Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54218 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54218
Description  2.95 V to 6 V Input 2 A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54218 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54218 Datasheet HTML 3Page - Texas Instruments TPS54218 Datasheet HTML 4Page - Texas Instruments TPS54218 Datasheet HTML 5Page - Texas Instruments TPS54218 Datasheet HTML 6Page - Texas Instruments TPS54218 Datasheet HTML 7Page - Texas Instruments TPS54218 Datasheet HTML 8Page - Texas Instruments TPS54218 Datasheet HTML 9Page - Texas Instruments TPS54218 Datasheet HTML 10Page - Texas Instruments TPS54218 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
450
460
470
480
490
500
510
520
530
540
550
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
RT =400k ,
V =3.3V
W
I
0.02
0.025
0.03
0.035
0.04
0.045
0.05
0.055
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
HighSideRdson
V =3.3V
I
HighSideRdson
V =5V
I
LowSideRdson
V =3.3V
I
LowSideRdson
V =5V
I
0.792
0.794
0.796
0.798
0.8
0.802
0.804
0.806
0.808
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =3.3V
I
3
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =3V
I
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
80
100
120
140
160
180
200
RT-ResistancekW
200
300
400
500
600
700
800
900
1000
100
200
300
400
500
600
700
800
900
1000
RT-Resistance-kW
TPS54218
www.ti.com ......................................................................................................................................................................................... SLVS974 – SEPTEMBER 2009
TYPICAL CHARACTERISTICS CURVES
HIGH SIDE AND LOW SIDE RDS (on) vs TEMPERATURE
FREQUENCY vs TEMPERATURE
Figure 1.
Figure 2.
HIGH SIDE CURRENT LIMIT vs TEMPERATURE
VOLTAGE REFERENCE vs TEMPERATURE
Figure 3.
Figure 4.
SWITCHING FREQUENCY vs
SWITCHING FREQUENCY vs
RT RESISTANCE LOW FREQUENCY RANGE
RT RESISTANCE HIGH FREQUENCY RANGE
Figure 5.
Figure 6.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :TPS54218


Similar Part No. - TPS54218

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54218 TI1-TPS54218 Datasheet
1Mb / 37P
[Old version datasheet]   2.95 V to 6 V Input, 2 A Output, 2MHz, Synchronous Step Down
TPS54218RTER TI1-TPS54218RTER Datasheet
1Mb / 37P
[Old version datasheet]   2.95 V to 6 V Input, 2 A Output, 2MHz, Synchronous Step Down
TPS54218RTET TI1-TPS54218RTET Datasheet
1Mb / 37P
[Old version datasheet]   2.95 V to 6 V Input, 2 A Output, 2MHz, Synchronous Step Down
TPS54218 TI1-TPS54218_12 Datasheet
1Mb / 37P
[Old version datasheet]   2.95 V to 6 V Input, 2 A Output, 2MHz, Synchronous Step Down
TPS54218 TI-TPS54218_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54218 2.95-V to 6-V Input, 2-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
More results

Similar Description - TPS54218

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54418_101 TI-TPS54418_101 Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418_10 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs (SWIFT??
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI1-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57112-Q1 TI1-TPS57112-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319 Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI1-TPS54418_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT)
TPS54478 TI-TPS54478_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com