Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53125PW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53125PW
Description  DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53125PW Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS53125PW Datasheet HTML 2Page - Texas Instruments TPS53125PW Datasheet HTML 3Page - Texas Instruments TPS53125PW Datasheet HTML 4Page - Texas Instruments TPS53125PW Datasheet HTML 5Page - Texas Instruments TPS53125PW Datasheet HTML 6Page - Texas Instruments TPS53125PW Datasheet HTML 7Page - Texas Instruments TPS53125PW Datasheet HTML 8Page - Texas Instruments TPS53125PW Datasheet HTML 9Page - Texas Instruments TPS53125PW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
VBST1
EN1
VO1
VFB1
GND
SS1
VFB2
VO2
EN2
VBST2
DRVH1
SW1
DRVL1
PGND1
TRIP1
VIN
VREG5
V5FILT
SS2
TRIP2
PGND2
DRVL2
SW2
DRVH2
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
16
15
14
13
TSSOP PACKAGE
(TOP VIEW)
TRIP1
VIN
VO1
VFB1
GND
SS1
VREG5
V5 FILT
SS 2
TRIP2
VFB2
VO2
16
15
14
13
18
17
1
2
3
4
5
6
QFN PACKAGE
(TOP VIEW)
TPS53125
SLVS947A – OCTOBER 2009 – REVISED OCTOBER 2009
www.ti.com
PIN Fucntion Table (continued)
TERMINAL
I/O
DESCRIPTION
QFN
TSSOP
NAME
24
24
Signal ground pin. Connect to PGND1, PGND2 and system ground at a single
GND
3
6
I
point.
DRVH1,
High-side N-Channel MOSFET gate driver outputs. SWx referenced drivers
22, 9
1, 12
O
DRVH2
switch between SWx (OFF) and VBSTx (ON).
Switch node connections for both the high-side drivers and the over current
SW1, SW2
21, 10
24, 13
I/O
comparators.
DRVL1,
Low-side N-Channel MOSFET gate driver outputs. PGND referenced drivers
20, 11
23, 14
O
DRVL2
switch between PGNDx (OFF) and VREG5 (ON).
Power ground connections for both the low-side drivers and the over current
PGND1,
19, 12
22, 15
I/O
comparators. Connect PGND1, PGND2 and GND strongly together near the
PGND2
IC.
TRIP1,
Over current threshold programming pin. Connect to GND with a resistor to
18, 13
21, 16
I
TRIP2
GND to set threshold for low-side RDS(ON) current limit.
Supply Input for 5-V linear regulator. Bypass to GND with a minimum
VIN
17
20
I
high-quality 0.1-
μF ceramic capacitor.
5-V supply input for the entire control circuitry except the MOSFET drivers.
V5FILT
15
18
I
Bypass to GND with a minimum high-quality 1.0-
μF ceramic capacitor. V5FILT
is connected to VREG5 via an internal 10-
Ω resistor.
Output of 5-V linear regulator and supply for MOSFET drivers. Bypass to GND
VREG5
16
19
O
with a minimum high-quality 4.7-
μF ceramic capacitor. VREG5 is connected to
V5FILT via an internal 10-
Ω resistor.
Soft-start programming pin. Connect capacitor from SSx pin to GND to program
SS1, SS2
4,14
7, 17
O
soft-start time.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS53125


Similar Part No. - TPS53125PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53125 TI-TPS53125 Datasheet
1Mb / 33P
[Old version datasheet]   TPS53125 Dual Synchronous Step-Down Controller for Low Voltage Power Rails
TPS53125 TI-TPS53125_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS53125 Dual Synchronous Step-Down Controller for Low Voltage Power Rails
More results

Similar Description - TPS53125PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53126 TI-TPS53126 Datasheet
979Kb / 30P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS53125 Dual Synchronous Step-Down Controller for Low Voltage Power Rails
TPS51124 TI-TPS51124_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS51124 Dual Synchronous Step-Down Controller for Low-Voltage Power Rails
TPS53124 TI-TPS53124_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS53124 Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com