Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54226PWP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54226PWP
Description  4.5V to 18V Input 2-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54226PWP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54226PWP Datasheet HTML 3Page - Texas Instruments TPS54226PWP Datasheet HTML 4Page - Texas Instruments TPS54226PWP Datasheet HTML 5Page - Texas Instruments TPS54226PWP Datasheet HTML 6Page - Texas Instruments TPS54226PWP Datasheet HTML 7Page - Texas Instruments TPS54226PWP Datasheet HTML 8Page - Texas Instruments TPS54226PWP Datasheet HTML 9Page - Texas Instruments TPS54226PWP Datasheet HTML 10Page - Texas Instruments TPS54226PWP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TPS54226
www.ti.com
SLVSA14A – OCTOBER 2009 – REVISED OCTOBER 2009
Power Good
The power good function is activated after soft start has finished. The power good function becomes active after
1.7 times soft-start time. When the output voltage is within -10% of the target value, internal comparators detect
power good state and the power good signal becomes high. The power good output, PG, is an open drain
output. If the feedback voltage goes under 15% of the target value, the power good signal becomes low after a
10
μs internal delay.
Output Discharge Control
TPS54226 discharges the output when EN is low, or the controller is turned off by the protection functions (OVP,
UVP, UVLO and thermal shutdown). The output is discharged by an internal 50-
Ω MOSFET which is connected
from VO to PGND. The internal low-side MOSFET is not turned on during the output discharge operation to
avoid the possibility of causing negative voltage at the output.
Current Protection
Output current is limited by cycle-by-cycle overcurrent limiting control. The inductor current is monitored during
the OFF state and the controller keeps the OFF state when the inductor current is larger than the over current
trip level. To provide both good accuracy and cost effective solution, the device supports temperature
compensated internal MOSFET RDS(on) sensing.
The inductor current is monitored by the voltage between PGND pin and SW1/SW2 pin. In an overcurrent
condition, the current to the load exceeds the current to the output capacitor; thus, the output voltage tends to fall
off. Eventually, it will end up with crossing the undervoltage protection threshold and shutdown.
Over/Under Voltage Protection
The TPS54226 detects over and undervoltage conditions by monitoring the feedback voltage (VFB). This
function is enabled after approximately 1.7 times the soft-start time.When the feedback voltage becomes higher
than 120% of the target voltage, the OVP comparator output goes high and the circuit latches the high-side
MOSFET driver turns off and the low-side MOSFET turns on. When the feedback voltage becomes lower than
70% of the target voltage, the UVP comparator output goes high and an internal UVP delay counter begins. After
250
μs, the device latches off both internal top and bottom MOSFET.
UVLO Protection
Undervoltage lock out protection (UVLO) monitors the voltage of the VREG5 pin. When the VREG5 voltage is lower
than UVLO threshold voltage, the TPS54226 is shut off. This is protection is non-latching.
Thermal Shutdown
Thermal protection is self-activating. If the junction temperature exceeds the threshold value (typically 150°C),
the TPS54226 shuts off. This protection is non-latching.
Copyright © 2009, Texas Instruments Incorporated
7
Product Folder Link(s): TPS54226


Similar Part No. - TPS54226PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54226PWP TI1-TPS54226PWP Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226PWP TI1-TPS54226PWP Datasheet
1Mb / 32P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode
TPS54226PWPR TI1-TPS54226PWPR Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226PWPR TI1-TPS54226PWPR Datasheet
1Mb / 32P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode
More results

Similar Description - TPS54226PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54326 TI-TPS54326 Datasheet
880Kb / 22P
[Old version datasheet]   4.5V to 18V Input 3-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54225-Q1 TI-TPS54225-Q1_15 Datasheet
838Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225-Q1 TI1-TPS54225-Q1 Datasheet
817Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI1-TPS54225 Datasheet
849Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI-TPS54225_15 Datasheet
1,012Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54226 TI1-TPS54226_17 Datasheet
1Mb / 32P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode
TPS54226 TI-TPS54226_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226 TI1-TPS54226_12 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54227DRCT TI-TPS54227DRCT Datasheet
1Mb / 26P
[Old version datasheet]   4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54229E TI1-TPS54229E Datasheet
816Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com