Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54318RTER Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54318RTER
Description  2.95V To 6V Input 3A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54318RTER Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54318RTER Datasheet HTML 4Page - Texas Instruments TPS54318RTER Datasheet HTML 5Page - Texas Instruments TPS54318RTER Datasheet HTML 6Page - Texas Instruments TPS54318RTER Datasheet HTML 7Page - Texas Instruments TPS54318RTER Datasheet HTML 8Page - Texas Instruments TPS54318RTER Datasheet HTML 9Page - Texas Instruments TPS54318RTER Datasheet HTML 10Page - Texas Instruments TPS54318RTER Datasheet HTML 11Page - Texas Instruments TPS54318RTER Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
0
25
50
75
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Vsense-V
VsenseFalling
VsenseRising
140
160
180
200
220
240
260
280
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V
=3.3V
IN
1.15
1.16
1.17
1.18
1.19
1.2
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
1.29
1.3
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V
=3.3V,rising
IN
V
=3.3V,falling
IN
40
45
50
55
60
65
70
75
80
85
90
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V
=3.3V
IN
-1.25
-1.15
-1.05
-0.95
-0.85
-0.75
-0.65
-0.55
-0.45
-0.35
-0.25
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V
=5V,
Threshold-50mV
IN
V
=Falling
EN
-3.75
-3.65
-3.55
-3.45
-3.35
-3.25
-3.15
-3.05
-2.95
-2.85
-2.75
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V
=5V,
Threshold+50mV
IN
V
=Rising
EN
TPS54318
SLVS975 – SEPTEMBER 2009 ......................................................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS CURVES (continued)
SWITCHING FREQUENCY vs VSENSE
TRANSCONDUCTANCE vs TEMPERATURE
Figure 7.
Figure 8.
TRANSCONDUCTANCE (SLOW START) vs
JUNCTION TEMPERATURE
ENABLE PIN VOLTAGE vs TEMPERATURE
Figure 9.
Figure 10.
PIN CURRENT vs TEMPERATURE
PIN CURRENT vs TEMPERATURE
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS54318


Similar Part No. - TPS54318RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54318RTER TI-TPS54318RTER Datasheet
1Mb / 36P
[Old version datasheet]   2.95V To 6V Input, 3A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
More results

Similar Description - TPS54318RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54318 TI-TPS54318_1 Datasheet
1Mb / 36P
[Old version datasheet]   2.95V To 6V Input, 3A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
logo
Richtek Technology Corp...
RT8079 RICHTEK-RT8079 Datasheet
199Kb / 13P
   2.95V to 6V Input, 3A Output, 2MHz, Synchronous Step-Down Converter
logo
Texas Instruments
TPS5432 TI1-TPS5432 Datasheet
1Mb / 28P
[Old version datasheet]   2.95V to 6V Input, 3A Output, 700kHz Synchronous Step Down Converter
TPS5432 TI-TPS5432_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.95V to 6V Input, 3A Output, 700kHz Synchronous Step Down Converter
TPS54418_101 TI-TPS54418_101 Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418_10 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs (SWIFT??
TPS54218 TI-TPS54218 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input 2 A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
TPS54395 TI1-TPS54395 Datasheet
1,014Kb / 23P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
logo
Monolithic Power System...
MP8843 MPS-MP8843 Datasheet
609Kb / 22P
   6V, 3A, Synchronous, Step-Down Switcher with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com