Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54326PWPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54326PWPR
Description  4.5V to 18V Input 3-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54326PWPR Datasheet(HTML) 2 Page - Texas Instruments

  TPS54326PWPR Datasheet HTML 1Page - Texas Instruments TPS54326PWPR Datasheet HTML 2Page - Texas Instruments TPS54326PWPR Datasheet HTML 3Page - Texas Instruments TPS54326PWPR Datasheet HTML 4Page - Texas Instruments TPS54326PWPR Datasheet HTML 5Page - Texas Instruments TPS54326PWPR Datasheet HTML 6Page - Texas Instruments TPS54326PWPR Datasheet HTML 7Page - Texas Instruments TPS54326PWPR Datasheet HTML 8Page - Texas Instruments TPS54326PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TPS54326
SLVSA13A – OCTOBER 2009 – REVISED OCTOBER 2009
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
TRANSPORT
TA
PACKAGE (2) (3)
ORDERABLE PART NUMBER
MEDIA, QUANTITY
TPS54326PWP
Tube
PowerPAD™
–45°C to 85°C
(HTSSOP) – PWP (14 Pins)
TPS54326PWPR
Tape and Reel, 3000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
All package options have Cu NIPDAU lead/ball finish.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VIN, VCC, EN
–0.3 to 20
V
VBST
–0.3 to 26
V
VBST (vs SW1, SW2)
–0.3 to 6.5
V
VI
Input voltage range
VFB, VO, SS, PG
–0.3 to 6.5
V
SW1, SW2
–2 to 20
V
SW1, SW2 (10 ns transient)
–3 to 20
V
VREG5
–0.3 to 6.5
V
VO
Output voltage range
PGND1, PGND2
–0.3 to 0.3
V
Vdiff
Voltage from GND to POWERPAD
–0.2 to 0.2
V
Human Body Model (HBM)
2
kV
ESD rating Electrostatic discharge
Charged Device Model (CDM)
500
V
TJ
Operating junction temperature
–40 to 150
°C
Tstg
Storage temperature
–55 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATINGS
(1)
(2 oz. trace and copper pad with solder)
TA = 25°C
TA = 85°C
PACKAGE
θJA
POWER RATING
POWER RATING
PWP
44.5°C/W
2.25 W
0.9 W
(1)
Rating based on JEDEC high thermal conductivity (High K) board with 2 x 2 arrays of thermal vias. See Texas Instruments application
report (SLMA002) regarding thermal characteristic of the PowerPAD™ package.
2
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS54326


Similar Part No. - TPS54326PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54326PWPR TI1-TPS54326PWPR Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode
More results

Similar Description - TPS54326PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54226 TI-TPS54226 Datasheet
725Kb / 21P
[Old version datasheet]   4.5V to 18V Input 2-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54225-Q1 TI-TPS54225-Q1_15 Datasheet
838Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225-Q1 TI1-TPS54225-Q1 Datasheet
817Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI1-TPS54225 Datasheet
849Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI-TPS54225_15 Datasheet
1,012Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54226 TI1-TPS54226_17 Datasheet
1Mb / 32P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode
TPS54226 TI-TPS54226_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226 TI1-TPS54226_12 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54329 TI-TPS54329_15 Datasheet
713Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54329 TI1-TPS54329 Datasheet
757Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com