Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60151DRV Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS60151DRV
Description  TPS60151 5V/140mA Charge Pump Device
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60151DRV Datasheet(HTML) 3 Page - Texas Instruments

  TPS60151DRV Datasheet HTML 1Page - Texas Instruments TPS60151DRV Datasheet HTML 2Page - Texas Instruments TPS60151DRV Datasheet HTML 3Page - Texas Instruments TPS60151DRV Datasheet HTML 4Page - Texas Instruments TPS60151DRV Datasheet HTML 5Page - Texas Instruments TPS60151DRV Datasheet HTML 6Page - Texas Instruments TPS60151DRV Datasheet HTML 7Page - Texas Instruments TPS60151DRV Datasheet HTML 8Page - Texas Instruments TPS60151DRV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
VOUT
t
t
EN
t1
t2
VoutisshorttoGND
SoftStart
IOUT_MAX
50mA(min)
CurrentLimit
4.2V
Vout
t
t0
5.0V
4.5V
Output
Shortcircuitcurrent
Outputcurrent
TPS60151
www.ti.com ......................................................................................................................................................................................... SLVSA02 – SEPTEMBER 2009
ELECTRICAL CHARACTERISTICS (continued)
VIN=3.6V, TA = –40°C to 85°C, typical values are at TA = 25°C, C1 = C3 = 2.2µF, C2 = 1.0µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tSS
Soft-start time
From the rising edge of enable to 90% output
150
µs
OUTPUT CURRENT
IOUT_nom
Maximum output current
VOUT remains between 4.8 V and 5.2 V,
120
mA
3.1 V
≤ VIN ≤ 5.5 V
3.3 V < VIN < 5.5 V
140
IOUT_max
Current limit
VOUT = 4.5 V
500
mA
IOUT_short
Short circuit current(2)
VOUT = 0 V
80
mA
RIPPLE VOLTAGE
VR
Output ripple voltage
IOUT = 140 mA
30
mV
ENABLE CONTROL
VHI
Logic high input voltage
2.7 V
≤ VIN ≤ 5.5 V
1.3
VIN
V
VLI
Logic low input voltage
–0.2
0.4
V
IHI
Logic high input current
1
µA
ILI
Logic low input current
1
µA
THERMAL SHUTDOWN
TSD
Shutdown temperature
160
°C
TRC
Shutdown recovery
140
°C
(2)
TPS60151 has internal protection circuit to protect IC when VOUT shorted to GND.
Figure 2. Maximum Output Current Capability and Short Circuit protection
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TPS60151


Similar Part No. - TPS60151DRV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60151 TI-TPS60151_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS60151 5-V and 140-mA Charge Pump
More results

Similar Description - TPS60151DRV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60150 TI-TPS60150_09 Datasheet
1Mb / 20P
[Old version datasheet]   TPS60150 5V/140mA Charge Pump Device
TPS60150 TI-TPS60150 Datasheet
1Mb / 20P
[Old version datasheet]   TPS60150 5V/140mA Charge Pump Device
logo
Will Semiconductor Ltd.
WD3168E WILLSEMI-WD3168E Datasheet
714Kb / 10P
   5V/300mA Charge Pump Device
logo
Texas Instruments
TPS60151 TI-TPS60151_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS60151 5-V and 140-mA Charge Pump
logo
Silicon Standard Corp.
SS6845G SSC-SS6845G Datasheet
1Mb / 13P
   Regulated 5V Charge Pump
logo
YOBON TECHNOLOGIES,INC.
YB1300 YOBON-YB1300 Datasheet
223Kb / 8P
   Regulated Charge Pump 5V 100mA
logo
Semtech Corporation
SC1517-5 SEMTECH-SC1517-5 Datasheet
111Kb / 10P
   MICROPOWER, REGULATED 5V CHARGE PUMP
logo
Advanced Analogic Techn...
AAT3125 ANALOGICTECH-AAT3125 Datasheet
181Kb / 12P
   USB OTG 5V Charge Pump
logo
Fairchild Semiconductor
FAN5665 FAIRCHILD-FAN5665 Datasheet
473Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
   Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com