Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61086DRC Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS61086DRC
Description  18.5 V PFM/PWM STEP-UP DC-DC CONVERTER WITH 2.0 A SWITCH
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61086DRC Datasheet(HTML) 3 Page - Texas Instruments

  TPS61086DRC Datasheet HTML 1Page - Texas Instruments TPS61086DRC Datasheet HTML 2Page - Texas Instruments TPS61086DRC Datasheet HTML 3Page - Texas Instruments TPS61086DRC Datasheet HTML 4Page - Texas Instruments TPS61086DRC Datasheet HTML 5Page - Texas Instruments TPS61086DRC Datasheet HTML 6Page - Texas Instruments TPS61086DRC Datasheet HTML 7Page - Texas Instruments TPS61086DRC Datasheet HTML 8Page - Texas Instruments TPS61086DRC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
ELECTRICAL CHARACTERISTICS
TPS61086
www.ti.com ................................................................................................................................................................................................ SLVSA05 – AUGUST 2009
VIN = 3.3 V, EN = IN, VS = 12 V, TA = –40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VIN
Input voltage range
2.3
6.0
V
IQ
Operating quiescent current into IN
Device not switching, VFB = 1.3 V
75
100
µA
ISDVIN
Shutdown current into IN
EN = GND
1
µA
VUVLO
Under-voltage lockout threshold
VIN falling
2.2
V
VIN rising
2.3
V
TSD
Thermal shutdown
Temperature rising
150
°C
TSDHYS
Thermal shutdown hysteresis
14
°C
LOGIC SIGNALS EN, FREQ
VIH
High level input voltage
VIN = 2.3 V to 6.0 V
2
V
VIL
Low level input voltage
VIN = 2.3 V to 6.0 V
0.5
V
IINLEAK
Input leakage current
EN = GND
0.1
µA
BOOST CONVERTER
VS
Boost output voltage
VIN +
18.5
V
0.5
VFB
Feedback regulation voltage
1.230
1.238
1.246
V
gm
Transconductance error amplifier
107
µA/V
IFB
Feedback input bias current
VFB = 1.238 V
0.1
µA
rDS(on)
N-channel MOSFET on-resistance
VIN = VGS = 5 V, ISW = current limit
0.13
0.20
VIN = VGS = 3.3 V, ISW = current limit
0.16
0.23
ISWLEAK
SW leakage current
EN = GND, VSW = 6.0V
10
µA
ILIM
N-Channel MOSFET current limit
2.0
2.6
3.2
A
ISS
Soft-start current
VSS = 1.238 V
7
10
13
µA
fS
Oscillator frequency
0.9
1.2
1.5
MHz
Line regulation
VIN = 2.3 V to 6.0 V, IOUT = 10 mA
0.0002
%/V
Load regulation
VIN = 3.3 V, IOUT = 1 mA to 400 mA
0.11
%/A
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS61086


Similar Part No. - TPS61086DRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61086 TI-TPS61086_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61086 18.5-V PFM ??PWM Step-Up DC ??DC Converter With 2.0-A Switch
More results

Similar Description - TPS61086DRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61086 TI-TPS61086_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61086 18.5-V PFM ??PWM Step-Up DC ??DC Converter With 2.0-A Switch
logo
Microchip Technology
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
TC115 MICROCHIP-TC115 Datasheet
355Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
2003
logo
Diodes Incorporated
AP1609 DIODES-AP1609 Datasheet
164Kb / 8P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
AP1609 DIODES-AP1609_09 Datasheet
202Kb / 9P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
logo
Anachip Corp
AP1609 ANACHIP-AP1609 Datasheet
181Kb / 8P
   PWM/PFM Dual Mode Step-up DC/DC Converter
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
   PFM STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com