Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61093 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61093
Description  LOW INPUT BOOST CONVERTER WITH INTEGRATED POWER DIODE AND INPUT/OUTPUT ISOLATION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61093 Datasheet(HTML) 4 Page - Texas Instruments

  TPS61093 Datasheet HTML 1Page - Texas Instruments TPS61093 Datasheet HTML 2Page - Texas Instruments TPS61093 Datasheet HTML 3Page - Texas Instruments TPS61093 Datasheet HTML 4Page - Texas Instruments TPS61093 Datasheet HTML 5Page - Texas Instruments TPS61093 Datasheet HTML 6Page - Texas Instruments TPS61093 Datasheet HTML 7Page - Texas Instruments TPS61093 Datasheet HTML 8Page - Texas Instruments TPS61093 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DEVICE INFORMATION
PIN ASSIGNMENTS
FB
VO
SW
OUT
SS
CP1
GND
VIN
EN
TOP VIEW
CP2
6
10
5
1
Thermal
Pad
10-PIN2.5mmx2.5mmQFN
TPS61093
SLVS992 – SEPTEMBER 2009.......................................................................................................................................................................................... www.ti.com
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
VIN
2
I
IC Supply voltage input.
VO
10
O
Output of the boost converter. When the output voltage exceeds the over voltage protection (OVP)
threshold, the power switch turns off until VO drops below the over voltage protection hysteresis.
OUT
8
O
Isolation switch is between this pin and VO pin. Connect load to this pin for input/output isolation during
IC shutdown. See WITHOUT ISOLATION FET for the tradeoff between isolation and efficiency.
GND
1
Ground of the IC.
CP1, CP2
3, 4
Connect to flying capacitor for internal charge pump.
EN
5
I
Enable pin (HIGH = enable). When the pin is pulled low for 1 ms, the IC turns off and consumes less
than 1-
µA current.
SS
6
I
Soft start pin. A RC network connecting to the SS pin programs soft start timing. See START UP.
FB
7
I
Voltage feedback pin for output regulation, 0.5-V regulated voltage. An external resistor divider
connected to this pin programs the regulated output voltage.
SW
9
I
Switching node of the IC where the internal PWM switch operates.
Thermal Pad
It should be soldered to the ground plane. If possible, use thermal via to connect to ground plane for
ideal power dissipation.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS61093


Similar Part No. - TPS61093

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61093 TI-TPS61093 Datasheet
1Mb / 27P
[Old version datasheet]   TPS61093-Q1 Low Input Boost Converter With Integrated Power Diode and Input/Output Isolation
TPS61093-Q1 TI-TPS61093-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   TPS61093-Q1 Low Input Boost Converter With Integrated Power Diode and Input/Output Isolation
TPS61093-Q1 TI-TPS61093-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS61093-Q1 Low Input Boost Converter With Integrated Power Diode and Input/Output Isolation
TPS61093QDSKRQ1 TI-TPS61093QDSKRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   TPS61093-Q1 Low Input Boost Converter With Integrated Power Diode and Input/Output Isolation
TPS61093QDSKTQ1 TI-TPS61093QDSKTQ1 Datasheet
1Mb / 27P
[Old version datasheet]   TPS61093-Q1 Low Input Boost Converter With Integrated Power Diode and Input/Output Isolation
More results

Similar Description - TPS61093

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61093 TI-TPS61093_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS61093 Low-Input Boost Converter With Integrated Power Diode and Input/Output Isolation
TPS61093-Q1 TI-TPS61093-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS61093-Q1 Low Input Boost Converter With Integrated Power Diode and Input/Output Isolation
TLV61046A TI1-TLV61046A Datasheet
1Mb / 24P
[Old version datasheet]   28-V Output Voltage Boost Converter with Power Diode and Isolation Switch
logo
AIMTEC
AM6TIW-RZ AIMTEC-AM6TIW-RZ Datasheet
174Kb / 4P
   Input / Output Isolation 1500 and 3000VDC
AM6TI-Z AIMTEC-AM6TI-Z Datasheet
190Kb / 4P
   Input / Output Isolation 1500 and 3000VDC
logo
Texas Instruments
TPS61260 TI1-TPS61260 Datasheet
1,004Kb / 21P
[Old version datasheet]   TINY LOW INPUT VOLTAGE BOOST CONVERTER
MAY2011
logo
Intersil Corporation
ISL97701 INTERSIL-ISL97701 Datasheet
189Kb / 10P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
logo
Renesas Technology Corp
ISL97701 RENESAS-ISL97701 Datasheet
547Kb / 11P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
logo
Microchip Technology
MCP1641X MICROCHIP-MCP1641X Datasheet
1Mb / 44P
   Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
02/28/20
MCP1641X MICROCHIP-MCP1641X_V01 Datasheet
1Mb / 44P
   Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
Revision D September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com