Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L1183A Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L1183A
Description  300mA CMOS LDO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1183A Datasheet(HTML) 1 Page - Unisonic Technologies

  L1183A Datasheet HTML 1Page - Unisonic Technologies L1183A Datasheet HTML 2Page - Unisonic Technologies L1183A Datasheet HTML 3Page - Unisonic Technologies L1183A Datasheet HTML 4Page - Unisonic Technologies L1183A Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L1183A
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R502-315.d
300mA CMOS LDO
DESCRIPTION
The UTC L1183A is a COMS positive linear regulator. One of
it’s feature is the very low quiescent current typical as low as 30μA
and its dropout voltage is extremely low with 300mA output current.
The internal circuit includes thermal shutdown and current
fold-back to prevent device failure when the circuit is operated in the
bad conditions.
In application, the UTC L1183A needs a low noise, regulated
supply. For stable operation, the output capacitance value should be
2.2μF or more.
The UTC L1183A is an ideal for battery applications, such as
instrumentations, portable electronics, wireless devices, cordless
phones, PC peripherals, and battery powered widgets.
FEATURES
* Accurate to within 1.5%
* Quiescent current: 30μA
* Internal over-temperature shutdown
* With current limiting
* Internal short circuit current fold-back
* Has power-saving shutdown mode
* Very low temperature coefficient
* Halogen Free
SOT-25
1
3
5
2
4
ORDERING INFORMATION
Ordering Number
Package
Packing
L1183AG-xx-AF5-R
SOT-25
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - L1183A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1183A UTC-L1183A Datasheet
173Kb / 5P
   300mA CMOS LDO
L1183A UTC-L1183A Datasheet
196Kb / 6P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183A UTC-L1183A Datasheet
155Kb / 6P
   300mA CMOS LDO
L1183AG-XX-AF5-R UTC-L1183AG-XX-AF5-R Datasheet
173Kb / 5P
   300mA CMOS LDO
More results

Similar Description - L1183A

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com