Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65170 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65170
Description  LCD Bias Supply
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65170 Datasheet(HTML) 1 Page - Texas Instruments

  TPS65170 Datasheet HTML 1Page - Texas Instruments TPS65170 Datasheet HTML 2Page - Texas Instruments TPS65170 Datasheet HTML 3Page - Texas Instruments TPS65170 Datasheet HTML 4Page - Texas Instruments TPS65170 Datasheet HTML 5Page - Texas Instruments TPS65170 Datasheet HTML 6Page - Texas Instruments TPS65170 Datasheet HTML 7Page - Texas Instruments TPS65170 Datasheet HTML 8Page - Texas Instruments TPS65170 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
IsolationSwitch
Control
Boost
Converter
Buck
Converter
Positive
LDOController
Negative
LDOController
Reset
Generator
TPS65170
www.ti.com
SLVSA27 – OCTOBER 2009
LCD Bias Supply
Check for Samples :TPS65170
The TPS65170 also provides a reset circuit that
1
FEATURES
monitors the buck converter output (VLOGIC) and
8.6V to 14.7V Input Voltage Range
generates a reset signal for the timing controller
2.8A Boost Converter Switch Current Limit
during power-up.
Boost Converter Output Voltages up to 18.5V
A control signal can also be generated to control an
Boost and Buck Converter Short-Circuit
external MOSFET isolation switch located between
Protection
the output of the boost converter and the display
panel.
1.5A Buck Converter Switch Current Limit
Fixed 750kHz Switching Frequency for Buck
and Boost Converters
Fixed Buck Converter Soft-Start
Programmable Boost Converter Soft-Start
Two Charge Pump Controllers to Regulate VGH
and VGL
Control Signal for External High-Side MOSFET
Isolation Switch
Reset Signal With Programmable Reset Pulse
Duration
Thermal Shutdown
28-Pin 5×5 mm QFN Package
APPLICATIONS
LCD TVs and Monitors
DESCRIPTION
The TPS65170 provides a simple and economic
power supply solution for a wide variety of LCD bias
applications.
In typical display panel applications, the boost
converter
generates
the
display
panel’s
source
voltage
VS, the buck converter generates the
system’s logic supply VLOGIC, and the two charge
pump controllers regulate the external charge pumps
generating the display transistors’ on and off supplies
VGH and VGL.
By using external transistors to regulate the charge
pump output voltage, power dissipation in the IC is
significantly reduced, simplifying PCB thermal design
and improving reliability.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS65170

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65175 TI1-TPS65175 Datasheet
701Kb / 9P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
TPS65175ARSHR TI-TPS65175ARSHR Datasheet
693Kb / 8P
[Old version datasheet]   To request a full data sheet, please send an email to
TPS65175ARSHR TI1-TPS65175ARSHR Datasheet
701Kb / 9P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
TPS65175B TI1-TPS65175B Datasheet
701Kb / 9P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
TPS65175BRSHR TI1-TPS65175BRSHR Datasheet
701Kb / 9P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
More results

Similar Description - TPS65170

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G2523 GMT-G2523 Datasheet
197Kb / 2P
   Integrated LCD Bias Power Supply
logo
Maxim Integrated Produc...
MAX749 MAXIM-MAX749 Datasheet
105Kb / 12P
   Digitally Adjustable LCD Bias Supply
Rev 1; 2/95
MAX1605 MAXIM-MAX1605_V01 Datasheet
1Mb / 10P
   30V Internal Switch LCD Bias Supply
2018
MAX1605 MAXIM-MAX1605 Datasheet
347Kb / 12P
   30V Internal Switch LCD Bias Supply
19-1666; Rev 1; 10/03
logo
Texas Instruments
TPS65167 TI-TPS65167_07 Datasheet
1Mb / 39P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65167 TI-TPS65167 Datasheet
1Mb / 37P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65166 TI1-TPS65166 Datasheet
3Mb / 41P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65163 TI1-TPS65163 Datasheet
1Mb / 43P
[Old version datasheet]   LCD Bias Supply With Integrated Level Shifters
logo
Global Mixed-mode Techn...
G5520A GMT-G5520A Datasheet
186Kb / 1P
   Bias Power Supply for TFT LCD Panels
G5520 GMT-G5520 Datasheet
140Kb / 1P
   Bias Power Supply for TFT LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com