Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPG01NBT-C0 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # PPG01NBT-C0
Description  GREEN HIGH POWER LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PPG01NBT-C0 Datasheet(HTML) 4 Page - Unisonic Technologies

  PPG01NBT-C0 Datasheet HTML 1Page - Unisonic Technologies PPG01NBT-C0 Datasheet HTML 2Page - Unisonic Technologies PPG01NBT-C0 Datasheet HTML 3Page - Unisonic Technologies PPG01NBT-C0 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PPG01NBT-C0
LIGHT EMITTING DIODE
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R125-014.A
TYPICAL CHARACTERISTICS
-100
60
-80
100
0.00
Wavelength Characteristics
Angular Displacement (degrees)
-20
20.00
40.00
20
380
630
430
730
0.0
0.8
480
0.2
0.4
0.6
530
1.0
680
580
780
Wavelength (nm)
Input Current=350mA, TJ=25℃
-60-40
0
40
80
60.00
80.00
100.00
120.00
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - PPG01NBT-C0

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PPG01BBT-C0 UTC-PPG01BBT-C0 Datasheet
136Kb / 4P
   GREEN HIGH POWER LED
More results

Similar Description - PPG01NBT-C0

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
SMB1N-525V-02 ROITHNER-SMB1N-525V-02 Datasheet
712Kb / 4P
   green high power led
SMB1N-D520-02 ROITHNER-SMB1N-D520-02 Datasheet
689Kb / 4P
   green high power led
SMB1N-D520 ROITHNER-SMB1N-D520 Datasheet
1Mb / 4P
   Green High Power LED
logo
Unisonic Technologies
PPG01BBT-C0 UTC-PPG01BBT-C0 Datasheet
136Kb / 4P
   GREEN HIGH POWER LED
logo
Roithner LaserTechnik G...
SMB1N-525V ROITHNER-SMB1N-525V Datasheet
736Kb / 4P
   green high power led
SMB1N-515V ROITHNER-SMB1N-515V Datasheet
668Kb / 4P
   green high power led
SMB1N-515V-02 ROITHNER-SMB1N-515V-02 Datasheet
863Kb / 4P
   green high power led
logo
Luminus, Inc
SST-10-G LUMINUS-SST-10-G Datasheet
1Mb / 13P
   Green LED High Power Green LED with Peak Wavelength of 530nm
logo
List of Unclassifed Man...
SML-LX1610UPGCA ETC2-SML-LX1610UPGCA Datasheet
59Kb / 1P
   10.60 x 10mm HIGH POWER LED 590nm GREEN LED.
logo
LUMEX INC.
SML-LX1610UPGC LUMEX-SML-LX1610UPGC Datasheet
57Kb / 1P
   10.60 x 10mm HIGH POWER LED, 525nm GREEN LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com