Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF8010 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UF8010
Description  80 Amps, 100 Volts N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF8010 Datasheet(HTML) 4 Page - Unisonic Technologies

  UF8010 Datasheet HTML 1Page - Unisonic Technologies UF8010 Datasheet HTML 2Page - Unisonic Technologies UF8010 Datasheet HTML 3Page - Unisonic Technologies UF8010 Datasheet HTML 4Page - Unisonic Technologies UF8010 Datasheet HTML 5Page - Unisonic Technologies UF8010 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UF8010
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-348.a
TEST CIRCUITS AND WAVEFORMS
RG
1
2
-
+
3
+
-
D.U.T.
4
-
+
+
- VDD
* Reverse Polarity of D.U.T. for P-Channel
· dv/dt controlled by RG
· Driver same type as D.U.T
· ISD controlled by Duty Factor “D”
· D.U.T. – Device Under Test
Circuit Layout Considerations
· Low Stray Inductance
· Ground Plane
· Low Leakage Inductance
Current Transformer
Peak Diode Recovery dv/dt Test Circuit
VDD
ISD
Ripple≤5%
Inductor Current
D.U.T. VDS Waveform
4
2
Body Diode Forward Drop
Body Diode Forward
Current
Diode Recovery
dv/dt
di/dt
D.U.T. ISD Waveform
Re-Applied
Voltage
Reverse
Recovery
Current
3
1
P.W.
Period
Driver Gate Drive
Period
P.W.
D=
VGS=10V*
* VGS = 5.0V for Logic Level Devices


Similar Part No. - UF8010

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF8010 UTC-UF8010 Datasheet
193Kb / 6P
   80A, 100V N-CHANNEL POWER MOSFET
logo
Yea Shin Technology Co....
UF8010 YEASHIN-UF8010 Datasheet
70Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 1000 Volts CURRENT - 8.0 Ampere
logo
PACELEADER INDUSTRIAL
UF8010 PACELEADER-UF8010 Datasheet
284Kb / 2P
   SUPERFAST mount reverse voltage
logo
Yea Shin Technology Co....
UF8010F YEASHIN-UF8010F Datasheet
39Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 1000 Volts CURRENT - 8.0 Ampere
logo
PACELEADER INDUSTRIAL
UF8010F PACELEADER-UF8010F Datasheet
327Kb / 2P
   SURFACE MOUNT REVERSE voltage
More results

Similar Description - UF8010

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
60N08 UTC-60N08 Datasheet
187Kb / 6P
   60 Amps, 80 Volts N-CHANNEL POWER MOSFET
7N10 UTC-7N10 Datasheet
170Kb / 6P
   7 Amps, 100 Volts N-CHANNEL POWER MOSFET
6N10Z UTC-6N10Z Datasheet
197Kb / 4P
   6.5 Amps, 100 Volts N-CHANNEL POWER MOSFET
logo
Chongqing Pingwei Enter...
8N10P CHONGQING-8N10P Datasheet
511Kb / 7P
   8 Amps,100 Volts N-CHANNEL Power MOSFET
12N10P CHONGQING-12N10P Datasheet
532Kb / 7P
   12 Amps,100 Volts N-CHANNEL Power MOSFET
logo
Unisonic Technologies
UT2N10 UTC-UT2N10 Datasheet
150Kb / 3P
   2 Amps,100 Volts N-CHANNEL POWER MOSFET
UT12N10 UTC-UT12N10 Datasheet
150Kb / 4P
   12 Amps, 100 Volts N-CHANNEL POWER MOSFET
6N10 UTC-6N10 Datasheet
147Kb / 4P
   6 Amps, 100 Volts N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NTMD3N08LR2 ONSEMI-NTMD3N08LR2 Datasheet
97Kb / 12P
   Power MOSFET 2.3 Amps, 80 Volts
August, 2002 ??Rev. 2
NTB5411N ONSEMI-NTB5411N Datasheet
148Kb / 7P
   Power MOSFET 80 Amps, 60 Volts N-Channel D2PAK, TO-220
October, 2009 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com