Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65720YFFT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65720YFFT
Description  PMU for Bluetooth Headsets
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65720YFFT Datasheet(HTML) 4 Page - Texas Instruments

  TPS65720YFFT Datasheet HTML 1Page - Texas Instruments TPS65720YFFT Datasheet HTML 2Page - Texas Instruments TPS65720YFFT Datasheet HTML 3Page - Texas Instruments TPS65720YFFT Datasheet HTML 4Page - Texas Instruments TPS65720YFFT Datasheet HTML 5Page - Texas Instruments TPS65720YFFT Datasheet HTML 6Page - Texas Instruments TPS65720YFFT Datasheet HTML 7Page - Texas Instruments TPS65720YFFT Datasheet HTML 8Page - Texas Instruments TPS65720YFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
TPS65720
TPS65721
SLVS979 – OCTOBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VSYS = 3.6V, VDCDC1 = 2.05V, PFM mode, L = 3.3μH, COUTDCDC1 = 4.7μF, VINLDO1=2.05V, VLDO1=1.85V, TA = –40°C to 85°C
typical values apply in a temperature range of 10°C to 35°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SDAT, SCLK, PB_IN, HOLD, GPIO0 TO GPIO3, INT, RESET, THRESHOLD
High level input voltage for SCLK, SDAT, GPIOx,
VIH
GPIOs configured as input
1.2
VSYS
V
HOLD_DCDC1, HOLD_LDO1, PB_IN
Low level input voltage for SCLK, SDAT, GPIOx,
VIL
GPIOs configured as input
0
0.4
V
HOLD_DCDC1, HOLD_LDO1, PB_IN
Low level output voltage for SDAT, GPIOx, INT,
VOL
GPIOs configured as output; Io=1mA; no internal pull-up
0
0.4
V
RESET
GPIO2, GPIO3 configured as current sink; VOL=0.4V ; for
Sink current for GPIO2, GPIO3
–20%
5
20%
mA
Tj=0°C to 85°C
IOL
Sink current for GPIOx
GPIOx configured as open drain output ; output = LOW
3
mA
Minimum voltage for proper current regulation from
VOL
GPIO2 or GPIO3 to GND if programmed as a
Io=5mA; current sink turned on
0.4
V
current sink
VLDO1,
VLDO1,
VRESET-falling
Falling edge; Reset is asserted LOW for TPS65720
V
nom-13%
nom-7%
LDO1 out of regulation reset voltage
Rising edge; Reset is released HIGH for TPS65720 after
VLDO1,
VRESET-rising
V
TRESET
nom-4%
Low to high transition of RESET pin, depending on setting of
9
11
13
ms
Bit RESET_DELAY
70
90
110
TRESET
Reset delay time on pin RESET
HIGH to LOW transition of RESET pin RESET will go low by
HOLD pin going LOW AND HOLD Bit set to 0 OR voltage at
10
μs
Vreset falling below the threshold
VTHRESHOLD_down Threshold voltage for reset input
Falling voltage; QFN package only
–3%
570
3%
mV
VTHRESHOLD_hys Hysteresis on THRESHOLD
Rising voltage; QFN package only
30
mV
Tdebounce
Debounce time at PB_IN
Rising and falling voltage
39
50
60
ms
PB_IN, SDAT, SCLK, GPIOx configured as output, INT,
ILKG
Input leakage current
0.2
μA
RESET, output high impedance
STEP-DOWN CONVERTER
VSYS
Input voltage for DCDC1
2.3
5.6
V
VSYS falling
2.15
2.2
2.25
V
UVLO
Internal undervoltage lockout threshold hysteresis
VSYS rising
120
mV
POWER SWITCH
VSYS = VINDCDC1 = 3.6V, YFF package
350
600
RDS(ON)
High side MOSFET on-resistance
m
VSYS = VINDCDC1 = 3.6V, RSN package
400
650
ILK_HS
High side MOSFET leakage current
VDS = 5.6V
1
μA
VINDCDC1/2 = 3.6 V, YFF package
300
500
m
RDS(ON)
Low side MOSFET on-resistance
VINDCDC1/2 = 3.6 V, RSN package
350
550
m
ILK_LS
Low side MOSFET leakage current
VDS = 5.6 V
1
μA
2.3 V
≤ VIN ≤ 5.6 V, TPS65720
425
600
775
mA
Forward current limit high-side and low side
ILIMF
MOSFET
2.3 V
≤ VIN ≤ 5.6 V, TPS65721
625
850
1150
mA
VSYS > 2.7 V; TPS65720
200
Io
DC output current
mA
VSYS > 2.7 V ; TPS65721
400
OSCILLATOR
fSW
Oscillator Frequency
2.03
2.25
2.48
MHz
OUTPUT
VOUT
Output Voltage Range
0.6
Vin
V
VFB
Feedback voltage
0.6
V
IFB
FB pin input current
0.1
μA
VIN = 2.3 V to 5.6 V; PFM operation, 0 mA < IOUT < IOUTMAX
1%
3%
DC Output voltage accuracy
(1)
VOUT
VIN = 2.3 V to 5.6 V, PWM operation, 0 mA < IOUT < IOUTMAX
–2%
2%
DC output voltage load regulation
PWM operation
0.5
%/A
VDCDC1,
VDCDC1,
VPGOOD-falling
PGOOD threshold at falling output voltage
<PGOODZ_DCDC1> is set to 1
V
nom-14%
nom-7%
VDCDC1,
VPGOOD-rising
PGOOD threshold at rising output voltage
<PGOODZ_DCDC1> is set to 0
V
nom-5%
tStart
Start-up time
Time from active EN to Start switching
170
μs
tRamp
VOUT ramp time
Time to ramp from 5% to 95% of VOUT
250
μs
(1)
Output voltage specification does not include tolerance of external voltage programming resistors
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65720 TPS65721


Similar Part No. - TPS65720YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65720YFFT TI1-TPS65720YFFT Datasheet
2Mb / 66P
[Old version datasheet]   Integrated PMIC
TPS65720YFFT TI1-TPS65720YFFT Datasheet
2Mb / 66P
[Old version datasheet]   Integrated PMIC With 1 DC-DC, 1 LDO, Battery Charger and GPIO
More results

Similar Description - TPS65720YFFT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ZL38090 MICROSEMI-ZL38090 Datasheet
2Mb / 64P
   Designed for USB Headsets and Microphones
Revision 2.0
logo
Texas Instruments
BQ25010 TI-BQ25010 Datasheet
295Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR BLUETOOTH HEADSETS AND OTHER PORTABLE APPLICATIONS (bqHYBRID??
logo
Renesas Technology Corp
DA1469X RENESAS-DA1469X Datasheet
8Mb / 757P
   Multi-Core Bluetooth® 5.2 SoC Family with System PMU
22-Apr-2022
logo
Texas Instruments
TPS659121 TI1-TPS659121_16 Datasheet
3Mb / 145P
[Old version datasheet]   PMU for Processor Power
TPS659121 TI1-TPS659121 Datasheet
116Kb / 8P
[Old version datasheet]   PMU FOR PROCESSOR POWER
logo
Monolithic Power System...
MP5414 MPS-MP5414 Datasheet
687Kb / 22P
   PMU for 3D Glasses
logo
Texas Instruments
TPS659122 TI1-TPS659122 Datasheet
441Kb / 10P
[Old version datasheet]   PMU FOR PROCESSOR POWER
logo
Kyocera Kinseki Corpota...
CX-4025S KSS-CX-4025S Datasheet
176Kb / 1P
   For Bluetooth
logo
Shenzhen Huazhimei Semi...
HM5801 HMSEMI-HM5801 Datasheet
2Mb / 19P
   PMU for Portable Applications
logo
Maxim Integrated Produc...
MAX9895A MAXIM-MAX9895A Datasheet
1Mb / 22P
   Active Noise-Cancelling Solution for Stereo Headsets
19-4478; Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com