Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65721RSNR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65721RSNR
Description  PMU for Bluetooth Headsets
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65721RSNR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65721RSNR Datasheet HTML 4Page - Texas Instruments TPS65721RSNR Datasheet HTML 5Page - Texas Instruments TPS65721RSNR Datasheet HTML 6Page - Texas Instruments TPS65721RSNR Datasheet HTML 7Page - Texas Instruments TPS65721RSNR Datasheet HTML 8Page - Texas Instruments TPS65721RSNR Datasheet HTML 9Page - Texas Instruments TPS65721RSNR Datasheet HTML 10Page - Texas Instruments TPS65721RSNR Datasheet HTML 11Page - Texas Instruments TPS65721RSNR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
TPS65720
TPS65721
SLVS979 – OCTOBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VSYS = 3.6V, VDCDC1 = 2.05V, PFM mode, L = 3.3μH, COUTDCDC1 = 4.7μF, VINLDO1=2.05V, VLDO1=1.85V, TA = –40°C to 85°C
typical values apply in a temperature range of 10°C to 35°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BATTERY-PACK NTC MONITOR
Thermistor high temperature detection resistance
4.3
5
5.7
k
(equals 45°C for 10k NTC; B=3380)
Thermistor high temperature detection resistance
3.5
4.1
4.8
k
(equals 50°C for 10k NTC; B=3380)
Thermistor high temperature detection resistance
2.9
3.5
4.2
k
(equals 55°C for 10k NTC; B=3380 )
Thermistor high temperature detection resistance
2.4
3
3.5
k
(equals 60°C for 10k NTC; B=3380)
Hot temperature detected and charging suspended when the
RNTCHOT
resistance of the battery-NTC is lower than RNTCHOT
Thermistor high temperature detection resistance
43
50
57
k
(equals 45°C for 100k NTC)
Thermistor high temperature detection resistance
35
41
48
k
(equals 50°C for 100k NTC)
Thermistor high temperature detection resistance
29
35
42
k
(equals 55°C for 100k NTC)
Thermistor high temperature detection resistance
24
30
35
k
(equals 60°C for 100k NTC)
Thermistor low temperature detection resistance
25
27
30
k
(equals 0°C for 10k NTC; B=3380)
Thermistor low temperature detection resistance
20
22
24
k
(equals 5°C for 10k NTC; B=3380)
Thermistor low temperature detection resistance
16
18
20
k
(equals 10°C for 10k NTC; B=3380 )
Thermistor low temperature detection resistance
13
15
16
k
(equals 15°C for 10k NTC; B=3380)
Cold temperature detected and charging suspended when the
RNTCCOLD
resistance of the battery-NTC is higher than RNTCCOLD
Thermistor low temperature detection resistance
250
270
300
k
(equals 0°C for 100k NTC)
Thermistor low temperature detection resistance
200
220
240
k
(equals 5°C for 100k NTC)
Thermistor low temperature detection resistance
160
180
200
k
(equals 10°C for 100k NTC)
Thermistor low temperature detection resistance
130
150
160
k
(equals 15°C for 100k NTC)
VHYS(COLD)
Low temperature trip point hysteresis
For 10k NTC; B=3380
5
°C
Thermistor not detected for 10k NTC
260
340
620
k
Hot temperature detected and charging suspended when the
RNOSENSOR
resistance of the battery-NTC is higher than RNOSENSOR
Thermistor not detected for 100k NTC
2500
3400
6200
k
tDGL(TS)
Deglitch time, pack temperature fault detection
50
ms
THERMAL REGULATION
TJ(REG)
Lower Temperature regulation limit
115
°C
TJ(REG)
Upper Temperature regulation limit
135
°C
TJ(OFF)
Thermal shutdown temperature
155
°C
TJ(OFF-HYS)
Thermal shutdown hysteresis
20
°C
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65720 TPS65721


Similar Part No. - TPS65721RSNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65721RSNR TI1-TPS65721RSNR Datasheet
2Mb / 66P
[Old version datasheet]   Integrated PMIC
TPS65721RSNR TI1-TPS65721RSNR Datasheet
2Mb / 66P
[Old version datasheet]   Integrated PMIC With 1 DC-DC, 1 LDO, Battery Charger and GPIO
More results

Similar Description - TPS65721RSNR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ZL38090 MICROSEMI-ZL38090 Datasheet
2Mb / 64P
   Designed for USB Headsets and Microphones
Revision 2.0
logo
Texas Instruments
BQ25010 TI-BQ25010 Datasheet
295Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR BLUETOOTH HEADSETS AND OTHER PORTABLE APPLICATIONS (bqHYBRID??
logo
Renesas Technology Corp
DA1469X RENESAS-DA1469X Datasheet
8Mb / 757P
   Multi-Core Bluetooth® 5.2 SoC Family with System PMU
22-Apr-2022
logo
Texas Instruments
TPS659121 TI1-TPS659121_16 Datasheet
3Mb / 145P
[Old version datasheet]   PMU for Processor Power
TPS659121 TI1-TPS659121 Datasheet
116Kb / 8P
[Old version datasheet]   PMU FOR PROCESSOR POWER
logo
Monolithic Power System...
MP5414 MPS-MP5414 Datasheet
687Kb / 22P
   PMU for 3D Glasses
logo
Texas Instruments
TPS659122 TI1-TPS659122 Datasheet
441Kb / 10P
[Old version datasheet]   PMU FOR PROCESSOR POWER
logo
Kyocera Kinseki Corpota...
CX-4025S KSS-CX-4025S Datasheet
176Kb / 1P
   For Bluetooth
logo
Shenzhen Huazhimei Semi...
HM5801 HMSEMI-HM5801 Datasheet
2Mb / 19P
   PMU for Portable Applications
logo
Maxim Integrated Produc...
MAX9895A MAXIM-MAX9895A Datasheet
1Mb / 22P
   Active Noise-Cancelling Solution for Stereo Headsets
19-4478; Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com